Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEH4130MS Datasheet(PDF) 1 Page - Sumida Corporation

Part # EEH4130MS
Description  General Power Transformer Type:EEH Series>
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

EEH4130MS Datasheet(HTML) 1 Page - Sumida Corporation

  EEH4130MS Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
General Power Transformer <Pin Type:EEH Series>
Type: EEH4130/MS
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
◆ Product Description
・41.656×35.56 mm Max.(L×W), 30.48mm Max. Height.
・In addition to the typical versions of parameters shown here,
custom designs are available to meet your exact requirements
◆ Feature
・Max. Operating frequency 500kHz. Max Operating Power 50.0W(500kHz)
・Ideally used in switching power supply etc.
・RoHS Compliance
◆ Dimensions (mm)
◆ Specification
Sample No. P01NZ-098


Similar Part No. - EEH4130MS

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
EEH-ZA PANASONICBATTERY-EEH-ZA Datasheet
540Kb / 1P
   EEH-ZA & EEH-ZC Series
logo
Panasonic Semiconductor
EEH-ZA1E560P PANASONIC-EEH-ZA1E560P Datasheet
74Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors/ZA
EEH-ZA1H100R PANASONIC-EEH-ZA1H100R Datasheet
76Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitor/ZA
EEH-ZA1H330XP PANASONIC-EEH-ZA1H330XP Datasheet
142Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors / ZA
EEH-ZA1J220XP PANASONIC-EEH-ZA1J220XP Datasheet
74Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors/ZA
More results

Similar Description - EEH4130MS

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
EEH3223 SUMIDA-EEH3223 Datasheet
67Kb / 1P
   General Power Transformer
EEH2218 SUMIDA-EEH2218 Datasheet
101Kb / 1P
   General Power Transformer
EEH2013 SUMIDA-EEH2013 Datasheet
41Kb / 1P
   General Power Transformer
EEH3425 SUMIDA-EEH3425 Datasheet
106Kb / 1P
   General Power Transformer
EI3330 SUMIDA-EI3330 Datasheet
121Kb / 1P
   General Power Transformer < Pin Type:EI Series>
EE1621 SUMIDA-EE1621 Datasheet
38Kb / 1P
   General Power Transformer< Pin Type:EE Series>
ER4831 SUMIDA-ER4831 Datasheet
134Kb / 1P
   General Power Transformer
EE4128 SUMIDA-EE4128 Datasheet
58Kb / 1P
   General Power Transformer
EI-2520 SUMIDA-EI-2520 Datasheet
76Kb / 1P
   General Power Transformer < Pin Type:EI Series>
EE1916 SUMIDA-EE1916 Datasheet
35Kb / 1P
   General Power Transformer < Pin Type:EE Series>
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com