Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCPI-XH2520-472 Datasheet(PDF) 2 Page - Sumida Corporation

Part # SCPI-XH2520-472
Description  Multilayer Chip Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SCPI-XH2520-472 Datasheet(HTML) 2 Page - Sumida Corporation

  SCPI-XH2520-472 Datasheet HTML 1Page - Sumida Corporation SCPI-XH2520-472 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE
Multilayer Chip Power Inductors
——
SCPI-XH2520
2/2
*All specifications are subject to change without notice.
Electrical Parameters
Inductance at 1MHz(µH)
DC Resistance (mΩ)
Part Number
Typ.
Tolerance
±30%
Current (mA) *
1)
ΔT/To :40℃
SCPI-XH2520-122□□□
1.2
85
1900
SCPI-XH2520-152□□□
1.5
100
1600
SCPI-XH2520-222□□□
2.2
110
1500
SCPI-XH2520-332□□□
3.3
130
1400
SCPI-XH2520-472□□□
4.7
± 30%
150
1300
*1)Temperature rise current: The DC current at which the temperature rise due to self-heating is △t=40℃.(Ta=20℃)
Electrical Characteristic Curves
Test Equipment & Fixture
L, Q : HP4285A LCR Meter
Rdc : TWA-161A, B
L Test Frequency : 1MHz
Inductance vs Frequency
Temperature vs Bias(ΔT)
Inductance vs Bias(ΔL)
0
200
400
600
800 1000 1200 1400 1600 1800 2000 2200
20
40
60
80
1.2uH
4.7uH 3.3uH
1.5uH
2.2uH
Bias (mA)
0
100
200
300
400
500
600
700
800
2.0
4.0
6.0
8.0
1.5uH
4.7uH
1.0uH
2.2uH
3.3uH
Bias (mA)
1M
10M
100M
2.0
4.0
6.0
8.0
1.5uH
1.0uH
3.3uH
4.7uH
2.2uH
Frequency [Hz]


Similar Part No. - SCPI-XH2520-472

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SCPI-X2016-122 SUMIDA-SCPI-X2016-122 Datasheet
443Kb / 2P
   Multilayer Chip Power Inductors
SCPI-X2016-222 SUMIDA-SCPI-X2016-222 Datasheet
443Kb / 2P
   Multilayer Chip Power Inductors
SCPI-X2016-332 SUMIDA-SCPI-X2016-332 Datasheet
443Kb / 2P
   Multilayer Chip Power Inductors
SCPI-X2016-472 SUMIDA-SCPI-X2016-472 Datasheet
443Kb / 2P
   Multilayer Chip Power Inductors
SCPI-X2520B-122 SUMIDA-SCPI-X2520B-122 Datasheet
453Kb / 2P
   Multilayer Chip Power Inductors
More results

Similar Description - SCPI-XH2520-472

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
CKP25204R7M-T TAIYO-YUDEN-CKP25204R7M-T Datasheet
136Kb / 1P
   Multilayer Chip Power Inductors
CKP2012N1R5M-T TAIYO-YUDEN-CKP2012N1R5M-T Datasheet
136Kb / 1P
   Multilayer Chip Power Inductors
CKP2012NR47M-T TAIYO-YUDEN-CKP2012NR47M-T Datasheet
142Kb / 1P
   Multilayer Chip Power Inductors
CKP2520V3R3M-T TAIYO-YUDEN-CKP2520V3R3M-T Datasheet
142Kb / 1P
   Multilayer Chip Power Inductors
CKP20161R0M-T TAIYO-YUDEN-CKP20161R0M-T Datasheet
136Kb / 1P
   Multilayer Chip Power Inductors
CKP25201R5M-T TAIYO-YUDEN-CKP25201R5M-T Datasheet
142Kb / 1P
   Multilayer Chip Power Inductors
CKP25201R0M-T TAIYO-YUDEN-CKP25201R0M-T Datasheet
142Kb / 1P
   Multilayer Chip Power Inductors
logo
Sumida Corporation
SCPI-A2520-102 SUMIDA-SCPI-A2520-102 Datasheet
367Kb / 2P
   Multilayer Chip Power Inductors
logo
Taiyo Yuden (U.S.A.), I...
CKP2012N3R3M-T TAIYO-YUDEN-CKP2012N3R3M-T Datasheet
142Kb / 1P
   Multilayer Chip Power Inductors
CKP2012N4R7M-T TAIYO-YUDEN-CKP2012N4R7M-T Datasheet
136Kb / 1P
   Multilayer Chip Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com