Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16CTQ080G Datasheet(PDF) 5 Page - International Rectifier

Part # 16CTQ080G
Description  SCHOTTKY RECTIFIER 16 Amp
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

16CTQ080G Datasheet(HTML) 5 Page - International Rectifier

  16CTQ080G Datasheet HTML 1Page - International Rectifier 16CTQ080G Datasheet HTML 2Page - International Rectifier 16CTQ080G Datasheet HTML 3Page - International Rectifier 16CTQ080G Datasheet HTML 4Page - International Rectifier 16CTQ080G Datasheet HTML 5Page - International Rectifier 16CTQ080G Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Bulletin PD-20685 rev. A 01/06
16CTQ...G
www.irf.com
Part Marking Information
INTERNATIONAL
RECTIFIER
LOGO
ASSEMBLY
LOT CODE
EXAMPLE:
IN THE ASSEMBLY LINE "C"
LOT CODE 1789
G = Schottky Generation
LINE C
PART NUMBER
WEEK 19
DATE CODE
THIS IS A 16CTQ100G
ASSEMBLED ON WW 19, 2001
YEAR 1 = 2001
Conform to JEDEC outline TO-220AB
Dimensions in millimeters and (inches)
Outline Table


Similar Part No. - 16CTQ080G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
16CTQ080G VISHAY-16CTQ080G Datasheet
117Kb / 6P
   Schottky Rectifier, 2 x 8 A
Revision: 22-Aug-08
16CTQ080G VISHAY-16CTQ080G Datasheet
127Kb / 6P
   Schottky Rectifier, 2 x 8 A
Revision: 22-Aug-08
16CTQ080G VISHAY-16CTQ080G Datasheet
512Kb / 6P
   Schottky Rectifier, 2 x 8 A
Revision: 13-Aug-08
16CTQ080G-1 VISHAY-16CTQ080G-1 Datasheet
127Kb / 6P
   Schottky Rectifier, 2 x 8 A
Revision: 22-Aug-08
16CTQ080G-1 VISHAY-16CTQ080G-1 Datasheet
512Kb / 6P
   Schottky Rectifier, 2 x 8 A
Revision: 13-Aug-08
More results

Similar Description - 16CTQ080G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16CTQ060PBF IRF-16CTQ060PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER 16 Amp
logo
Microsemi Corporation
MS1680 MICROSEMI-MS1680 Datasheet
122Kb / 2P
   16 AMP SCHOTTKY RECTIFIER
logo
International Rectifier
16SCYQ030C IRF-16SCYQ030C Datasheet
76Kb / 4P
   SCHOTTKY RECTIFIER 16 Amp, 30V
logo
Microsemi Corporation
MS1635 MICROSEMI-MS1635 Datasheet
120Kb / 2P
   16 AMP SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
MBR1620FCT MCC-MBR1620FCT_13 Datasheet
257Kb / 3P
   16 Amp Schottky Rectifier 20-100 Volts
MBR1620FCT MCC-MBR1620FCT_10 Datasheet
123Kb / 3P
   16 Amp Schottky Rectifier 20-100 Volts
logo
Kersemi Electronic Co.,...
MBR16100FCT KERSEMI-MBR16100FCT Datasheet
1Mb / 2P
   16 Amp Schottky Rectifier 20-100 Volts
logo
Micro Commercial Compon...
MBR1620FCT MCC-MBR1620FCT Datasheet
761Kb / 3P
   16 Amp Schottky Rectifier 20-100 Volts
logo
SHENZHEN YONGERJIA INDU...
SK22 WINNERJOIN-SK22 Datasheet
233Kb / 3P
   Amp Schottky Rectifier
logo
Micro Commercial Compon...
MBR1620 MCC-MBR1620 Datasheet
114Kb / 2P
   16 Amp Schottky Barrier Rectifier 20 to 60 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com