Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16CTQ100G Datasheet(PDF) 3 Page - International Rectifier

Part # 16CTQ100G
Description  SCHOTTKY RECTIFIER 16 Amp
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

16CTQ100G Datasheet(HTML) 3 Page - International Rectifier

  16CTQ100G Datasheet HTML 1Page - International Rectifier 16CTQ100G Datasheet HTML 2Page - International Rectifier 16CTQ100G Datasheet HTML 3Page - International Rectifier 16CTQ100G Datasheet HTML 4Page - International Rectifier 16CTQ100G Datasheet HTML 5Page - International Rectifier 16CTQ100G Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Bulletin PD-20685 rev. A 01/06
16CTQ...G
www.irf.com
Fig. 2 - Typical Values Of Reverse Current
Vs. Reverse Voltage (Per Leg)
Fig. 3 - Typical Junction Capacitance
Vs. Reverse Voltage (Per Leg)
Fig. 4 - Max. Thermal Impedance Z
thJC Characteristics (Per Leg)
Fig. 1 - Max. Forward Voltage Drop Characteristics
(Per Leg)
1
10
100
1000
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
2.2
FM
Forward Voltage Drop - V
(V)
T = 175°C
T = 125°C
T = 25°C
J
J
J
0.0001
0.001
0.01
0.1
1
10
100
0
20406080
100
R
150°C
125°C
100°C
75°C
50°C
25°C
T = 175°C
J
Reverse Voltage - V (V)
100
1000
0
20406080
100
T = 25°C
J
R
Reverse Voltage - V (V)
1E-05
1E-04
1E-03
1E-02
1E-01
1E+00
1E+01
0.01
0.1
1
10
Single Pulse
(Thermal Resistance)
D = 0.20
D = 0.75
D = 0.50
D = 0.33
D = 0.25
t
1,RectangularPulseDuration(Seconds)


Similar Part No. - 16CTQ100G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
16CTQ100G VISHAY-16CTQ100G Datasheet
117Kb / 6P
   Schottky Rectifier, 2 x 8 A
Revision: 22-Aug-08
16CTQ100G VISHAY-16CTQ100G Datasheet
127Kb / 6P
   Schottky Rectifier, 2 x 8 A
Revision: 22-Aug-08
16CTQ100G VISHAY-16CTQ100G Datasheet
512Kb / 6P
   Schottky Rectifier, 2 x 8 A
Revision: 13-Aug-08
16CTQ100G VISHAY-16CTQ100G Datasheet
150Kb / 7P
   Schottky Rectifier, 2 x 8 A
Revision: 13-Aug-08
16CTQ100G-1 VISHAY-16CTQ100G-1 Datasheet
127Kb / 6P
   Schottky Rectifier, 2 x 8 A
Revision: 22-Aug-08
More results

Similar Description - 16CTQ100G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16CTQ060PBF IRF-16CTQ060PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER 16 Amp
logo
Microsemi Corporation
MS1680 MICROSEMI-MS1680 Datasheet
122Kb / 2P
   16 AMP SCHOTTKY RECTIFIER
logo
International Rectifier
16SCYQ030C IRF-16SCYQ030C Datasheet
76Kb / 4P
   SCHOTTKY RECTIFIER 16 Amp, 30V
logo
Microsemi Corporation
MS1635 MICROSEMI-MS1635 Datasheet
120Kb / 2P
   16 AMP SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
MBR1620FCT MCC-MBR1620FCT_13 Datasheet
257Kb / 3P
   16 Amp Schottky Rectifier 20-100 Volts
MBR1620FCT MCC-MBR1620FCT_10 Datasheet
123Kb / 3P
   16 Amp Schottky Rectifier 20-100 Volts
logo
Kersemi Electronic Co.,...
MBR16100FCT KERSEMI-MBR16100FCT Datasheet
1Mb / 2P
   16 Amp Schottky Rectifier 20-100 Volts
logo
Micro Commercial Compon...
MBR1620FCT MCC-MBR1620FCT Datasheet
761Kb / 3P
   16 Amp Schottky Rectifier 20-100 Volts
logo
SHENZHEN YONGERJIA INDU...
SK22 WINNERJOIN-SK22 Datasheet
233Kb / 3P
   Amp Schottky Rectifier
logo
Micro Commercial Compon...
MBR1620 MCC-MBR1620 Datasheet
114Kb / 2P
   16 Amp Schottky Barrier Rectifier 20 to 60 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com