Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFN1318NP-NM51A Datasheet(PDF) 1 Page - Sumida Corporation

Part # PFN1318NP-NM51A
Description  EMC Choke Coil
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

PFN1318NP-NM51A Datasheet(HTML) 1 Page - Sumida Corporation

  PFN1318NP-NM51A Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EMC Choke Coil<Pin Type: PFN Series >
Type: PFN1318
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
Product Description
19.0mm×14.5mm Max.(L×W), 22.5mm Max. Height .
In addition to the typical versions of parameters shown here,
custom parameters are available to meet your exact requirements.
Feature
Iron dust core is used to realize better DC Saturation characteristics and higher noise
absorption effect.
Less leakage magnetic flux.
Ideally used as normal mode chokes EMI suppression in power supplies or signal lines.
Elimination for impulse noise.
RoHS Compliance
Dimensions (mm)
Specification
Impedance [MIN.]
Part Name.
Inductance
(μH) [MIN.]
At 1kHz
D.C.R.(mΩ)
[MAX.]
(at20℃)
Rated
Current
(A)※1
PFN1318NP-NM3ØA
21
41
770Ω
at 7MHz
1170Ω
at 10MHz
940Ω
at 20MHz
3.7
PFN1318NP-NM41A
39
57
740Ω
at 3MHz
1560Ω
at 5MHz
1340Ω
at 10MHz
3.1
PFN1318NP-NM51A
60
71
1400Ω
at 3MHz
2480Ω
at 4MHz
2680Ω
at 6MHz
2.6
1. Rated current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃).
φ19.0 Max.
Adhesive
16.0 Max.
10.5
14.5 Max.
φ0.70 Max.
Solder


Similar Part No. - PFN1318NP-NM51A

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
PFN1316 SUMIDA-PFN1316 Datasheet
126Kb / 1P
   EMC Choke Coil
PFN1316NP-NM29A SUMIDA-PFN1316NP-NM29A Datasheet
126Kb / 1P
   EMC Choke Coil
PFN1316NP-NM39A SUMIDA-PFN1316NP-NM39A Datasheet
126Kb / 1P
   EMC Choke Coil
More results

Similar Description - PFN1318NP-NM51A

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
PFN1515 SUMIDA-PFN1515 Datasheet
110Kb / 1P
   EMC Choke Coil
PFN0716 SUMIDA-PFN0716 Datasheet
129Kb / 1P
   EMC Choke Coil
PFN1025 SUMIDA-PFN1025 Datasheet
129Kb / 1P
   EMC Choke Coil
PFN1316 SUMIDA-PFN1316 Datasheet
126Kb / 1P
   EMC Choke Coil
SFC1015 SUMIDA-SFC1015 Datasheet
157Kb / 1P
   EMC CHOKE COIL
PFN1329 SUMIDA-PFN1329 Datasheet
128Kb / 1P
   EMC Choke Coil
PFN2029 SUMIDA-PFN2029 Datasheet
128Kb / 1P
   EMC&PFC Choke Coil
PFN2028 SUMIDA-PFN2028 Datasheet
126Kb / 1P
   EMC & PFC Choke Coil
PFN2028 SUMIDA-PFN2028 Datasheet
126Kb / 1P
   EMC & PFC Choke Coil
PFN0818 SUMIDA-PFN0818 Datasheet
134Kb / 1P
   EMC MORMAL MODE CHOKE COIL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com