Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC163MG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC163MG4
Description  High-Speed CMOS Logic Presettable Counters
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC163MG4 Datasheet(HTML) 3 Page - Texas Instruments

  CD74HC163MG4 Datasheet HTML 1Page - Texas Instruments CD74HC163MG4 Datasheet HTML 2Page - Texas Instruments CD74HC163MG4 Datasheet HTML 3Page - Texas Instruments CD74HC163MG4 Datasheet HTML 4Page - Texas Instruments CD74HC163MG4 Datasheet HTML 5Page - Texas Instruments CD74HC163MG4 Datasheet HTML 6Page - Texas Instruments CD74HC163MG4 Datasheet HTML 7Page - Texas Instruments CD74HC163MG4 Datasheet HTML 8Page - Texas Instruments CD74HC163MG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
MODE SELECT - FUNCTION TABLE FOR ’HC161 AND ’HCT161
OPERATING MODE
INPUTS
OUTPUTS
MR
CP
PE
TE
SPE
Pn
Qn
TC
Reset (Clear)
L
XXXXX
L
L
Parallel Load
H
XX
l
l
L
L
H
X
X
l
h
H
(Note 1)
Count
H
h
h
h (Note 3)
X
Count
(Note 1)
Inhibit
H
X
I (Note 2)
X
h (Note 3)
X
qn
(Note 1)
H
X
X
I (Note 2)
h (Note 3)
X
qn
L
MODE SELECT - FUNCTION TABLE FOR ’HC163 AND ’HCT163
OPERATING MODE
INPUTS
OUTPUTS
MR
CP
PE
TE
SPE
Pn
Qn
TC
Reset (Clear)
l
XXXX
L
L
Parallel Load
h (Note 3)
XX
l
l
L
L
h (Note 3)
X
X
l
h
H
(Note 1)
Count
h (Note 3)
h
h
h (Note 3)
X
Count
(Note 1)
Inhibit
h (Note 3)
X
I (Note 2)
X
h (Note 3)
X
qn
(Note 1)
h (Note 3)
X
X
I (Note 2)
h (Note 3)
X
qn
L
H = High voltage level steady state; L = Low voltage level steady state; h = High voltage level one setup time prior to the Low-to-High clock
transition; l = Low voltage level one setup time prior to the Low-to-High clock transition; X = Don’t Care; q = Lower case letters indicate the
state of the referenced output prior to the Low-to-High clock transition;
↑ = Low-to-High clock transition.
NOTES:
1. The TC output is High when TE is High and the counter is at Terminal Count (HHHH for HC/HCT161 and ’HC/HCT163).
2. The High-to-Low transition of PE or TE on the ’HC/HCT161 and the ’HC/HCT163 should only occur while CP is HIGH for conventional
operation.
3. The Low-to-High transition of SPE on the ’HC/HCT161 and SPE or MR on the ’HC/HCT163 should only occur while CP is HIGH for
conventional operation.
CD54/74HC161, CD54/74HCT161, CD54/74HC163, CD54/74HCT163


Similar Part No. - CD74HC163MG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC163M TI-CD74HC163M Datasheet
65Kb / 10P
[Old version datasheet]   High Speed CMOS Logic Presettable Counters
CD74HC163M TI-CD74HC163M Datasheet
285Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Presettable Counters
CD74HC163M96 TI-CD74HC163M96 Datasheet
285Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Presettable Counters
CD74HC163MT TI-CD74HC163MT Datasheet
285Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Presettable Counters
More results

Similar Description - CD74HC163MG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC161 TI-CD74HC161 Datasheet
65Kb / 10P
[Old version datasheet]   High Speed CMOS Logic Presettable Counters
CD54HCT161 TI-CD54HCT161 Datasheet
285Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Presettable Counters
logo
IK Semicon Co., Ltd
IN74AC163 IKSEMICON-IN74AC163 Datasheet
313Kb / 9P
   Presettable Counters High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC163 KODENSHI-KK74AC163 Datasheet
419Kb / 9P
   Presettable Counters High-Speed Silicon-Gate CMOS
KK74ACT163 KODENSHI-KK74ACT163 Datasheet
344Kb / 8P
   Presettable Counters High-Speed Silicon-Gate CMOS
logo
Texas Instruments
CD54HC192 TI-CD54HC192 Datasheet
355Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Presettable Synchronous 4-Bit Up/Down Counters
logo
IK Semicon Co., Ltd
IN74ACT163 IKSEMICON-IN74ACT163 Datasheet
330Kb / 8P
   Presettable Counters High-Speed Silicon-Gate CMOS
logo
Texas Instruments
CD74HC192 TI-CD74HC192 Datasheet
67Kb / 11P
[Old version datasheet]   High Speed CMOS Logic Presettable Synchronous 4-Bit Up/Down Counters
CD54HC192 TI-CD54HC192_07 Datasheet
512Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Presettable Synchronous 4-Bit Up/Down Counters
CD54HC192 TI-CD54HC192_08 Datasheet
374Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Presettable Synchronous 4-Bit Up/Down Counters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com