Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R58NP-6R8MB Datasheet(PDF) 2 Page - Sumida Corporation

Part # R58NP-6R8MB
Description  Power Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

R58NP-6R8MB Datasheet(HTML) 2 Page - Sumida Corporation

  R58NP-6R8MB Datasheet HTML 1Page - Sumida Corporation R58NP-6R8MB Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Inductor< Pin Type :R Series>
Type: R58
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Specification
Saturation
Current(A)※2
Part Name
Stamp
Inductance
[Within] (μH)
※1
D.C.R.
(mΩ)[Max.]
at 20℃
(at 20℃)
(at 105℃)
Temperature
Rise current
(A)※3
R58NP-1RØMB
1R0
1.0±20%
18.8(15.0)
4.56
3.60
4.20
R58NP-1R5MB
1R5
1.5±20%
21.5(17.2)
3.48
3.04
4.00
R58NP-2R2MB
2R2
2.2±20%
25.7(20.5)
3.20
2.52
3.40
R58NP-3R3MB
3R3
3.3±20%
33.3(26.6)
2.48
1.92
3.00
R58NP-4R7MB
4R7
4.7±20%
39.0(31.3)
2.20
1.76
2.70
R58NP-5R6MB
5R6
5.6±20%
41.8(33.4)
2.06
1.66
2.60
R58NP-6R8MB
6R8
6.8±20%
47.0(37.5)
1.82
1.44
2.50
R58NP-8R2MB
8R2
8.2±20%
52.4(42.0)
1.76
1.40
2.35
R58NP-1ØØMB
100
10±20%
61.6(49.3)
1.44
1.12
2.20
R58NP-15ØMB
150
15±20%
78.0(62.5)
1.20
0.96
1.95
R58NP-22ØMB
220
22±20%
118.0(94.6)
0.98
0.80
1.55
R58NP-33ØMB
330
33±20%
170.3(136.3)
0.80
0.66
1.25
R58NP-47ØMB
470
47±20%
236.0(188.8)
0.68
0.54
1.02
R58NP-56ØMB
560
56±20%
305.8(244.6)
0.62
0.50
0.90
R58NP-68ØMB
680
68±20%
398.3(318.6)
0.54
0.44
0.75
R58NP-82ØMB
820
82±20%
451.3(361.0)
0.49
0.40
0.70
R58NP-1Ø1MB
101
100±20%
507.3(405.8)
0.46
0.38
0.60
※1:Measuring Frequency
1.0μH∼8.2μH at 7.96MHz
10μH∼100μH
at 100kHz
※2 Saturation current: The DC current at which the inductance decreases to 90% of it’s initial value.
※3 Temperature rise current: The DC current at which the temperature rise is △t=40℃.(Ta =20℃).


Similar Part No. - R58NP-6R8MB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
R58NP-6R8MB SUMIDA-R58NP-6R8MB Datasheet
188Kb / 4P
   PIN Power Inductor
More results

Similar Description - R58NP-6R8MB

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFRCR875D-102M XFMRS-XFRCR875D-102M_15 Datasheet
59Kb / 1P
   Power Inductor
XFHCL2-1R8M XFMRS-XFHCL2-1R8M Datasheet
37Kb / 1P
   Power Inductor
XFRCH654-102M XFMRS-XFRCH654-102M Datasheet
59Kb / 1P
   Power Inductor
XFRCRH875-100M XFMRS-XFRCRH875-100M Datasheet
59Kb / 1P
   Power Inductor
XFRCR110D-102M XFMRS-XFRCR110D-102M_15 Datasheet
58Kb / 1P
   Power Inductor
9XFXXX6-S3P XFMRS-9XFXXX6-S3P Datasheet
49Kb / 1P
   POWER INDUCTOR
XFHCL2-1R6M XFMRS-XFHCL2-1R6M Datasheet
60Kb / 1P
   POWER INDUCTOR
XFRLH875-101M XFMRS-XFRLH875-101M Datasheet
32Kb / 1P
   POWER INDUCTOR
XFRCRH875-100M XFMRS-XFRCRH875-100M_15 Datasheet
59Kb / 1P
   Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com