Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMP25Q12C Datasheet(PDF) 3 Page - International Rectifier

Part # EMP25Q12C
Description  NPT IGBTs 25A, 1200V
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

EMP25Q12C Datasheet(HTML) 3 Page - International Rectifier

  EMP25Q12C Datasheet HTML 1Page - International Rectifier EMP25Q12C Datasheet HTML 2Page - International Rectifier EMP25Q12C Datasheet HTML 3Page - International Rectifier EMP25Q12C Datasheet HTML 4Page - International Rectifier EMP25Q12C Datasheet HTML 5Page - International Rectifier EMP25Q12C Datasheet HTML 6Page - International Rectifier EMP25Q12C Datasheet HTML 7Page - International Rectifier EMP25Q12C Datasheet HTML 8Page - International Rectifier EMP25Q12C Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
www.irf.com
3
EMP25P12B
I27149 08/07
Electrical Characteristics:
For proper operation the device should be used within the recommended conditions.
TJ = 25°C (unless otherwise specified)
General Description
The EMP module contains six IGBTs and HexFreds
Diodes in a standard inverter configuration. IGBTs used
are the new NPT 1200V-25A (current rating measured at
100C
°), generation V from International Rectifier; the
HexFred diodes have been designed specifically as pair
elements for these power transistors. Thanks to the new
design and technological realization, these devices do not
need any negative gate voltage for their complete turn off;
moreover the tail effect is also substantially reduced
compared to competitive devices of the same family. This
feature tremendously simplifies the gate driving stage.
Another innovative feature in this type of power modules is
the presence of sensing resistors in the three output
phases, for precise motor current sensing and short circuit
protections, as well as another resistor of the same value
in the DC bus minus line, needed only for device
protections purposes. A complete schematic of the EMP
module is shown on page 1 where all sensing resistors
have been clearly evidenced, a thermal sensor with
negative temperature coefficient is also embedded in the
device structure.
The package chosen is mechanically compatible with the
well known EconoPack outline, Also the height of the
plastic cylindrical nuts for the external PCB positioned on
its top is the same as the EconoPack II, so that, with the
only re-layout of the main motherboard, this module can fit
into the same mechanical fixings of the standard
EconoPack II package thus speeding up the device
evaluation in an already existing driver. An important
feature of this new device is the presence of Kelvin
connections for all feedback and command signals
between the board and the module with the advantage of
having all emitter and resistor sensing independent from
the main power path. The final benefit is that all low power
signal from/to the controlling board are unaffected by
parasitic inductances or resistances inevitably present in
the module power layout. The new package outline is
shown on bottom of page 1. Notice that because of high
current spikes on those inputs the DC bus power pins are
doubled in size compared to the other power pins. Module
technology uses the standard and well know DBC (Direct
Bondable Copper): over a thick Copper base an allumina
(Al2O3) substrate with a 300
µm copper foil on both side is
placed and IGBTs and Diodes dies are directly soldered,
through screen printing process. These dies are then
bonded with a 15 mils aluminum wire for power and signal
connections. All components are then completely covered
by a silicone gel for mechanical protection and electrical
isolation purposes.
Symbol
Parameter Definition
Min.
Typ.
Max.
Units
Test Conditions
Fig.
V(BR)CES
Collector To Emitter Breakdown Voltage
1200
V
VGE = 0V, IC = 250
µA
∆V(BR)CES / ∆T
Temperature Coeff. of Breakdown Voltage
+1.2
V/ºC
VGE = 0V, IC = 1mA (25 - 125 ºC)
2.28
2.56
IC = 25A, VGE = 15V
5, 6
3.2
3.65
IC = 50A, VGE = 15V
7, 9
VCE(on)
Collector To Emitter Saturation Voltage
2.74
3.10
V
IC = 25A, VGE = 15V, TJ = 125 ºC
10, 11
VGE(th)
Gate Threshold Voltage
4.0
5.0
6.0
V
VCE = VGE, IC = 250
µA
∆VGE(th) / ∆Tj
Temp. Coeff. of Threshold Voltage
-1.2
mV/ºC
VCE = VGE, IC = 1mA (25 - 125 ºC)
12
gfe
Forward Trasconductance
14.8
16.9
19.0
S
VCE = 50V, IC = 25A, PW = 80
µs
250
VGE = 0V, VCE = 1200V
325
675
VGE = 0V, VCE = 1200V, TJ = 125 ºC
ICES
Zero Gate Voltage Collector Current
2000
µA
VGE = 0V, VCE = 1200V, TJ = 150 ºC
1.76
2.06
IC = 25A
8
VFM
Diode Forward Voltage Drop
1.87
2.18
V
IC = 25A, TJ = 125 ºC
8
IRM
Diode Reverse Leakage Current
20
µA
VR = 1200V, TJ = 25 ºC
IGES
Gate To Emitter Leakage Current
±100
nA
VGE =± 20V
R1/2/3
Sensing Resistors
3.96
4
4.04
Rsh
DC bus minus series shunt resistor
3.96
4
4.04
m


Similar Part No. - EMP25Q12C

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EMP201 EXCELICS-EMP201 Datasheet
141Kb / 3P
   17.5 - 21.0 GHz Power Ammplifier MMIC
logo
List of Unclassifed Man...
EMP202 ETC2-EMP202 Datasheet
236Kb / 28P
   Single-Chip Dual-Channel AC??7 Audio Codec for PC Audio Systems
logo
Excelics Semiconductor,...
EMP207 EXCELICS-EMP207 Datasheet
164Kb / 3P
   17.0 - 20.0 GHz Power Amplifier MMIC
EMP207-P1 EXCELICS-EMP207-P1 Datasheet
94Kb / 2P
   17 - 20 GHz Power Amplifier MMIC
EMP207-Q5 EXCELICS-EMP207-Q5 Datasheet
124Kb / 3P
   17.0 - 20.0 GHz Surface-Mounted PA
More results

Similar Description - EMP25Q12C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PIIPM25P12B008 IRF-PIIPM25P12B008 Datasheet
1,002Kb / 28P
   NPT IGBTs 25A, 1200V
logo
Wuxi NCE Power Semicond...
NCE25G120T NCEPOWER-NCE25G120T Datasheet
433Kb / 8P
   1200V, 25A, Trench NPT IGBT
NCE25G120P NCEPOWER-NCE25G120P Datasheet
324Kb / 7P
   1200V, 25A, Trench NPT IGBT
NCE25GD120T NCEPOWER-NCE25GD120T Datasheet
323Kb / 8P
   1200V, 25A, Trench NPT IGBT
NCE25GD120P NCEPOWER-NCE25GD120P Datasheet
328Kb / 8P
   1200V, 25A, Trench NPT IGBT
logo
Intersil Corporation
HGTP5N120BN INTERSIL-HGTP5N120BN Datasheet
82Kb / 7P
   21A, 1200V, NPT Series N-Channel IGBTs
January 2000
HGTP5N120CN INTERSIL-HGTP5N120CN Datasheet
80Kb / 7P
   25A, 1200V, NPT Series N-Channel IGBT
January 2000
logo
IXYS Corporation
IXGA20N120A3 IXYS-IXGA20N120A3 Datasheet
241Kb / 6P
   GenX3 1200V IGBTs
IXGA30N120B3 IXYS-IXGA30N120B3 Datasheet
217Kb / 6P
   GenX3 1200V IGBTs
IXGK120N120B3 IXYS-IXGK120N120B3 Datasheet
129Kb / 2P
   GenX3 1200V IGBTs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com