Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMP25P12D Datasheet(PDF) 2 Page - International Rectifier

Part # EMP25P12D
Description  NPT IGBTs 25A, 1200V
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

EMP25P12D Datasheet(HTML) 2 Page - International Rectifier

  EMP25P12D Datasheet HTML 1Page - International Rectifier EMP25P12D Datasheet HTML 2Page - International Rectifier EMP25P12D Datasheet HTML 3Page - International Rectifier EMP25P12D Datasheet HTML 4Page - International Rectifier EMP25P12D Datasheet HTML 5Page - International Rectifier EMP25P12D Datasheet HTML 6Page - International Rectifier EMP25P12D Datasheet HTML 7Page - International Rectifier EMP25P12D Datasheet HTML 8Page - International Rectifier EMP25P12D Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.irf.com
2
EMP25P12B
I27149 08/07
Pins Mapping
Absolute Maximum Ratings (TC=25ºC)
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur.
All voltage parameters are absolute voltages referenced to VDC-, all currents are defined positive into any lead.
Thermal Resistance and Power Dissipation ratings are measured at still air conditions.
Symbol
Parameter Definition
Min.
Max.
Units
VDC
DC Bus Voltage
0
1000
VCES
Collector Emitter Voltage
0
1200
V
IC @ 100C
IGBTs continuous collector current (TC = 100 ºC, fig. 1)
25
IC @ 25C
IGBTs continuous collector current (TC = 25 ºC,fig 1)
50
ICM
Pulsed Collector Current (Fig. 3, Fig. CT.5)
100
IF @ 100C
Diode Continuous Forward Current (TC = 100 ºC)
25
IF @ 25C
Diode Continuous Forward Current (TC = 25 ºC)
50
IFM
Diode Maximum Forward Current
100
A
VGE
Gate to Emitter Voltage
-20
+20
V
PD @ 25°C
Power Dissipation (One transistor)
192
Inverter
PD @ 100°C
Power Dissipation (One transistor, TC = 100 ºC)
77
W
MT
Mounting Torque
3.5
Nm
T J
Operating Junction Temperature
-40
+150
TSTG
Storage Temperature Range
-40
+125
ºC
Power
Module
Vc-iso
Isolation Voltage to Base Copper Plate
-2500
+2500
V
Symbol
Lead Description
DC IN+
DC Bus plus power input pin
DC IN-
DC Bus minus power input pin
DC +
DC Bus plus signal connection (Kelvin point)
DC -
DC Bus minus signal connection (Kelvin point)
Th +
Thermal sensor positive input
Th -
Thermal sensor negative input
Sh +
DC Bus minus series shunt positive input (Kelvin point)
Sh -
DC Bus minus series shunt negative input (Kelvin point)
G1/2/3
Gate connections for high side IGBTs
E1/2/3
Emitter connections for high side IGBTs (Kelvin points)
R1/2/3 +
Output current sensing resistor positive input (IGBTs emitters 1/2/3 side, Kelvin points)
R1/2/3 -
Output current sensing resistor negative input (Motor side, Kelvin points)
G4/5/6
Gate connections for low side IGBTs
E4/5/6
Emitter connections for low side IGBTs (Kelvin points)
OUT1/2/3
Three phase power output pins


Similar Part No. - EMP25P12D

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EMP201 EXCELICS-EMP201 Datasheet
141Kb / 3P
   17.5 - 21.0 GHz Power Ammplifier MMIC
logo
List of Unclassifed Man...
EMP202 ETC2-EMP202 Datasheet
236Kb / 28P
   Single-Chip Dual-Channel AC??7 Audio Codec for PC Audio Systems
logo
Excelics Semiconductor,...
EMP207 EXCELICS-EMP207 Datasheet
164Kb / 3P
   17.0 - 20.0 GHz Power Amplifier MMIC
EMP207-P1 EXCELICS-EMP207-P1 Datasheet
94Kb / 2P
   17 - 20 GHz Power Amplifier MMIC
EMP207-Q5 EXCELICS-EMP207-Q5 Datasheet
124Kb / 3P
   17.0 - 20.0 GHz Surface-Mounted PA
More results

Similar Description - EMP25P12D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PIIPM25P12B008 IRF-PIIPM25P12B008 Datasheet
1,002Kb / 28P
   NPT IGBTs 25A, 1200V
logo
Wuxi NCE Power Semicond...
NCE25G120T NCEPOWER-NCE25G120T Datasheet
433Kb / 8P
   1200V, 25A, Trench NPT IGBT
NCE25G120P NCEPOWER-NCE25G120P Datasheet
324Kb / 7P
   1200V, 25A, Trench NPT IGBT
NCE25GD120T NCEPOWER-NCE25GD120T Datasheet
323Kb / 8P
   1200V, 25A, Trench NPT IGBT
NCE25GD120P NCEPOWER-NCE25GD120P Datasheet
328Kb / 8P
   1200V, 25A, Trench NPT IGBT
logo
Intersil Corporation
HGTP5N120BN INTERSIL-HGTP5N120BN Datasheet
82Kb / 7P
   21A, 1200V, NPT Series N-Channel IGBTs
January 2000
HGTP5N120CN INTERSIL-HGTP5N120CN Datasheet
80Kb / 7P
   25A, 1200V, NPT Series N-Channel IGBT
January 2000
logo
IXYS Corporation
IXGA20N120A3 IXYS-IXGA20N120A3 Datasheet
241Kb / 6P
   GenX3 1200V IGBTs
IXGA30N120B3 IXYS-IXGA30N120B3 Datasheet
217Kb / 6P
   GenX3 1200V IGBTs
IXGK120N120B3 IXYS-IXGK120N120B3 Datasheet
129Kb / 2P
   GenX3 1200V IGBTs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com