Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMP25E12M Datasheet(PDF) 4 Page - International Rectifier

Part # EMP25E12M
Description  NPT IGBTs 25A, 1200V
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

EMP25E12M Datasheet(HTML) 4 Page - International Rectifier

  EMP25E12M Datasheet HTML 1Page - International Rectifier EMP25E12M Datasheet HTML 2Page - International Rectifier EMP25E12M Datasheet HTML 3Page - International Rectifier EMP25E12M Datasheet HTML 4Page - International Rectifier EMP25E12M Datasheet HTML 5Page - International Rectifier EMP25E12M Datasheet HTML 6Page - International Rectifier EMP25E12M Datasheet HTML 7Page - International Rectifier EMP25E12M Datasheet HTML 8Page - International Rectifier EMP25E12M Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
www.irf.com
4
EMP25P12B
I27149 08/07
Switching Characteristics:
For proper operation the device should be used within the recommended conditions.
TJ = 25°C (unless otherwise specified)
Symbol
Parameter Definition
Min
Typ
Max
Units
Test Conditions
Fig.
Qg
Total Gate Charge (turn on)
169
254
Qge
Gate – Emitter Charge (turn on)
19
29
Qgc
Gate – Collector Charge (turn on)
82
123
nC
IC = 25A
VCC = 600V
VGE = 15V
23
CT1
Eon
Turn on Switching Loss
1.9
3.6
IC = 25A, VCC = 600V, TJ = 25 ºC
CT4
Eoff
Turn off Switching Loss
1.3
2.0
VGE = 15V, RG =20
Ω, L = 200µH
WF1
Etot
Total Switching Loss
3.2
5.6
mJ
Tail and Diode Rev. Recovery included
WF2
Eon
Turn on Switching Loss
2.7
4.6
Eoff
Turn off Switching Loss
2.0
2.3
Etot
Total Switching Loss
4.7
6.9
mJ
IC = 25A, VCC = 600V, TJ = 125 ºC
VGE = 15V, RG =20
Ω, L = 200µH
Tail and Diode Rev. Recovery included
13,
15
CT4
WF1
WF2
td (on)
Turn on delay time
192
210
14,16
Tr
Rise time
33
49
IC = 25A, VCC = 600V, TJ = 125 ºC
CT4
td (off)
Turn off delay time
213
227
WF1
Tf
Fall time
210
379
ns
VGE = 15V, RG =20
Ω, L = 200µH
WF2
Cies
Input Capacitance
2200
VCC = 30V
Coes
Output Capacitance
210
VGE = 0V
Cres
Reverse Transfer Capacitance
85
PF
f = 1MHz
22
TJ = 150 ºC, I C =100A, VGE = 15V to 0V
RBSOA
Reverse Bias Safe Operating Area
FULL SQUARE
VCC = 1000V, Vp = 1200V, RG = 5
4
CT2
TJ = 150 ºC, VGE = 15V to 0V
CT3
SCSOA
Short Circuit Safe Operating Area
10
µs
VCC = 1000V, Vp= 1200V, RG = 5
WF4
EREC
Diode reverse recovery energy
1820
2400
µJ
TJ = 125 ºC
Trr
Diode reverse recovery time
300
ns
IF= 25A, VCC = 600V,
Irr
Peak reverse recovery current
25
32
A
VGE = 15V, RG =20
Ω, L = 200µH
17,18
19,20
21
CT4
WF3
RthJC_T
Each IGBT to copper plate thermal resistance
0.65
ºC/W
RthJC_D
Each Diode to copper plate thermal resistance
0.95
ºC/W
RthC-H
Module copper plate to heat sink thermal
resistance. Silicon grease applied = 0.1mm
0.03
ºC/W
See also fig.24 and 25
24,25


Similar Part No. - EMP25E12M

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EMP201 EXCELICS-EMP201 Datasheet
141Kb / 3P
   17.5 - 21.0 GHz Power Ammplifier MMIC
logo
List of Unclassifed Man...
EMP202 ETC2-EMP202 Datasheet
236Kb / 28P
   Single-Chip Dual-Channel AC??7 Audio Codec for PC Audio Systems
logo
Excelics Semiconductor,...
EMP207 EXCELICS-EMP207 Datasheet
164Kb / 3P
   17.0 - 20.0 GHz Power Amplifier MMIC
EMP207-P1 EXCELICS-EMP207-P1 Datasheet
94Kb / 2P
   17 - 20 GHz Power Amplifier MMIC
EMP207-Q5 EXCELICS-EMP207-Q5 Datasheet
124Kb / 3P
   17.0 - 20.0 GHz Surface-Mounted PA
More results

Similar Description - EMP25E12M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PIIPM25P12B008 IRF-PIIPM25P12B008 Datasheet
1,002Kb / 28P
   NPT IGBTs 25A, 1200V
logo
Wuxi NCE Power Semicond...
NCE25G120T NCEPOWER-NCE25G120T Datasheet
433Kb / 8P
   1200V, 25A, Trench NPT IGBT
NCE25G120P NCEPOWER-NCE25G120P Datasheet
324Kb / 7P
   1200V, 25A, Trench NPT IGBT
NCE25GD120T NCEPOWER-NCE25GD120T Datasheet
323Kb / 8P
   1200V, 25A, Trench NPT IGBT
NCE25GD120P NCEPOWER-NCE25GD120P Datasheet
328Kb / 8P
   1200V, 25A, Trench NPT IGBT
logo
Intersil Corporation
HGTP5N120BN INTERSIL-HGTP5N120BN Datasheet
82Kb / 7P
   21A, 1200V, NPT Series N-Channel IGBTs
January 2000
HGTP5N120CN INTERSIL-HGTP5N120CN Datasheet
80Kb / 7P
   25A, 1200V, NPT Series N-Channel IGBT
January 2000
logo
IXYS Corporation
IXGA20N120A3 IXYS-IXGA20N120A3 Datasheet
241Kb / 6P
   GenX3 1200V IGBTs
IXGA30N120B3 IXYS-IXGA30N120B3 Datasheet
217Kb / 6P
   GenX3 1200V IGBTs
IXGK120N120B3 IXYS-IXGK120N120B3 Datasheet
129Kb / 2P
   GenX3 1200V IGBTs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com