Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA211AIDGKT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA211AIDGKT
Description  1.1nV/Noise, Low Power, Precision Operational Amplifier in Tiny DFN-8 Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA211AIDGKT Datasheet(HTML) 2 Page - Texas Instruments

  OPA211AIDGKT Datasheet HTML 1Page - Texas Instruments OPA211AIDGKT Datasheet HTML 2Page - Texas Instruments OPA211AIDGKT Datasheet HTML 3Page - Texas Instruments OPA211AIDGKT Datasheet HTML 4Page - Texas Instruments OPA211AIDGKT Datasheet HTML 5Page - Texas Instruments OPA211AIDGKT Datasheet HTML 6Page - Texas Instruments OPA211AIDGKT Datasheet HTML 7Page - Texas Instruments OPA211AIDGKT Datasheet HTML 8Page - Texas Instruments OPA211AIDGKT Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
OPA211
OPA2211
SBOS377A – OCTOBER 2006 – REVISED FEBRUARY 2007
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
Over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
Supply Voltage
±20
V
Input Voltage
(V–) – 0.7 to (V+) + 0.7
V
Input Current
±10
mA
Output Short-Circuit(2)
Continuous
Operating Temperature
–55 to +150
°C
Storage Temperature
–65 to +150
°C
Junction Temperature
+150
°C
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
(2)
Short-circuit to ground, one amplifier per package.
PACKAGE/ORDERING INFORMATION(1)
PACKAGE
PRODUCT
PACKAGE-LEAD
SINGLE
ENABLE
DUAL
DESIGNATOR
PACKAGE MARKING
Standard Grade
DFN-8 (3
×3mm)(2)
ü
ü
DRG
TBD
OPA211A
MSOP-8(2)
ü
ü
DCK
TBD
OPA211A
SO-8
ü
D
TBD
DFN-8 (3
×3mm)(2)
ü
DRG
TBD
OPA2211A
MSOP-8(2)
ü
DCK
TBD
High Grade
DFN-8 (3
×3mm)(2)
ü
ü
DRG
TBD
OPA211I
MSOP-8(2)
ü
ü
DCK
TBD
SO-8
ü
D
TBD
DFN-8 (3
×3mm)(2)
ü
DRG
TBD
OPA2211I
MSOP-8(2)
ü
DCK
TBD
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Available Q4, 2007.
2
Submit Documentation Feedback


Similar Part No. - OPA211AIDGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA211AIDGKT TI1-OPA211AIDGKT Datasheet
1Mb / 37P
[Old version datasheet]   1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
OPA211AIDGKT TI1-OPA211AIDGKT Datasheet
1Mb / 45P
[Old version datasheet]   Low Power, Precision Operational Amplifier
OPA211AIDGKTG4 TI1-OPA211AIDGKTG4 Datasheet
1Mb / 37P
[Old version datasheet]   1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
OPA211AIDGKTG4 TI1-OPA211AIDGKTG4 Datasheet
1Mb / 45P
[Old version datasheet]   Low Power, Precision Operational Amplifier
More results

Similar Description - OPA211AIDGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA211AIDRGR TI1-OPA211AIDRGR Datasheet
1Mb / 37P
[Old version datasheet]   1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
OPA211 TI1-OPA211 Datasheet
1Mb / 37P
[Old version datasheet]   1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
OPA211 TI-OPA211_08 Datasheet
634Kb / 17P
[Old version datasheet]   1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
OPA211-EP TI1-OPA211-EP Datasheet
592Kb / 23P
[Old version datasheet]   1.1nV/?숰z NOISE, LOW POWER, PRECISION OPERATIONAL AMPLIFIER
OPA211-EP TI-OPA211-EP_15 Datasheet
1Mb / 26P
[Old version datasheet]   1.1nV/?숰z NOISE, LOW POWER, PRECISION OPERATIONAL AMPLIFIER
OPA2211-EP TI1-OPA2211-EP Datasheet
1Mb / 32P
[Old version datasheet]   Noise, Low-Power, Precision Operational Amplifier
LMC7101 TI1-LMC7101 Datasheet
1Mb / 33P
[Old version datasheet]   Tiny Low-Power Operational Amplifier
logo
Analog Devices
OP27CH AD-OP27CH Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
logo
Intersil Corporation
ISL76627 INTERSIL-ISL76627 Datasheet
1Mb / 18P
   Precision Low Noise Operational Amplifier
logo
Analog Devices
OP27 AD-OP27_06 Datasheet
428Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com