Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR-HG033-12V-TRB Datasheet(PDF) 4 Page - BRIGHT LED ELECTRONICS CORP

Part # BR-HG033-12V-TRB
Description  White Mono-color type Suitable for all SMT assembly methods.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BR-HG033-12V-TRB Datasheet(HTML) 4 Page - BRIGHT LED ELECTRONICS CORP

  BR-HG033-12V-TRB Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BR-HG033-12V-TRB Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BR-HG033-12V-TRB Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BR-HG033-12V-TRB Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BR-HG033-12V-TRB Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BR-HG033-12V-TRB Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BR
R--H
HG
G0
03
33
3--1
12
2V
V--T
TR
RB
B
SINCE 1981
● Reliability Test
Classification
Test Item
Reference Standard
Test Conditions
Result
Operation Life MIL-STD-750:1026
MIL-STD-883:1005
JIS-C-7021
:B-1
Connect with a power If=20mA
Ta=Under room temperature
Test time=1,000hrs
0/20
High
Temperature
High Humidity
Storage
MIL-STD-202:103B
JIS-C-7021
:B-11
Ta=+65℃±5℃
RH=90%-95%
Test time=240hrs
0/20
High
Temperature
Storage
MIL-STD-883:1008
JIS-C-7021
:B-10
High Ta=+85℃±5℃
Test time=1,000hrs
0/20
Endurance
Test
Low
Temperature
Storage
JIS-C-7021
:B-12
Low Ta=-35℃±5℃
Test time=1,000hrs
0/20
Temperature
Cycling
MIL-STD-202:107D
MIL-STD-750:1051
MIL-STD-883:1010
JIS-C-7021
:A-4
-35℃ ~ +25℃ ~ +85℃ ~ +25℃
60min 20min
60min
20min
Test Time=5cycle
0/20
Thermal Shock MIL-STD-202:107D
MIL-STD-750:1051
MIL-STD-883:1011
-35℃±5℃ ~+85℃±5℃
20min
20min
Test Time=10cycle
0/20
Environmental
Test
Solder
Resistance
MIL-STD-202:201A
MIL-STD-750:2031
JIS-C-7021
:A-1
Preheating:
140℃-160℃,within 2 minutes.
Operation heating:
235℃(Max.), within 10seconds. (Max.)
0/20
● Judgment criteria of failure for the reliability
Measuring items
Symbol
Measuring conditions
Judgement criteria for failure
Forward voltage
VF ( V)
IF=20mA
Over Ux1.2
Reverse current
IR(uA)
VR=5V
Over Ux2
Luminous intensity
Iv ( mcd )
IF=20mA
Below SX0.5
Note: 1.U means the upper limit of specified characteristics. S means initial value.
2.Measurment shall be taken between 2 hours and after the test pieces have been returned to
normal ambient conditions after completion of each test.
Ver.1.0
Page 4 of 6


Similar Part No. - BR-HG033-12V-TRB

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BR-HG033-12V YSTONE-BR-HG033-12V Datasheet
706Kb / 1P
   SURFACE MOUNT RESISTOR CHIP LED LAMPS
More results

Similar Description - BR-HG033-12V-TRB

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-HZD39T-TRB BRIGHT-BL-HZD39T-TRB Datasheet
199Kb / 9P
   White Mono-color type Suitable for all SMT assembly methods.
BL-HZD39A-TRB BRIGHT-BL-HZD39A-TRB Datasheet
304Kb / 8P
   White Mono-color type Suitable for all SMT assembly methods.
BL-HZ434A-TRB BRIGHT-BL-HZ434A-TRB Datasheet
219Kb / 8P
   White Mono-color type Suitable for all SMT assembly methods.
BL-HZP39M-TRB BRIGHT-BL-HZP39M-TRB Datasheet
281Kb / 9P
   White Mono-color type Suitable for all SMT assembly methods.
BL-HZF39G-TRB BRIGHT-BL-HZF39G-TRB Datasheet
196Kb / 8P
   White Mono-color type Suitable for all SMT assembly methods.
BR-HY033-05V-TRB BRIGHT-BR-HY033-05V-TRB Datasheet
287Kb / 6P
   Yellow Mono-color type Suitable for all SMT assembly methods.
BL-HG536A-TRB BRIGHT-BL-HG536A-TRB Datasheet
225Kb / 8P
   Yellow Green Mono-color type Suitable for all SMT assembly methods
BR-HUB33-05V-TRB BRIGHT-BR-HUB33-05V-TRB Datasheet
287Kb / 6P
   Super Red Mono-color type Suitable for all SMT assembly methods.
BL-HG635A-TRB BRIGHT-BL-HG635A-TRB Datasheet
192Kb / 6P
   Green Suitable for all SMT assembly methods.
BL-HY033-TRB BRIGHT-BL-HY033-TRB Datasheet
290Kb / 7P
   Yellow Suitable for all SMT assembly methods.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com