Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC108NP-332 Datasheet(PDF) 1 Page - Sumida Corporation

Part # MC108NP-332
Description  IFT COILS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

MC108NP-332 Datasheet(HTML) 1 Page - Sumida Corporation

  MC108NP-332 Datasheet HTML 1Page - Sumida Corporation MC108NP-332 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type: MC-108
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
IFT COILS < Pin Type: MC Series>
Product Description
・φ
11.0mm Max.,11.0mm Max. Height.
Inductance:18mH Max.
Operating frequency:400kHz Max.
In addition to the standard versions of parameters shown here,
custom designs are available to meet your exact requirements.
Feature
High inductance variable shielded type of low leakage flux.
Can be used as DC-DC converter transformer.
RoHS Compliance.
.
Dimensions (mm)
Dimension does not include solder used on coil.
Pin pitch should be measured at the root of terminal.
Connection (Bottom View)
S”is winding start.
φ 7.0 ± 0.2
45
°
10.0-0. 5
3. 5
-0.5
+1.0
+1.0


Similar Part No. - MC108NP-332

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MC108 EXTECH-MC108 Datasheet
671Kb / 9P
   Mini Microscope
MC108 EXTECH-MC108_15 Datasheet
166Kb / 1P
   Digital Mini Microscope
More results

Similar Description - MC108NP-332

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
M-10B SUMIDA-M-10B Datasheet
72Kb / 2P
   IFT COILS
MC-129H SUMIDA-MC-129H Datasheet
24Kb / 1P
   IFT COILS
MC-129J SUMIDA-MC-129J Datasheet
82Kb / 3P
   IFT COILS
P-7GB SUMIDA-P-7GB Datasheet
43Kb / 2P
   IFT COILS
SM-118 SUMIDA-SM-118 Datasheet
35Kb / 1P
   IFT COILS
M-7GUB SUMIDA-M-7GUB Datasheet
35Kb / 1P
   IFT COILS
M-7LG SUMIDA-M-7LG Datasheet
29Kb / 1P
   IFT COILS
MC-122K SUMIDA-MC-122K Datasheet
19Kb / 1P
   IFT COILS
PT-10 SUMIDA-PT-10 Datasheet
150Kb / 1P
   IFT COILS
P-5LM SUMIDA-P-5LM Datasheet
29Kb / 1P
   IFT COILS
P-5DJ SUMIDA-P-5DJ Datasheet
180Kb / 2P
   IFT COILS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com