Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC108NP-123 Datasheet(PDF) 2 Page - Sumida Corporation

Part # MC108NP-123
Description  IFT COILS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

MC108NP-123 Datasheet(HTML) 2 Page - Sumida Corporation

  MC108NP-123 Datasheet HTML 1Page - Sumida Corporation MC108NP-123 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type: MC-108
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
IFT COILS < Pin Type: MC Series>
Specification
No.
Part No.
Stamp
Inductance
[Variable]
at 1kHz
Unloaded Q
[Min.]
at 50kHz
D.C.R.(Ω)
[Ref.]
(at=20℃)
Rated current
(mA) [Ref.]
1
01
MC1Ø8NP-1Ø2
102
1.0mH±8%
40
4.4
149
02
MC1Ø8NP-122
122
1.2mH±8%
40
5.1
130
03
MC1Ø8NP-152
152
1.5mH±8%
40
7.5
110
04
MC1Ø8NP-182
182
1.8mH±8%
40
8.3
92
05
MC1Ø8NP-222
222
2.2mH±8%
30
12.7
80
06
MC1Ø8NP-272
272
2.7mH±8%
35
14.2
70
07
MC1Ø8NP-332
332
3.3mH±8%
30
18.2
61
08
MC1Ø8NP-392
392
3.9mH±8%
35
20.5
55
09
MC1Ø8NP-472
472
4.7mH±8%
30
27.5
48
10
MC1Ø8NP-562
562
5.6mH±8%
35
31.6
43
11
MC1Ø8NP-682
682
6.8mH±8%
35
34.3
38
12
MC1Ø8NP-822
822
8.2mH±8%
30
48.9
34
13
MC1Ø8NP-1Ø3
103
10mH±8%
35
52.7
31
14
MC1Ø8NP-123
123
12mH±8%
35
59.5
28
15
MC1Ø8NP-153
153
15mH±8%
30
88.8
26
16
MC1Ø8NP-183
183
18mH±8%
30
106.0
24
1 Rated current: The D.C. current at which the inductance decreases to 95% of it’s initial value
or when △t=40℃, whichever is lower(Ta=20℃).


Similar Part No. - MC108NP-123

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MC108 EXTECH-MC108 Datasheet
671Kb / 9P
   Mini Microscope
MC108 EXTECH-MC108_15 Datasheet
166Kb / 1P
   Digital Mini Microscope
More results

Similar Description - MC108NP-123

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
M-10B SUMIDA-M-10B Datasheet
72Kb / 2P
   IFT COILS
MC-129H SUMIDA-MC-129H Datasheet
24Kb / 1P
   IFT COILS
MC-129J SUMIDA-MC-129J Datasheet
82Kb / 3P
   IFT COILS
P-7GB SUMIDA-P-7GB Datasheet
43Kb / 2P
   IFT COILS
SM-118 SUMIDA-SM-118 Datasheet
35Kb / 1P
   IFT COILS
M-7GUB SUMIDA-M-7GUB Datasheet
35Kb / 1P
   IFT COILS
M-7LG SUMIDA-M-7LG Datasheet
29Kb / 1P
   IFT COILS
MC-122K SUMIDA-MC-122K Datasheet
19Kb / 1P
   IFT COILS
PT-10 SUMIDA-PT-10 Datasheet
150Kb / 1P
   IFT COILS
P-5LM SUMIDA-P-5LM Datasheet
29Kb / 1P
   IFT COILS
P-5DJ SUMIDA-P-5DJ Datasheet
180Kb / 2P
   IFT COILS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com