Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19TQ015STRL Datasheet(PDF) 2 Page - International Rectifier

Part # 19TQ015STRL
Description  SCHOTTKY RECTIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

19TQ015STRL Datasheet(HTML) 2 Page - International Rectifier

  19TQ015STRL Datasheet HTML 1Page - International Rectifier 19TQ015STRL Datasheet HTML 2Page - International Rectifier 19TQ015STRL Datasheet HTML 3Page - International Rectifier 19TQ015STRL Datasheet HTML 4Page - International Rectifier 19TQ015STRL Datasheet HTML 5Page - International Rectifier 19TQ015STRL Datasheet HTML 6Page - International Rectifier 19TQ015STRL Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
19TQ015SPbF
2
Bulletin PD-21028 rev. B 06/06
www.irf.com
Part number
19TQ015PbF
VR
Max. DC Reverse Voltage (V)
V
RWM Max. Working Peak Reverse Voltage (V)
Voltage Ratings
I
F(AV) Max. Average Forward Current
19
A
50% duty cycle @ T
C = 80° C, rectangular wave form
* See Fig. 5
I
FSM
Max. Peak One Cycle Non-Repetitive
700
5μs Sine or 3μs Rect. pulse
Surge Current * See Fig. 7
330
10ms Sine or 6ms Rect. pulse
E
AS
Non-Repetitive Avalanche Energy
6.75
mJ
T
J = 25 °C, IAS = 1.50 Amps, L = 6 mH
I
AR
Repetitive Avalanche Current
1.50
A
Current decaying linearly to zero in 1 μsec
Frequency limited by T
J max. VA = 3 x VR typical
Parameters
19TQ Units
Conditions
A
Absolute Maximum Ratings
V
FM
Max. Forward Voltage Drop
(1)
0.36
V
@ 19A
* See Fig. 1
0.46
V
@ 38A
0.32
V
@ 19A
0.43
V
@ 38A
I
RM
Max. Reverse Leakage Current (1)
10.5
mA
T
J =
25 °C
* See Fig. 2
522
mA
T
J = 100 °C
465
mA
T
J = 100 °C, VR = 12V
285
mA
T
J = 100 °C, VR = 5V
C
T
Max. Junction Capacitance
2000
pF
VR = 5VDC (test signal range 100Khz to 1Mhz) 25 °C
LS
Typical Series Inductance
8.0
nH
Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change
10000
V/ μs
(Rated V
R)
T
J = 25 °C
T
J = 75 °C
V
R = rated VR
Electrical Specifications
Parameters
19TQ
Units
Conditions
T
J
Max. Junction Temperature Range
-55 to 125
°C
Tstg
Max. Storage Temperature Range
-55 to 150
°C
R
thJC Max. Thermal Resistance Junction
1.50
°C/W DC operation
* See Fig. 4
to Case
R
thCS Typical Thermal Resistance, Case to
0.50
°C/W Mounting surface , smooth and greased
Heatsink
wt
Approximate Weight
2 (0.07) g (oz.)
T
Mounting Torque
Min.
6 (5)
Max.
12 (10)
Marking Device
19TQ015S
Case style D2Pak
Kg-cm
(Ibf-in)
Thermal-Mechanical Specifications
Parameters
19TQ
Units
Conditions
(1) Pulse Width < 300μs, Duty Cycle < 2%
Following any rated
load condition and
with rated V
RRM applied
15


Similar Part No. - 19TQ015STRL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
19TQ015STRLPBF VISHAY-19TQ015STRLPBF Datasheet
113Kb / 6P
   Schottky Rectifier, 19 A
Revision: 12-Sep-08
19TQ015STRLPBF VISHAY-19TQ015STRLPBF Datasheet
110Kb / 6P
   Schottky Rectifier, 19 A
Revision: 12-Mar-10
More results

Similar Description - 19TQ015STRL

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com