Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX19713 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX19713
Description  10-Bit, 45Msps, Full-Duplex Analog Front-End
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19713 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX19713 Datasheet HTML 1Page - Maxim Integrated Products MAX19713 Datasheet HTML 2Page - Maxim Integrated Products MAX19713 Datasheet HTML 3Page - Maxim Integrated Products MAX19713 Datasheet HTML 4Page - Maxim Integrated Products MAX19713 Datasheet HTML 5Page - Maxim Integrated Products MAX19713 Datasheet HTML 6Page - Maxim Integrated Products MAX19713 Datasheet HTML 7Page - Maxim Integrated Products MAX19713 Datasheet HTML 8Page - Maxim Integrated Products MAX19713 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
10-Bit, 45Msps, Full-Duplex
Analog Front-End
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 3V, OVDD = 1.8V, internal reference (1.024V), CL
≈ 10pF on all digital outputs, fCLK = 45MHz (50% duty cycle), Rx ADC input amplitude
= -0.5dBFS, Tx DAC output amplitude = 0dBFS, CM1 = 0, CM0 = 0, differential Rx ADC input, differential Tx DAC output, CREFP = CREFN =
CCOM = 0.33µF, CL < 5pF on all aux-DAC outputs, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Tx DAC DYNAMIC PERFORMANCE
DAC Conversion Rate
fCLK
(Note 2)
45
MHz
In-Band Noise Density
ND
fOUT = 2.2MHz
-129
dBFS/Hz
Third-Order Intermodulation
Distortion
IM3
fOUT1 = 2MHz, fOUT2 = 2.2MHz
-82
dBc
Glitch Impulse
10
pVs
Spurious-Free Dynamic Range to
Nyquist
SFDR
fOUT = 2.2MHz
61.5
70.3
dBc
Total Harmonic Distortion to
Nyquist
THD
fOUT = 2.2MHz
-68.1
-60.5
dBc
Signal-to-Noise Ratio to Nyquist
SNR
fOUT = 2.2MHz
56.1
dB
Tx DAC INTERCHANNEL CHARACTERISTICS
I-to-Q Output Isolation
fOUTX,Y = 500kHz, fOUTY,X = 620kHz
85
dB
Gain Mismatch Between I and Q
Channels
Measured at DC
-0.4
±0.01
+0.4
dB
Phase Mismatch Between I and Q
Channels
fOUT = 2.2MHz
±0.05
Degrees
Differential Output Impedance
800
Ω
Tx DAC ANALOG OUTPUT
Full-Scale Output Voltage
VFS
±400
mV
Bits CM1 = 0, CM0 = 0 (default)
1.01
1.06
1.11
Bits CM1 = 0, CM0 = 1
0.88
0.94
1.00
Bits CM1 = 1, CM0 = 0
0.75
0.82
0.90
Output Common-Mode Voltage
VCOMD
Bits CM1 = 1, CM0 = 1
0.62
0.71
0.81
V
Rx ADC–Tx DAC INTERCHANNEL CHARACTERISTICS
Receive Transmit Isolation
ADC: fINI = fINQ = 5.5MHz, DAC: fOUTI =
fOUTQ = 2.2MHz
85
dB
AUXILIARY ADCs (ADC1, ADC2)
Resolution
N
10
Bits
AD1 = 0 (default)
2.048
Full-Scale Reference
VREF
AD1 = 1
VDD
V
Analog Input Range
0 to
VREF
V
Analog Input Impedance
Measured at DC
500
k
Ω
Input-Leakage Current
Measured at unselected input from 0 to VREF
±0.1
µA
Gain Error
GE
Includes reference error, AD1 = 0
-5
+5
%FS
Zero-Code Error
ZE
±2
mV
Differential Nonlinearity
DNL
±0.6
LSB


Similar Part No. - MAX19713

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19713EVCMODU++ MAXIM-MAX19713EVCMODU+ Datasheet
685Kb / 21P
   Low-Voltage and Low-Power Operation
Rev 1; 6/07
MAX19713EVKIT++ MAXIM-MAX19713EVKIT+ Datasheet
685Kb / 21P
   Low-Voltage and Low-Power Operation
Rev 1; 6/07
More results

Similar Description - MAX19713

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19710 MAXIM-MAX19710 Datasheet
818Kb / 37P
   10-Bit, 7.5Msps, Full-Duplex Analog Front-End
Rev 0; 5/06
MAX19711 MAXIM-MAX19711 Datasheet
957Kb / 36P
   10-Bit, 11Msps, Full-Duplex Analog Front-End
Rev 0; 5/06
MAX19712 MAXIM-MAX19712 Datasheet
770Kb / 36P
   10-Bit, 22Msps, Full-Duplex Analog Front-End
Rev 0; 5/06
MAX19707 MAXIM-MAX19707 Datasheet
541Kb / 37P
   10-Bit, 45Msps, Ultra-Low-Power Analog Front-End
Rev 1; 6/07
logo
National Semiconductor ...
TP5510 NSC-TP5510 Datasheet
197Kb / 12P
   Full Duplex Analog Front End for Consumer Applications
logo
Texas Instruments
LM9810 TI1-LM9810 Datasheet
290Kb / 22P
[Old version datasheet]   10/12-Bit Image Sensor Processor Analog Front End
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
   Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
   Analog Front End
ADCDS-1603LC-C DATEL-ADCDS-1603LC-C Datasheet
138Kb / 1P
   Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com