Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD3082ED Datasheet(PDF) 4 Page - Texas Instruments

Part # SN65HVD3082ED
Description  LOW-POWER RS-485 TRANSCEIVER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD3082ED Datasheet(HTML) 4 Page - Texas Instruments

  SN65HVD3082ED Datasheet HTML 1Page - Texas Instruments SN65HVD3082ED Datasheet HTML 2Page - Texas Instruments SN65HVD3082ED Datasheet HTML 3Page - Texas Instruments SN65HVD3082ED Datasheet HTML 4Page - Texas Instruments SN65HVD3082ED Datasheet HTML 5Page - Texas Instruments SN65HVD3082ED Datasheet HTML 6Page - Texas Instruments SN65HVD3082ED Datasheet HTML 7Page - Texas Instruments SN65HVD3082ED Datasheet HTML 8Page - Texas Instruments SN65HVD3082ED Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
SN65HVD3082E,SN75HVD3082E
SN65HVD3085E,SN65HVD3088E
SLLS562D − MARCH 2003 − REVISED SEPTEMBER 2005
www.ti.com
4
DRIVER ELECTRICAL CHARACTERISTICS
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
IO = 0, No load
3
4.3
VOD
Differential output voltage
RL = 54 Ω, See Figure 1
1.5
2.3
V
VOD
Differential output voltage
RL = 100 Ω
2
V
VTEST = −7 V to 12 V, See Figure 2
1.5
∆VOD
Change in magnitude of differential output voltage
See Figure 1 and Figure 2
−0.2
0
0.2
V
VOC(SS) Steady-state common-mode output voltage
See Figure 3
1
2.6
3
V
∆VOC(SS) Change in steady-state common-mode output voltage
See Figure 3
−0.1
0
0.1
V
VOC(PP)
See Figure 3
500
mV
IOZ
High-impedance output current
See receiver input currents
A
II
Input current
D, DE
−100
100
µA
IOS
Short-circuit output current
−7 V
≤ VO ≤ 12 V, See Figure 7
−250
250
mA
(1) All typical values are at 25°C and with a 5V-supply.
DRIVER SWITCHING CHARACTERISTICS
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
RL = 54 Ω,
HVD3082E
700
1300
tPLH
tPHL
Propagation delay time, low-to-high-level output
Propagation delay time, high-to-low-level output
RL = 54 Ω,
CL = 50 pF,
See Figure 4
HVD3085E
150
500
ns
tPHL
Propagation delay time, high-to-low-level output
CL = 50 pF,
See Figure 4
HVD3088E
12
20
ns
tr
Differential output signal rise time
RL = 54 Ω,
HVD3082E
500
900
1500
tr
tf
Differential output signal rise time
Differential output signal fall time
RL = 54 Ω,
CL = 50 pF,
See Figure 4
HVD3085E
200
300
ns
tf
Differential output signal fall time
CL = 50 pF,
See Figure 4
HVD3088E
7
15
ns
RL = 54 Ω,
HVD3082E
20
200
tsk(p)
Pulse skew ( |tPHL - tPLH| )
RL = 54 Ω,
CL = 50 pF,
See Figure 4
HVD3085E
5
50
ns
tsk(p)
Pulse skew ( |tPHL - tPLH| )
CL = 50 pF,
See Figure 4
HVD3088E
1.4
5
ns
t
Propagation delay time, high-impedance-to-high-level output
RL = 110 Ω,
RE at 0 V,
HVD3082E
2500
7000
tPZH
tPZL
Propagation delay time, high-impedance-to-high-level output
Propagation delay time, high-impedance-to-low−level output
RL = 110 ,
RE at 0 V,
See Figure 5
HVD3085E
1000
2500
ns
tPZL
Propagation delay time, high-impedance-to-low−level output
See Figure 5
and Figure 6
HVD3088E
13
30
ns
t
Propagation delay time, high-level-to-high-impedance output
RL = 110 Ω,
RE at 0 V,
HVD3082E
80
200
tPHZ
tPLZ
Propagation delay time, high-level-to-high-impedance output
Propagation delay time, low-level-to-high-impedance output
RL = 110 ,
RE at 0 V,
See Figure 5
HVD3085E
60
100
ns
tPLZ
Propagation delay time, low-level-to-high-impedance output
See Figure 5
and Figure 6
HVD3088E
12
30
ns
tPZH(SHDN) Propagation delay time, shutdown-to-high-level output
RL = 110 Ω, RE
HVD3082E
3500
7000
tPZH(SHDN)
tPZL(SHDN)
Propagation delay time, shutdown-to-high-level output
Propagation delay time, shutdown-to-low-level output
RL = 110 Ω, RE
at VCC,
See Figure 5
HVD3085E
2500
4500
ns
tPZL(SHDN) Propagation delay time, shutdown-to-low-level output
at VCC,
See Figure 5
HVD3088E
1600
2600
ns


Similar Part No. - SN65HVD3082ED

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3082ED TI-SN65HVD3082ED Datasheet
370Kb / 21P
[Old version datasheet]   LOW-POWER RS-485 TRANSCEIVER
SN65HVD3082ED TI-SN65HVD3082ED Datasheet
692Kb / 24P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN65HVD3082ED TI1-SN65HVD3082ED Datasheet
892Kb / 26P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8Package
SN65HVD3082ED TI1-SN65HVD3082ED Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN65HVD3082EDG4 TI-SN65HVD3082EDG4 Datasheet
692Kb / 24P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
More results

Similar Description - SN65HVD3082ED

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3082E TI-SN65HVD3082E Datasheet
370Kb / 21P
[Old version datasheet]   LOW-POWER RS-485 TRANSCEIVER
logo
STMicroelectronics
ST485 STMICROELECTRONICS-ST485 Datasheet
545Kb / 19P
   Low power RS-485/RS-422 transceiver
ST485B STMICROELECTRONICS-ST485B Datasheet
730Kb / 19P
   Low power RS-485/RS-422 transceiver
ST75C176 STMICROELECTRONICS-ST75C176_06 Datasheet
260Kb / 18P
   LOW POWER RS-485/RS-422 TRANSCEIVER
ST75C176B STMICROELECTRONICS-ST75C176B Datasheet
326Kb / 17P
   Low power RS-485/RS-422 transceiver
November 2007 Rev 4
ST75C176 STMICROELECTRONICS-ST75C176 Datasheet
301Kb / 13P
   LOW POWER RS-485/RS-422 TRANSCEIVER
June 2003
ST485_068 STMICROELECTRONICS-ST485_068 Datasheet
306Kb / 19P
   Low power RS-485/RS-422 transceiver
logo
Texas Instruments
DS485 TI1-DS485_15 Datasheet
886Kb / 16P
[Old version datasheet]   Low Power RS-485/RS-422 Multipoint Transceiver
logo
National Semiconductor ...
DS485 NSC-DS485 Datasheet
140Kb / 10P
   Low Power RS-485/RS-422 Multipoint Transceiver
logo
Analog Devices
ADM1487 AD-ADM1487_15 Datasheet
384Kb / 8P
   Ultra-Low Power RS-485/RS-422 Transceiver
REV. PrC 08/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com