Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB-9G3-220V-B Datasheet(PDF) 3 Page - A-BRIGHT Inc

Part # AB-9G3-220V-B
Description  Single Lamp LED Bulb
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AB-9G3-220V-B Datasheet(HTML) 3 Page - A-BRIGHT Inc

  AB-9G3-220V-B Datasheet HTML 1Page - A-BRIGHT Inc AB-9G3-220V-B Datasheet HTML 2Page - A-BRIGHT Inc AB-9G3-220V-B Datasheet HTML 3Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
A-BRIGHT
10/30/2006
Part No.: AB-9G3-220V-B
Single Lamp LED Bulb
FEATURE:
SUPER LUMINOSITY GREEN LED (InGaN).
WHITE DIFFUSE PACKAGE.
9mm ALL RESIN MOLD.
WIDE VIEWING ANGLE.
BASE MODEL BA9S.
ELECTRIC AC/DC BI-POLAR.
MATERIALS:
LED LENS: UV RESISTENT EPOXY
BULB BASE HOLDER: PBT+G6
ABSOLUTE MAXIMUM RATING: Ta = 25 ℃
PEAK OPERATE VOLTAGE........................
260 V
OPERATING TEMPERATURE...................... -25 TO +85℃
STORAGE TEMPERATURE......................... -35 TO +100℃
LED BULB LIFE……………………………….. 20000 HOURS
(LUMINANCE REDUCES to 50%)
ABSOLUTE OPTICAL CHARACTERISTIC Ta= 25℃
PARAMETER
SYMBOL MIN
TYP
MAX
UNIT
Operate Voltage
V
-----
220
260
V
Luminous Intensity
IF= 3.0 mA
I V
210
280
-----
mcd
Dominant Wavelength
IF= 3.0 mA
λ d
-----
525
-----
nm
Spectrum Radiation Bandwidth
IF= 3.0 mA
λ
-----
30
-----
nm
Forward Current
VIN= 220 V DC
IF
-----
3.0
-----
mA
Viewing Angle
2
θ1/2
-----
60
-----
deg


Similar Part No. - AB-9G3-220V-B

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AB-9G3-220V-B A-BRIGHT-AB-9G3-220V-B Datasheet
192Kb / 3P
   SINGLE LAMP LED BULB
10/30/2006
AB-9G3-220V-B A-BRIGHT-AB-9G3-220V-B_15 Datasheet
192Kb / 3P
   SINGLE LAMP LED BULB
10/30/2006
More results

Similar Description - AB-9G3-220V-B

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AB-9G1-6V-B A-BRIGHT-AB-9G1-6V-B Datasheet
187Kb / 3P
   Single Lamp LED Bulb
10/30/2006
AB-9B5-6V-E A-BRIGHT-AB-9B5-6V-E Datasheet
184Kb / 3P
   SINGLE LAMP LED BULB
10/30/2006
AB-46B5-12VD-MF A-BRIGHT-AB-46B5-12VD-MF Datasheet
218Kb / 3P
   SINGLE LAMP LED BULB
AB-46B5-24VD-MG A-BRIGHT-AB-46B5-24VD-MG Datasheet
183Kb / 3P
   SINGLE LAMP LED BULB
AB-46G1-5VD-T5 A-BRIGHT-AB-46G1-5VD-T5 Datasheet
192Kb / 3P
   SINGLE LAMP LED BULB
10/30/2006
AB-46G1-24VD-MG A-BRIGHT-AB-46G1-24VD-MG Datasheet
183Kb / 3P
   SINGLE LAMP LED BULB
AB-46TY-6VD-MG A-BRIGHT-AB-46TY-6VD-MG Datasheet
183Kb / 3P
   SINGLE LAMP LED BULB
AB-46TY-24VD-MF A-BRIGHT-AB-46TY-24VD-MF Datasheet
218Kb / 3P
   SINGLE LAMP LED BULB
AB-46W3-6VD-MF A-BRIGHT-AB-46W3-6VD-MF Datasheet
224Kb / 4P
   SINGLE LAMP LED BULB
AB-46W3-6VD-T5 A-BRIGHT-AB-46W3-6VD-T5 Datasheet
199Kb / 4P
   SINGLE LAMP LED BULB
10/30/2006
AB-46W3-12VD-MG A-BRIGHT-AB-46W3-12VD-MG Datasheet
190Kb / 4P
   SINGLE LAMP LED BULB
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com