Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AHC1G02DCKT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHC1G02DCKT
Description  SINGLE 2-INPUT POSITIVE-NOR GATE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC1G02DCKT Datasheet(HTML) 2 Page - Texas Instruments

  SN74AHC1G02DCKT Datasheet HTML 1Page - Texas Instruments SN74AHC1G02DCKT Datasheet HTML 2Page - Texas Instruments SN74AHC1G02DCKT Datasheet HTML 3Page - Texas Instruments SN74AHC1G02DCKT Datasheet HTML 4Page - Texas Instruments SN74AHC1G02DCKT Datasheet HTML 5Page - Texas Instruments SN74AHC1G02DCKT Datasheet HTML 6Page - Texas Instruments SN74AHC1G02DCKT Datasheet HTML 7Page - Texas Instruments SN74AHC1G02DCKT Datasheet HTML 8Page - Texas Instruments SN74AHC1G02DCKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SN74AHC1G02
SINGLE 2INPUT POSITIVENOR GATE
SCLS342L − APRIL 1996 − REVISED JUNE 2005
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Note 1)
−0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
−20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±25 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): DBV package
206
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DCK package
252
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DRL package
142
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions (see Note 3)
MIN
MAX
UNIT
VCC
Supply voltage
2
5.5
V
VCC = 2 V
1.5
VIH
High-level input voltage
VCC = 3 V
2.1
V
VIH
High-level input voltage
VCC = 5.5 V
3.85
V
VCC = 2 V
0.5
VIL
Low-level input voltage
VCC = 3 V
0.9
V
VIL
Low-level input voltage
VCC = 5.5 V
1.65
V
VI
Input voltage
0
5.5
V
VO
Output voltage
0
VCC
V
VCC = 2 V
−50
mA
IOH
High-level output current
VCC = 3.3 V ± 0.3 V
−4
mA
IOH
High-level output current
VCC = 5 V ± 0.5 V
−8
mA
VCC = 2 V
50
mA
IOL
Low-level output current
VCC = 3.3 V ± 0.3 V
4
mA
IOL
Low-level output current
VCC = 5 V ± 0.5 V
8
mA
∆t/∆v
Input transition rise or fall rate
VCC = 3.3 V ± 0.3 V
100
ns/V
∆t/∆v
Input transition rise or fall rate
VCC = 5 V ± 0.5 V
20
ns/V
TA
Operating free-air temperature
−40
85
°C
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


Similar Part No. - SN74AHC1G02DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G02DCKT TI1-SN74AHC1G02DCKT Datasheet
1Mb / 22P
[Old version datasheet]   SN74AHC1G02 Single 2-Input Positive-NOR Gate
More results

Similar Description - SN74AHC1G02DCKT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVCE1G02 DIODES-74LVCE1G02 Datasheet
274Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32211 Rev. 2 - 2
74AHCT1G02 DIODES-74AHCT1G02 Datasheet
190Kb / 8P
   SINGLE 2 INPUT POSITIVE NOR GATE
logo
Texas Instruments
SN74LVC1G02DSFR TI1-SN74LVC1G02DSFR Datasheet
1,021Kb / 22P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHCT1G02DCKT TI-SN74AHCT1G02DCKT Datasheet
816Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHCT1G02 TI-SN74AHCT1G02 Datasheet
68Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Diodes Incorporated
74LVC1G02_1012 DIODES-74LVC1G02_1012 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32197 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G02 TI-SN74LVC1G02_08 Datasheet
559Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHC1G02-EP TI1-SN74AHC1G02-EP_16 Datasheet
739Kb / 10P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74LVC1G02-EP TI1-SN74LVC1G02-EP Datasheet
545Kb / 14P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Diodes Incorporated
74AHCT1G02Q DIODES-74AHCT1G02Q Datasheet
509Kb / 9P
   SINGLE 2-INPUT POSITIVE NOR GATE
August 2020 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com