Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDC1016J7AX Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # TDC1016J7AX
Description  Video Speed D/A Converter 10-Bit, 20 Msps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TDC1016J7AX Datasheet(HTML) 3 Page - Fairchild Semiconductor

  TDC1016J7AX Datasheet HTML 1Page - Fairchild Semiconductor TDC1016J7AX Datasheet HTML 2Page - Fairchild Semiconductor TDC1016J7AX Datasheet HTML 3Page - Fairchild Semiconductor TDC1016J7AX Datasheet HTML 4Page - Fairchild Semiconductor TDC1016J7AX Datasheet HTML 5Page - Fairchild Semiconductor TDC1016J7AX Datasheet HTML 6Page - Fairchild Semiconductor TDC1016J7AX Datasheet HTML 7Page - Fairchild Semiconductor TDC1016J7AX Datasheet HTML 8Page - Fairchild Semiconductor TDC1016J7AX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PRODUCT SPECIFICATION
TDC1016
3
Pin Assignments
Pin Descriptions
Pin Name
Pin Number
Value
Pin Function Description
40-Lead
24-Lead
Power
VCC
9
6
+5.0V
Positive Supply Voltage.
VEE
2
23
-5.0V
Negative Supply Voltage.
AGND
5, 6, 8
2, 3, 5
0.0V
Analog Ground.
DGND
10
7
0.0V
Digital Ground.
Reference
VREF
4
1
-1.0V
Reference Voltage In.
COMP
3
24
1
mF
Compensation.
Controls
NDIS
11
8
TTL/ECL
Not Disable.
NDIS
14
ECL
Not Disable (Inv).
CLK
12
9
TTL/ECL
Clock.
CLK
13
ECL
Clock (Inv).
N2C
17
11
TTL/ECL
Not Two’s Complement.
NFH
20
13
TTL/ECL
Not Force HIGH.
NFL
21
14
TTL/ECL
Not Force LOW.
Data Inputs
D1–D10
16, 19, 23, 25,
27, 29, 31, 33,
35, 37
10, 12, 15–20,
27, 22
TTL/ECL
Data Bits 1–10. D1 is the MSB, D10 is the LSB.
24
23
22
21
20
19
18
17
16
15
14
13
VREF
AGND
AGND
AOUT
AGND
VCC
DGND
NDIS
CLK
(MSB) D1
N2C
D2
1
2
3
4
5
6
7
8
9
10
11
12
COMP
VEE
D10 (LSB)
D9
D8
D7
D6
D5
D4
D3
NFL
NFH
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
NC
VEE
COMP
VREF
AGND
AGND
AOUT
AGND
VCC
DGND
NDIS
CLK
CLK
NDIS
(MSB) D1
(MSB) D1
N2C
D2
D2
NFH
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
NC
NC
NC
D10 (LSB)
D10 (LSB)
D9
D9
D8
D8
D7
D7
D6
D6
D5
D5
D4
D4
D3
D3
NFL
65-1016-02
40 Lead Ceramic DIP
24 Lead Ceramic DIP


Similar Part No. - TDC1016J7AX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDC1011 TI-TDC1011 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
TDC1011-Q1 TI-TDC1011-Q1 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
TDC1011-Q1 TI-TDC1011-Q1 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
TDC1011-Q1 TI-TDC1011-Q1_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
TDC1011PW TI-TDC1011PW Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
More results

Similar Description - TDC1016J7AX

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5710A INTERSIL-HI5710A Datasheet
154Kb / 20P
   10-Bit, 20 MSPS A/D Converter
August 1997
HI5710A INTERSIL-HI5710A_00 Datasheet
833Kb / 21P
   10-Bit, 20 MSPS A/D Converter
HI1172 INTERSIL-HI1172 Datasheet
60Kb / 7P
   6-Bit, 20 MSPS,Video A/D Converter (CMOS)
August 1997
logo
ELAN Microelectronics C...
EM19100 EMC-EM19100 Datasheet
104Kb / 6P
   8-BIT 20 MSPS VIDEO A/D CONVERTER (CMOS)
logo
Cadeka Microcircuits LL...
TMC3003 CADEKA-TMC3003 Datasheet
200Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
TMC3033 CADEKA-TMC3033 Datasheet
216Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Analog Devices
AD773A AD-AD773A_15 Datasheet
4Mb / 14P
   10 BIT 20 MSPS MONOLITHIC A/D CONVERTER
REV. 0
logo
Fairchild Semiconductor
TMC3033 FAIRCHILD-TMC3033 Datasheet
119Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Analog Devices
AD773A AD-AD773A Datasheet
223Kb / 16P
   10-Bit, 20 MSPS Monolithic A/D Converter
REV. 0
logo
Intersil Corporation
HI5735 INTERSIL-HI5735 Datasheet
136Kb / 12P
   12-Bit, 80 MSPS, High Speed Video D/A Converter
January 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com