Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMX320DM648ZUT7 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMX320DM648ZUT7
Description  Digital Media Processor
Download  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320DM648ZUT7 Datasheet(HTML) 3 Page - Texas Instruments

  TMX320DM648ZUT7 Datasheet HTML 1Page - Texas Instruments TMX320DM648ZUT7 Datasheet HTML 2Page - Texas Instruments TMX320DM648ZUT7 Datasheet HTML 3Page - Texas Instruments TMX320DM648ZUT7 Datasheet HTML 4Page - Texas Instruments TMX320DM648ZUT7 Datasheet HTML 5Page - Texas Instruments TMX320DM648ZUT7 Datasheet HTML 6Page - Texas Instruments TMX320DM648ZUT7 Datasheet HTML 7Page - Texas Instruments TMX320DM648ZUT7 Datasheet HTML 8Page - Texas Instruments TMX320DM648ZUT7 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 167 page
background image
www.ti.com
TMS320DM647/TMS320DM648
Digital Media Processor
SPRS372A – MAY 2007 – REVISED JUNE 2007
multichannel audio serial port (McASP) with ten serializers; four 64-bit general-purpose timers each
configurable as two independent 32-bit timers; a user-configurable 16-bit or 32-bit host-port interface
(HPI); 32 pins for general-purpose input/output (GPIO) with programmable interrupt/event generation
modes, multiplexed with other peripherals; one UART; and two glueless external memory interfaces: a
synchronous and asynchronous external memory interface (EMIFA) for slower memories/peripherals, and
a higher DDR2 SDRAM interface.
The video port peripherals provide a glueless interface to common video decoder and encoder devices.
The video port peripherals support multiple resolutions and video standards (e.g., CCIR601, ITU-BT.656,
BT.1120, SMPTE 125M, 260M, 274M, and 296M).
The video port peripherals are configurable and can support either video capture and/or video display
modes. Each video port consists of two channels (A and B) with a 5120-byte capture/display buffer that is
splittable between the two channels.
For more details on the video port peripherals, see the TMS320C64x DSP Video Port/VCXO Interpolated
Control (VIC) Port Reference Guide (literature number SPRU629).
The management data input/output (MDIO) module continuously polls all 32 MDIO addresses to
enumerate all PHY devices in the system.
The I2C and VLYNQ ports allow the device to easily control peripheral modules and/or communicate with
host processors.
The rich peripheral set provides the ability to control external peripheral devices and communicate with
external processors. For details on each of the peripherals, see the related sections later in this document
and the associated peripheral reference guides.
The DM647/DM648 devices have a complete set of development tools. These include C compilers, a DSP
assembly optimizer to simplify programming and scheduling, and a Windows™ debugger interface for
visibility into source code execution.
Submit Documentation Feedback
TMS320DM647/TMS320DM648 Digital Media Processor
3


Similar Part No. - TMX320DM648ZUT7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMX320DM648ZUT720 TI-TMX320DM648ZUT720 Datasheet
1Mb / 166P
[Old version datasheet]   Digital Media Processor
More results

Similar Description - TMX320DM648ZUT7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6431 TI-TMS320DM6431 Datasheet
1Mb / 225P
[Old version datasheet]   Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433 Datasheet
2Mb / 271P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI-TMS320DM647_10 Datasheet
1Mb / 181P
[Old version datasheet]   Digital Media Processor
TMS320DM6437 TI-TMS320DM6437_08 Datasheet
2Mb / 305P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI1-TMS320DM647_16 Datasheet
1Mb / 190P
[Old version datasheet]   Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431_15 Datasheet
1Mb / 227P
[Old version datasheet]   Digital Media Processor
TMS320DM6435 TI1-TMS320DM6435_16 Datasheet
2Mb / 252P
[Old version datasheet]   Digital Media Processor
TMS320DM6435 TI1-TMS320DM6435_17 Datasheet
2Mb / 252P
[Old version datasheet]   Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431_17 Datasheet
1Mb / 227P
[Old version datasheet]   Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433_17 Datasheet
2Mb / 271P
[Old version datasheet]   Digital Media Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com