Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT-N816RD Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part # BT-N816RD
Description  0.80(20.0MM)THREE DIGIT LED DISPLAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BT-N816RD Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BT-N816RD Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BT-N816RD Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BT-N816RD Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
    
  

 


        !!

 "#$
%&'
()*+,-."/&,
"-&01
+.2-3**'-&2"+
"-" -
4 
&--.5
*+*3
."6
7"8.
.01-%
 0

0
5
7
4

."6
4  9' "/
89'
25
,34"2.
*+*3
.1.0-
*+*3
,'.3.5



:
$
!
$
!$
+"26
7%&-.

; "#$
.8.3). *+-"1. <<<<<<<<<<<<<<<<<<<<<<<<<<<<<<<<<<<<< $
.8.3). ,33.0- #$ <<<<<<<<<<<<<<<<<<<<<<<<<<<<<<< =
'.3"-&01 .'.3"-,3. "01. <<<<<<<<<<<<<<<<<<<<<<<<<< > 
-*3"1. .'.3"-,3. "01. <<<<<<<<<<<<<<<<<<<<<<<<<<< > $
."5 *+5.3&01 .'.3"-,3.    ?3* *59<<<<<<<<<<<<<<<<<< ?*3$.2*05)


Similar Part No. - BT-N816RD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT-N816RD ETC1-BT-N816RD Datasheet
129Kb / 1P
   THREE DIGIT LED DISPLAY
More results

Similar Description - BT-N816RD

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BT-N812RD BRIGHT-BT-N812RD Datasheet
149Kb / 3P
   0.80(20.0MM)THREE DIGIT LED DISPLAY
BT-M816RD BRIGHT-BT-M816RD Datasheet
154Kb / 3P
   0.80(20.0MM)THREE DIGIT LED DISPLAY
logo
LightKey Optoelectronic...
LD8031CD LIGHTKEY-LD8031CD Datasheet
72Kb / 3P
   0.80 inch Three Digit 7 Segment LED Display
LD8033AB LIGHTKEY-LD8033AB Datasheet
176Kb / 3P
   0.80 inch Three Digit 7 Segment LED Display
LD8031AB LIGHTKEY-LD8031AB Datasheet
71Kb / 3P
   0.80 inch Three Digit 7 Segment LED Display
logo
BetLux Electronics
BL-T80A-31 BETLUX-BL-T80A-31 Datasheet
308Kb / 5P
   20.30mm (0.80) Three digit Seven Segment LED display series
BL-T80I-31 BETLUX-BL-T80I-31 Datasheet
335Kb / 5P
   20.30mm (0.80) Three digit numeric display series
BL-T80A-32 BETLUX-BL-T80A-32 Datasheet
333Kb / 5P
   20.30mm (0.80) Three digit numeric display series
BL-T80G-31 BETLUX-BL-T80G-31 Datasheet
345Kb / 5P
   20.30mm (0.80) Three digit numeric display series
BL-T80K-31 BETLUX-BL-T80K-31 Datasheet
328Kb / 5P
   20.30mm (0.80) Three digit numeric display series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com