Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

67-21UWC Datasheet(PDF) 1 Page - A-BRIGHT Inc

Part # 67-21UWC
Description  TOP View LEDs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

67-21UWC Datasheet(HTML) 1 Page - A-BRIGHT Inc

  67-21UWC Datasheet HTML 1Page - A-BRIGHT Inc 67-21UWC Datasheet HTML 2Page - A-BRIGHT Inc 67-21UWC Datasheet HTML 3Page - A-BRIGHT Inc 67-21UWC Datasheet HTML 4Page - A-BRIGHT Inc 67-21UWC Datasheet HTML 5Page - A-BRIGHT Inc 67-21UWC Datasheet HTML 6Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2009/2/20
NOTES:
1. All dimensions are in millimeters (inches);
2. Tolerances are
±0.1mm (0.004inch) unless otherwise
noted.
3. Polarity referring onto the cathode mark is reversed on the
red.
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
SURFACE MOUNT CHIP LED LAMPS
TOP View LEDs
Part Number: 67-21UWC
Package outlines & Re-flow Profile
Soldering iron
Basic spec is
5sec when 260℃. If temperature is higher,
time should be shorter (+10℃
-1sec ).Power dissipation
of iron should be smaller than 15W, and temperatures
should be controllable .Surface temperature of the device
should be under 230℃ .
Reflow Temp/Time
ITEM
MATERIALS
Resin (mold)
Epoxy
Lens color
Yellow Diffused
Printed circuit board
BT
Material
InGaN
Emitted color
White
For reflow soldering (Propose)


Similar Part No. - 67-21UWC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-21UWC EVERLIGHT-67-21UWC Datasheet
150Kb / 10P
   White Reverse Package Top View LEDs
logo
A-BRIGHT Inc
67-21UWC A-BRIGHT-67-21UWC Datasheet
270Kb / 6P
   TOP View LEDs
2009/2/20
logo
Everlight Electronics C...
67-21UWC/S400-XX/TR10 EVERLIGHT-67-21UWC/S400-XX/TR10 Datasheet
150Kb / 10P
   White Reverse Package Top View LEDs
67-21UWCS400-XXTR10 EVERLIGHT-67-21UWCS400-XXTR10 Datasheet
150Kb / 10P
   White Reverse Package Top View LEDs
logo
A-BRIGHT Inc
67-21UWC A-BRIGHT-67-21UWC_09 Datasheet
270Kb / 6P
   TOP View LEDs
2009/2/20
More results

Similar Description - 67-21UWC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-21-YSC-FU1U2B-2T EVERLIGHT-67-21-YSC-FU1U2B-2T Datasheet
211Kb / 10P
   Top View LEDs
67-22-R6Y2C-B31-2T EVERLIGHT-67-22-R6Y2C-B31-2T Datasheet
296Kb / 12P
   Top View LEDs
logo
A-BRIGHT Inc
67-21UWC A-BRIGHT-67-21UWC Datasheet
270Kb / 6P
   TOP View LEDs
2009/2/20
67-21SURC A-BRIGHT-67-21SURC Datasheet
253Kb / 5P
   Top View LEDs
2009/2/20
logo
Everlight Electronics C...
67-21-YSC-FU1U2B-2T EVERLIGHT-67-21-YSC-FU1U2B-2T Datasheet
211Kb / 10P
   Top View LEDs
61-238-RSGBB7C-B02-ET EVERLIGHT-61-238-RSGBB7C-B02-ET Datasheet
337Kb / 14P
   Top View LEDs
67-21SUBC-S400-XX-TR8 EVERLIGHT-67-21SUBC-S400-XX-TR8 Datasheet
536Kb / 9P
   Top View LEDs
45-21UFC EVERLIGHT-45-21UFC Datasheet
253Kb / 14P
   Top View LEDs
67-21-G4C-BQ1T2N-2T EVERLIGHT-67-21-G4C-BQ1T2N-2T Datasheet
136Kb / 10P
   TOP View LEDs
67-21SUGC-S400-A4-TR8 EVERLIGHT-67-21SUGC-S400-A4-TR8 Datasheet
205Kb / 9P
   TOP View LEDs
67-21-T6C-MU2W1E-2T EVERLIGHT-67-21-T6C-MU2W1E-2T Datasheet
236Kb / 12P
   Top View LEDs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com