Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

67-23SURSUGSUBC Datasheet(PDF) 1 Page - A-BRIGHT Inc

Part # 67-23SURSUGSUBC
Description  Top View With Full Color LEDs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

67-23SURSUGSUBC Datasheet(HTML) 1 Page - A-BRIGHT Inc

  67-23SURSUGSUBC Datasheet HTML 1Page - A-BRIGHT Inc 67-23SURSUGSUBC Datasheet HTML 2Page - A-BRIGHT Inc 67-23SURSUGSUBC Datasheet HTML 3Page - A-BRIGHT Inc 67-23SURSUGSUBC Datasheet HTML 4Page - A-BRIGHT Inc 67-23SURSUGSUBC Datasheet HTML 5Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2008/11/28
NOTES:
1. All dimensions are in millimeters (inches).
2. Tolerances are
±0.1mm (0.004inch) unless
otherwise noted.
3. Polarity referring onto the cathode mark is reversed
on the red.
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
SURFACE MOUNT CHIP LED LAMPS
Top View With Full Color LEDs
Part Number: 67-23SURSUGSUBC
Package outlines & Re-flow Profile
Soldering iron
Basic spec is
5sec when 260℃. If temperature is
higher, time should be shorter (+10℃
-1sec ).Power
dissipation of iron should be smaller than 15W, and
temperatures should be controllable .Surface temperature
of the device should be under 230℃ .
Reflow Temp/Time
ITEM
MATERIALS
Resin (mold)
Epoxy
Lens color
Water Clear
Printed circuit board
BT
AlGaInP
InGaN
Dice
InGaN
Super Red
Super Blue
Emitted color
Super Green
For Reflow Soldering


Similar Part No. - 67-23SURSUGSUBC

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
67-23SURSUGSUBC A-BRIGHT-67-23SURSUGSUBC Datasheet
256Kb / 5P
   Top View With Full Color LEDs
2008/11/28
67-23SURSUGSUBC A-BRIGHT-67-23SURSUGSUBC_09 Datasheet
255Kb / 5P
   Top View With Full Color LEDs
2009/2/20
67-23SURSUGSUBC A-BRIGHT-67-23SURSUGSUBC_15 Datasheet
256Kb / 5P
   Top View With Full Color LEDs
2008/11/28
More results

Similar Description - 67-23SURSUGSUBC

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
67-23SURSUGSUBC A-BRIGHT-67-23SURSUGSUBC_15 Datasheet
256Kb / 5P
   Top View With Full Color LEDs
2008/11/28
67-23SURSUGSUBC A-BRIGHT-67-23SURSUGSUBC Datasheet
256Kb / 5P
   Top View With Full Color LEDs
2008/11/28
67-23SURSUGSUBC A-BRIGHT-67-23SURSUGSUBC_09 Datasheet
255Kb / 5P
   Top View With Full Color LEDs
2009/2/20
logo
Everlight Electronics C...
67-23SDRSYGUBC-TR8 EVERLIGHT-67-23SDRSYGUBC-TR8 Datasheet
149Kb / 10P
   Full Color Top View LEDs
67-03-BHGHR6W-B11-2T EVERLIGHT-67-03-BHGHR6W-B11-2T Datasheet
248Kb / 15P
   Full Color Top View LEDs
67-03-S3GHBHC-B01-1T EVERLIGHT-67-03-S3GHBHC-B01-1T Datasheet
216Kb / 13P
   Full Color Top View LEDs
67-23SURSYGUBC-S530-A2 EVERLIGHT-67-23SURSYGUBC-S530-A2 Datasheet
139Kb / 10P
   Full Color Top View LEDs
67-03-BHGHR6W-B11-2T-MS EVERLIGHT-67-03-BHGHR6W-B11-2T-MS Datasheet
291Kb / 14P
   Full Color Top View LEDs
EAPL3528RYA0 EVERLIGHT-EAPL3528RYA0 Datasheet
376Kb / 10P
   Full Color Top View LEDs
EAPL3527GGA0 EVERLIGHT-EAPL3527GGA0 Datasheet
568Kb / 10P
   Full Color Top View LEDs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com