Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVTH125MTC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74LVTH125MTC
Description  Low Voltage Quad Buffer with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVTH125MTC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74LVTH125MTC Datasheet HTML 1Page - Fairchild Semiconductor 74LVTH125MTC Datasheet HTML 2Page - Fairchild Semiconductor 74LVTH125MTC Datasheet HTML 3Page - Fairchild Semiconductor 74LVTH125MTC Datasheet HTML 4Page - Fairchild Semiconductor 74LVTH125MTC Datasheet HTML 5Page - Fairchild Semiconductor 74LVTH125MTC Datasheet HTML 6Page - Fairchild Semiconductor 74LVTH125MTC Datasheet HTML 7Page - Fairchild Semiconductor 74LVTH125MTC Datasheet HTML 8Page - Fairchild Semiconductor 74LVTH125MTC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©1998 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LVTH125 Rev. 1.4.0
January 2008
74LVTH125
Low Voltage Quad Buffer with 3-STATE Outputs
Features
Input and output interface capability to systems at
5V VCC
Bushold data inputs eliminate the need for external
pull-up resistors to hold unused inputs
Live insertion/extraction permitted
Power Up/Down high impedance provides glitch-free
bus loading
Outputs source/sink –32mA/+64mA
Functionally compatible with the 74 series 125
Latch-up performance exceeds 500mA
ESD performance:
– Human-body model
> 2000V
– Machine model
> 200V
– Charged-device model
> 1000V
General Description
The LVTH125 contains four independent non-inverting
buffers with 3-STATE outputs.
These buffers are designed for low-voltage (3.3V) VCC
applications, but with the capability to provide a TTL
interface to a 5V environment. The LVTH125 is fabri-
cated with an advanced BiCMOS technology to achieve
high speed operation similar to 5V ABT while maintain-
ing a low power dissipation.
Ordering Information
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number.
All packages are lead free per JEDEC: J-STD-020B standard.
Order Number
Package
Number
Package Description
74LVTH125M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74LVTH125SJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74LVTH125MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide


Similar Part No. - 74LVTH125MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVTH125MTC FAIRCHILD-74LVTH125MTC Datasheet
56Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
74LVTH125MTC ONSEMI-74LVTH125MTC Datasheet
227Kb / 9P
   Low Voltage Quad Buffer
January 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVTH125MTCX FAIRCHILD-74LVTH125MTCX Datasheet
56Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVTH125MTCX_NL FAIRCHILD-74LVTH125MTCX_NL Datasheet
56Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
More results

Similar Description - 74LVTH125MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX125SJX FAIRCHILD-74LVX125SJX Datasheet
310Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVQ125 FAIRCHILD-74LVQ125_01 Datasheet
54Kb / 5P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVX125 FAIRCHILD-74LVX125_08 Datasheet
310Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVTH125 FAIRCHILD-74LVTH125 Datasheet
56Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVQ125 FAIRCHILD-74LVQ125 Datasheet
66Kb / 6P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVX125 FAIRCHILD-74LVX125 Datasheet
87Kb / 6P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVX125MTCX FAIRCHILD-74LVX125MTCX Datasheet
310Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
74VHC125 FAIRCHILD-74VHC125_07 Datasheet
198Kb / 9P
   Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
74VHC125 ONSEMI-74VHC125 Datasheet
225Kb / 9P
   Quad Buffer with 3-STATE Outputs
December 2007 Rev. 1.4.0
logo
Fairchild Semiconductor
74ABT125CSCX FAIRCHILD-74ABT125CSCX Datasheet
284Kb / 8P
   Quad Buffer with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com