Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HCT174E Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HCT174E
Description  High-Speed CMOS Logic Hex D-Type Flip-Flop with Reset
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT174E Datasheet(HTML) 5 Page - Texas Instruments

  CD74HCT174E Datasheet HTML 1Page - Texas Instruments CD74HCT174E Datasheet HTML 2Page - Texas Instruments CD74HCT174E Datasheet HTML 3Page - Texas Instruments CD74HCT174E Datasheet HTML 4Page - Texas Instruments CD74HCT174E Datasheet HTML 5Page - Texas Instruments CD74HCT174E Datasheet HTML 6Page - Texas Instruments CD74HCT174E Datasheet HTML 7Page - Texas Instruments CD74HCT174E Datasheet HTML 8Page - Texas Instruments CD74HCT174E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
Setup Time, Data to Clock
tSU
-
2
60
-
75
-
90
-
ns
4.5
12
-
15
-
18
-
ns
6
10-13
-15-
ns
Hold Time, Data to Clock
tH
-
2
5-5-5-
ns
4.5
5-5-5-
ns
6
5
-5-5-
ns
Removal Time, MR to Clock
tREM
-
2
5-5-5-
ns
4.5
5-5-5-
ns
6
5
-5-5-
ns
Clock Frequency
fMAX
-
2
6-5-4-
MHz
4.5
30
-
24
-
20
-
MHz
6
35
-
28
-
24
-
MHz
HCT TYPES
Clock Pulse Width
tw
-
4.5
20
-
25
-
30
-
ns
MR Pulse Width
tw
-
6
25
-
31
-
38
-
ns
Setup Time, Data to Clock
tSU
-
4.5
16
-
20
-
24
-
ns
Hold Time, Data to Clock
tH
-
6
5-5-5-
ns
Removal Time, MR to Clock
tREM
-
4.5
12
-
15
-
18
-
ns
Clock Frequency
fMAX
-
6
25
-
20
-
17
-
MHz
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
TYP
MAX
MAX
MAX
HC TYPES
Propagation Delay, Clock to Q
tPLH, tPHL
CL = 50pF
2
-
165
205
250
ns
4.5
-
33
41
50
ns
6
-
28
35
43
ns
CL = 15pF
5
13
-
-
-
ns
Propagation Delay, MR to Q
tPLH, tPHL
CL = 50pF
2
-
150
190
225
ns
4.5
-
30
38
45
ns
6
-
26
33
38
ns
CL = 15pF
5
12
-
-
-
ns
Output Transition Times
tTLH, tTHL
CL = 50pF
2
-
75
95
110
ns
4.5
-
15
19
22
ns
6
-
13
16
19
ns
Input Capacitance
CIN
--
-
10
10
10
pF
Power Dissipation
Capacitance
(Notes 3, 4)
CPD
-
5
38
-
-
-
pF
Prerequisite For Switching Function
(Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
MAX
MIN
MAX
MIN
MAX
CD54HC174, CD74HC174, CD54HCT174, CD74HCT174


Similar Part No. - CD74HCT174E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HCT174E TI-CD74HCT174E Datasheet
53Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Hex D-Type Flip-Flop with Reset
CD74HCT174E TI-CD74HCT174E Datasheet
277Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Hex D-Type Flip-Flop with Reset
CD74HCT174EE4 TI-CD74HCT174EE4 Datasheet
277Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Hex D-Type Flip-Flop with Reset
More results

Similar Description - CD74HCT174E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC174 TI-CD74HC174 Datasheet
53Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Hex D-Type Flip-Flop with Reset
CD54HC174 TI-CD54HC174 Datasheet
277Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Hex D-Type Flip-Flop with Reset
CD74HC175 TI-CD74HC175 Datasheet
55Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Quad D-Type Flip-Flop with Reset
CD54HC273 TI-CD54HC273 Datasheet
295Kb / 7P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop with Reset
CD54HC175 TI-CD54HC175_08 Datasheet
562Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad D-Type Flip-Flop with Reset
CD74HC273 TI-CD74HC273 Datasheet
54Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Octal D-Type Flip-Flop with Reset
CD54HCT175 TI-CD54HCT175 Datasheet
278Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Quad D-Type Flip-Flop with Reset
CD54HCT175 TI-CD54HCT175_07 Datasheet
422Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Quad D-Type Flip-Flop with Reset
CD54HC273 TI1-CD54HC273_16 Datasheet
858Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop with Reset
logo
Fairchild Semiconductor
74F174 FAIRCHILD-74F174 Datasheet
57Kb / 6P
   Hex D-Type Flip-Flop with Master Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com