Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMTYXXA Datasheet(PDF) 4 Page - STMicroelectronics

Part # SMTYXXA
Description  Low forward voltage TVS: Transky?
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMTYXXA Datasheet(HTML) 4 Page - STMicroelectronics

  SMTYXXA Datasheet HTML 1Page - STMicroelectronics SMTYXXA Datasheet HTML 2Page - STMicroelectronics SMTYXXA Datasheet HTML 3Page - STMicroelectronics SMTYXXA Datasheet HTML 4Page - STMicroelectronics SMTYXXA Datasheet HTML 5Page - STMicroelectronics SMTYXXA Datasheet HTML 6Page - STMicroelectronics SMTYXXA Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Ordering information scheme
SMTYxxA
4/7
2
Ordering information scheme
Figure 7.
Forward voltage drop versus
forward current (typical values)
Figure 8.
Reverse leakage current versus
junction temperature
(typical values)
Figure 9.
SMTY5.0A Clamping voltage versus
peak pulse current (typical values)
Figure 10.
SMTY12A Clamping voltage versus
peak pulse current (typical values)
0.01
0.10
1.00
10.00
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
IF(A)
T j=25 °C
T j=85 °C
VF(V)
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
0
25
50
75
100
125
150
I
R(µA)
Tj(°C)
SMTY5.0A
SMTY12A
V
V
R
R
= 5 V
= 12 V
0.1
1.0
10.0
100.0
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
I
PP(A)
8/20 µs
T
j initial =25 °C
10/1000 µs
VCL(V)
SMTY5.0A
0.1
1.0
10.0
100.0
10
11
12
13
14
15
16
17
18
19
20
I
PP(A)
8/20 µs
T
j initial =25 °C
10/1000 µs
VCL(V)
SMTY12A
SMTY xx A
Transky
Package
A = SMA package
Stand off voltage
5.0 = 5 V
12 = 12 V


Similar Part No. - SMTYXXA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMTY18AM STMICROELECTRONICS-SMTY18AM Datasheet
61Kb / 6P
   LOW FORWARD VOLTAGE TVS: Transky
SMTYF STMICROELECTRONICS-SMTYF Datasheet
95Kb / 8P
   Low forward voltage TVS Transky?
SMTYF12A STMICROELECTRONICS-SMTYF12A Datasheet
95Kb / 8P
   Low forward voltage TVS Transky?
SMTYF5.0A STMICROELECTRONICS-SMTYF5.0A Datasheet
95Kb / 8P
   Low forward voltage TVS Transky?
More results

Similar Description - SMTYXXA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMTY18AM STMICROELECTRONICS-SMTY18AM Datasheet
61Kb / 6P
   LOW FORWARD VOLTAGE TVS: Transky
SMTYF STMICROELECTRONICS-SMTYF Datasheet
95Kb / 8P
   Low forward voltage TVS Transky?
logo
Bruckewell Technology L...
SOTYXXD BWTECH-SOTYXXD Datasheet
543Kb / 4P
   Ultra Low forward voltage TVS
SOTY12D BWTECH-SOTY12D Datasheet
1Mb / 5P
   Ultra Low forward voltage TVS
logo
Mospec Semiconductor
SR220 MOSPEC-SR220 Datasheet
174Kb / 2P
   Low Forward Voltage
logo
Nanjing International G...
BAT54W1 DGNJDZ-BAT54W1 Datasheet
105Kb / 3P
   Low forward voltage
logo
Everlight Electronics C...
HIR89-01C-1R EVERLIGHT-HIR89-01C-1R_15 Datasheet
352Kb / 9P
   Low forward voltage
logo
Sangdest Microelectroni...
SK32AF SMC-SK32AF Datasheet
196Kb / 5P
   Low Forward Voltage
logo
Mospec Semiconductor
S08A150 MOSPEC-S08A150 Datasheet
186Kb / 2P
   Low Forward Voltage
logo
SHIKUES Electronics
1SS387 SKTECHNOLGY-1SS387 Datasheet
1Mb / 3P
   Low forward voltage
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com