Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS793475DBVRQ1 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS793475DBVRQ1
Description  ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS793475DBVRQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS793475DBVRQ1 Datasheet HTML 6Page - Texas Instruments TPS793475DBVRQ1 Datasheet HTML 7Page - Texas Instruments TPS793475DBVRQ1 Datasheet HTML 8Page - Texas Instruments TPS793475DBVRQ1 Datasheet HTML 9Page - Texas Instruments TPS793475DBVRQ1 Datasheet HTML 10Page - Texas Instruments TPS793475DBVRQ1 Datasheet HTML 11Page - Texas Instruments TPS793475DBVRQ1 Datasheet HTML 12Page - Texas Instruments TPS793475DBVRQ1 Datasheet HTML 13Page - Texas Instruments TPS793475DBVRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
TPS79301Q1,'79318Q1, '79325Q1
'79328Q1,'793285Q1,'79330Q1
TPS79333Q1,'793475Q1
SGLS162D − APRIL 2003 − REVISED SEPTEMBER 2007
www.ti.com
10
APPLICATION INFORMATION
The TPS793xx family of low-dropout (LDO) regulators has been optimized for use in noise-sensitive battery-operated
equipment. The device features low dropout voltages, high PSRR, ultralow output noise, low quiescent current (170
µA
typical), and enable input to reduce supply currents to less than 1
µA when the regulator is turned off.
A typical application circuit is shown in Figure 22.
0.1
µF
BYPASS
OUT
1
3
IN
EN
GND
2
4
5
VI
VO
2.2
µF
+
TPS793xx
0.01
µF
Figure 22. Typical Application Circuit
EXTERNAL CAPACITOR REQUIREMENTS
A 0.1-
µF or larger ceramic input bypass capacitor, connected between IN and GND and located close to the TPS793xx,
is required for stability and improves transient response, noise rejection, and ripple rejection. A higher-value electrolytic
input capacitor may be necessary if large, fast rise time, load transients are anticipated and the device is located several
inches from the power source.
Like all low dropout regulators, the TPS793xx requires an output capacitor connected between OUT and GND to stabilize
the internal control loop. The minimum recommended capacitance is 2.2
µF. Any 2.2-µF or larger ceramic capacitor is
suitable, provided the capacitance does not vary significantly over temperature.
The internal voltage reference is a key source of noise in an LDO regulator. The TPS793xx has a BYPASS pin that is
connected to the voltage reference through a 250-k
Ω internal resistor. The 250-kΩ internal resistor, in conjunction with an
external bypass capacitor connected to the BYPASS pin, creates a low-pass filter to reduce the voltage reference noise
and, therefore, the noise at the regulator output. In order for the regulator to operate properly, the current flow out of the
BYPASS pin must be at a minimum, because any leakage current creates an IR drop across the internal resistor, thus
creating an output error. Therefore, the bypass capacitor must have minimal leakage current.
For example, the TPS79328 exhibits only 32
µVRMS of output voltage noise using a 0.1-µF ceramic bypass capacitor and
a 2.2-
µF ceramic output capacitor. Note that the output starts up slower as the bypass capacitance increases due to the
RC time constant at BYPASS that is created by the internal 250-k
Ω resistor and external capacitor.
BOARD LAYOUT RECOMMENDATION TO IMPROVE PSRR AND NOISE PERFORMANCE
To improve ac measurements such as PSRR, output noise, and transient response, it is recommended that the board be
designed with separate ground planes for VIN and VOUT, with each ground plane connected only at the GND pin of the
device. In addition, the ground connection for the bypass capacitor should connect directly to the GND pin of the device.


Similar Part No. - TPS793475DBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS793475DBVRQ1 TI-TPS793475DBVRQ1 Datasheet
879Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS793475DBVRQ1 TI1-TPS793475DBVRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast RF 200-mA Low-Dropout Linear Regulators
More results

Similar Description - TPS793475DBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS793-Q1 TI1-TPS793-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast RF 200-mA Low-Dropout Linear Regulators
TPS79301DBVRG4Q1 TI-TPS79301DBVRG4Q1 Datasheet
879Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP Datasheet
786Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79501 TI-TPS79501 Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS795XX TI-TPS795XX Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS79133-EP TI-TPS79133-EP Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79147-EP TI-TPS79147-EP_15 Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-EP TI1-TPS79101-EP_16 Datasheet
1,015Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com