Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALS569ADWRE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74ALS569ADWRE4
Description  SYNCHRONOUS 4-BIT UP/DOWN DECADE AND BINARY COUNTERS WITH 3-STATE OUTPUTS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS569ADWRE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74ALS569ADWRE4 Datasheet HTML 1Page - Texas Instruments SN74ALS569ADWRE4 Datasheet HTML 2Page - Texas Instruments SN74ALS569ADWRE4 Datasheet HTML 3Page - Texas Instruments SN74ALS569ADWRE4 Datasheet HTML 4Page - Texas Instruments SN74ALS569ADWRE4 Datasheet HTML 5Page - Texas Instruments SN74ALS569ADWRE4 Datasheet HTML 6Page - Texas Instruments SN74ALS569ADWRE4 Datasheet HTML 7Page - Texas Instruments SN74ALS569ADWRE4 Datasheet HTML 8Page - Texas Instruments SN74ALS569ADWRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
SN54ALS569A, SN74ALS568A, SN74ALS569A
SYNCHRONOUS 4-BIT UP/DOWN DECADE AND BINARY COUNTERS
WITH 3-STATE OUTPUTS
SDAS229A – APRIL 1982 – REVISED JANUARY 1995
Copyright
© 1995, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
3-State Q Outputs Drive Bus Lines Directly
Counter Operation Independent of 3-State
Output
Fully Synchronous Clear, Count, and Load
Asynchronous Clear Is Also Provided
Fully Cascadable
Package Options Include Plastic
Small-Outline (DW) Packages, Ceramic
Chip Carriers (FK), and Standard Plastic (N)
and Ceramic (J) 300-mil DIPs
description
The
SN74ALS568A
decade
counter
and
′ALS569A binary counters are programmable,
count up or down, and offer both synchronous and
asynchronous clearing. All synchronous functions
are executed on the positive-going edge of the
clock (CLK) input.
The clear function is initiated by applying a low
level to either asynchronous clear (ACLR) or
synchronous clear (SCLR). Asynchronous (direct)
clearing overrides all other functions of the device,
while synchronous clearing overrides only the
other synchronous functions. Data is loaded from
the A, B, C, and D inputs by holding load (LOAD)
low during a positive-going clock transition. The
counting function is enabled only when enable P
(ENP) and enable T (ENT) are low and ACLR,
SCLR, and LOAD are high. The up/down (U/D)
input controls the direction of the count. These
counters count up when U/D is high and count
down when U/D is low.
A high level at the output-enable (OE) input forces the Q outputs into the high-impedance state, and a low level
enables those outputs. Counting is independent of OE. ENT is fed forward to enable the ripple-carry output
(RCO) to produce a low-level pulse while the count is zero (all Q outputs low) when counting down or maximum
(9 or 15) when counting up. The clocked carry output (CCO) produces a low-level pulse for a duration equal to
that of the low level of the clock when RCO is low and the counter is enabled (both ENP and ENT are low);
otherwise, CCO is high. CCO does not have the glitches commonly associated with a ripple-carry output.
Cascading is normally accomplished by connecting RCO or CCO of the first counter to ENT of the next counter.
However, for very high-speed counting, RCO should be used for cascading since CCO does not become active
until the clock returns to the low level.
The SN54ALS569A is characterized for operation over the full military temperature range of – 55
°C to 125°C.
The SN74ALS568A and SN74ALS569A are characterized for operation from 0
°C to 70°C.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
U/D
CLK
A
B
C
D
ENP
ACLR
SCLR
GND
VCC
RCO
CCO
OE
QA
QB
QC
QD
ENT
LOAD
SN54ALS569A ...J PACKAGE
SN74ALS568A, SN74ALS569A . . . DW OR N PACKAGE
(TOP VIEW)
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
CCO
OE
QA
QB
QC
B
C
D
ENP
ACLR
SN54ALS569A . . . FK PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74ALS569ADWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS569ADWRE4 TI-SN74ALS569ADWRE4 Datasheet
610Kb / 20P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN DECADE AND BINARY COUNTERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALS569ADWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS569A TI-SN54ALS569A Datasheet
610Kb / 20P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN DECADE AND BINARY COUNTERS WITH 3-STATE OUTPUTS
SN54ALS190 TI-SN54ALS190 Datasheet
140Kb / 8P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN DECADE AND BINARY COUNTERS
logo
National Semiconductor ...
MM54HC192 NSC-MM54HC192 Datasheet
180Kb / 8P
   Synchronous Decade Up/Down Counters Synchronous Binary Up/Down Counters
logo
Texas Instruments
SN54ALS161B TI-SN54ALS161B_08 Datasheet
922Kb / 27P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54HC160 TI1-SN54HC160_12 Datasheet
626Kb / 17P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54ALS161B TI-SN54ALS161B_07 Datasheet
689Kb / 27P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54ALS161B TI-SN54ALS161B Datasheet
220Kb / 14P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54HC160 TI-SN54HC160 Datasheet
300Kb / 15P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54ALS161B TI1-SN54ALS161B_15 Datasheet
927Kb / 26P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54ALS160B TI-SN54ALS160B Datasheet
160Kb / 11P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com