Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVT8986ZGV Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74LVT8986ZGV
Description  3.3-V LINKING ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVT8986ZGV Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVT8986ZGV Datasheet HTML 1Page - Texas Instruments SN74LVT8986ZGV Datasheet HTML 2Page - Texas Instruments SN74LVT8986ZGV Datasheet HTML 3Page - Texas Instruments SN74LVT8986ZGV Datasheet HTML 4Page - Texas Instruments SN74LVT8986ZGV Datasheet HTML 5Page - Texas Instruments SN74LVT8986ZGV Datasheet HTML 6Page - Texas Instruments SN74LVT8986ZGV Datasheet HTML 7Page - Texas Instruments SN74LVT8986ZGV Datasheet HTML 8Page - Texas Instruments SN74LVT8986ZGV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
www.ti.com
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
SN54LVT8986
,, SN74LVT8986
3.3-V LINKING ADDRESSABLE SCAN PORTS
MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
SCBS759E – OCTOBER 2002 – REVISED MAY 2007
The address (A9–A0) inputs to the LASP are used to identify the LASP. The position (P2–P0) inputs to the LASP
are used to identify the position of the LASP within a cascade chain when multiple LASPs are cascaded. Up to 8
LASPs can be cascaded to link a maximum of 24 secondary scan paths to 1 primary scan path.
In a system, primary-to-secondary connection is based on linking shadow protocols that are received and
acknowledged on PTDI and PTDO, respectively. These protocols can occur in any of the stable TAP states,
other than Shift-DR or Shift-IR (i.e., Test-Logic-Reset, Run-Test/Idle, Pause-DR or Pause-IR). The essential
nature of the protocols is to receive/transmit an address, position the LASP in the cascade chain that is being
configured, and configuration of secondary TAPs via a serial bit-pair signaling scheme. When address and
position bits received serially at PTDI match those at the parallel address (A9–A0) inputs and position (P2–P0)
inputs respectively, the secondary TAPs are configured per the configuration bits received during the linking
shadow protocol, then LASP serially retransmits the entire linking shadow protocol as an acknowledgment and
assumes the connected (ON) status. If the received address or position does not match that at the address
(A9–A0) inputs or position (P2–P0) inputs, the LASP immediately assumes the disconnected (OFF) status,
without acknowledgment.
The LASP also supports three dedicated addresses that can be received globally (that is, to which all LASPs
respond) during shadow protocols. Receipt of the dedicated disconnect address (DSA) causes the LASP to
disconnect in the same fashion as a nonmatching address. Reservation of this address for global use ensures
that at least one address is available to disconnect all receiving LASPs. The DSA is especially useful when the
secondary TAPs of multiple LASPs are to be left in different stable states. Receipt of the reset address (RSA)
causes the LASP to assume the reset condition. Receipt of the test-synchronization address (TSA) causes the
LASP to assume a connect status (MULTICAST) in which PTDO is at high impedance, but the configuration of
the secondary TAPs are maintained to allow simultaneous operation of the secondary TAPs of multiple LASPs.
This is useful for multicast TAP-state movement, simultaneous test operation, such as in Run-Test/Idle state,
and scanning of common test data into multiple like scan chains. The MULTICAST status may also be useful for
concurrent in-system programming (ISP) of common modules. The TSA is valid only when received in the
Pause-DR or Pause-IR TAP states. Refer to Table 9 for different address mapping.
Alternatively, primary-to-secondary connection can be selected by asserting a low level at the bypass (BYP5)
input. The remaining bypass (BYP4–BYP0) inputs are used for configuring the secondary TAPs as shown in
Table 1 and Table 2. This operation is asynchronous to PTCK and is independent of PTRST and/or power-up
reset. This bypassing feature is especially useful in the board-test environment because it allows board-level
automated test equipment (ATE) to treat the LASP as a simple transceiver. When BYP5 is high, the LASP is free
to respond to linking shadow protocols. Otherwise, when BYP5 is low, linking shadow protocols are ignored.
Whether the connected status is achieved by use of linking shadow protocol or by use of bypass inputs, this
status is indicated by a low level at the connect (CON2–CON0) outputs. Likewise, when the secondary TAP is
disconnected from the primary TAP, the corresponding CON output is high. Each secondary TAP has a
pass-through input and output consisting of SX2–SX0 and SY2–SY0, respectively. Similarly, the primary TAP also
has a pass-through input and output consisting of PX and PY, respectively. Pass-through input PX drives the SY
outputs of the secondary TAPs that are connected to the primary TAP. Disconnected secondary TAPs have their
SY outputs at high impedance. Pass-through inputs SY2–SY0 of the connected secondary TAPs are logically
ANDed and drive the PY output. Refer to Table 4-7 for pass-through input/output operation.
4
Submit Documentation Feedback


Similar Part No. - SN74LVT8986ZGV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVT8986 TI-SN74LVT8986 Datasheet
880Kb / 47P
[Old version datasheet]   3.3-V LINKING ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
SN74LVT8986GGV TI-SN74LVT8986GGV Datasheet
880Kb / 47P
[Old version datasheet]   3.3-V LINKING ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
SN74LVT8986PM TI-SN74LVT8986PM Datasheet
880Kb / 47P
[Old version datasheet]   3.3-V LINKING ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
More results

Similar Description - SN74LVT8986ZGV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVT8986 TI-SN74LVT8986 Datasheet
880Kb / 47P
[Old version datasheet]   3.3-V LINKING ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
SN54LVT8996 TI-SN54LVT8996_99 Datasheet
603Kb / 41P
[Old version datasheet]   3.3-V 10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
SN54LVT8996 TI-SN54LVT8996 Datasheet
717Kb / 44P
[Old version datasheet]   3.3-V 10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 JTAG TAP TRANSCEIVERS
SN54ABT8996 TI-SN54ABT8996 Datasheet
564Kb / 40P
[Old version datasheet]   10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 JTAG TAP TRANSCEIVERS
SN54ABT8996 TI1-SN54ABT8996_15 Datasheet
741Kb / 46P
[Old version datasheet]   10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
SN74LVT8996-EP TI1-SN74LVT8996-EP Datasheet
764Kb / 42P
[Old version datasheet]   3.3-V 10-BIT ADDRESSABLE SCAN PORT MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (KTAG) TAP TRANSCEIVER
logo
National Semiconductor ...
SCANSTA111 NSC-SCANSTA111 Datasheet
524Kb / 29P
   Enhanced SCAN bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
SCANSTA111 NSC-SCANSTA111_05 Datasheet
911Kb / 31P
   Enhanced SCAN bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
logo
Texas Instruments
SCANSTA111 TI1-SCANSTA111 Datasheet
1Mb / 38P
[Old version datasheet]   SCANSTA111 Enhanced SCAN Bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
logo
Xilinx, Inc
XQ18V04 XILINX-XQ18V04_03 Datasheet
155Kb / 15P
   IEEE Std 1149.1 boundary-scan (JTAG) support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com