Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA202X Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BTA202X
Description  2 A Three-quadrant triacs high commutation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA202X Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BTA202X Datasheet HTML 4Page - NXP Semiconductors BTA202X Datasheet HTML 5Page - NXP Semiconductors BTA202X Datasheet HTML 6Page - NXP Semiconductors BTA202X Datasheet HTML 7Page - NXP Semiconductors BTA202X Datasheet HTML 8Page - NXP Semiconductors BTA202X Datasheet HTML 9Page - NXP Semiconductors BTA202X Datasheet HTML 10Page - NXP Semiconductors BTA202X Datasheet HTML 11Page - NXP Semiconductors BTA202X Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
BTA202X_SER_D_E_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 7 February 2008
10 of 12
NXP Semiconductors
BTA202X series D and E
2 A Three-quadrant triacs high commutation
11. Revision history
Table 8.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
BTA202X_SER_D_E_1
20080207
Product data sheet
-
-


Similar Part No. - BTA202X

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
BTA202X-600D WEEN-BTA202X-600D Datasheet
249Kb / 13P
   3Q Hi-Com Triac
BTA202X-600E WEEN-BTA202X-600E Datasheet
249Kb / 13P
   3Q Hi-Com Triac
BTA202X-800D WEEN-BTA202X-800D Datasheet
249Kb / 13P
   3Q Hi-Com Triac
BTA202X-800E WEEN-BTA202X-800E Datasheet
249Kb / 13P
   3Q Hi-Com Triac
More results

Similar Description - BTA202X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
BTA212XB PHILIPS-BTA212XB Datasheet
54Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA212B WEEN-BTA212B Datasheet
923Kb / 8P
   Three quadrant triacs high commutation
logo
NXP Semiconductors
BTA312 NXP-BTA312_1 Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA312X-600D NXP-BTA312X-600D Datasheet
94Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA316-600D NXP-BTA316-600D Datasheet
92Kb / 12P
   16 A Three-quadrant triacs high commutation
Rev. 01-18 April 2007
BTA208X-1000C0 NXP-BTA208X-1000C0 Datasheet
196Kb / 12P
   High commutation three-quadrant triacs
Rev. 01-3 September 2009
BTA208B PHILIPS-BTA208B Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA212 PHILIPS-BTA212 Datasheet
45Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com