Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9625D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA9625D
Description  16-bit Fm I2C-bus 100 mA 24 V LED driver
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9625D Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA9625D Datasheet HTML 1Page - NXP Semiconductors PCA9625D Datasheet HTML 2Page - NXP Semiconductors PCA9625D Datasheet HTML 3Page - NXP Semiconductors PCA9625D Datasheet HTML 4Page - NXP Semiconductors PCA9625D Datasheet HTML 5Page - NXP Semiconductors PCA9625D Datasheet HTML 6Page - NXP Semiconductors PCA9625D Datasheet HTML 7Page - NXP Semiconductors PCA9625D Datasheet HTML 8Page - NXP Semiconductors PCA9625D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
PCA9625_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 15 January 2008
3 of 33
NXP Semiconductors
PCA9625
16-bit Fm+ I2C-bus 100 mA 24 V LED driver
3.
Applications
I RGB or RGBA LED drivers
I LED status information
I LED displays
I LCD backlights
I Keypad backlights for cellular phones or handheld devices
4.
Ordering information
Table 1.
Ordering information
Type number
Topside mark
Package
Name
Description
Version
PCA9625D
PCA9625D
SO32
plastic small outline package; 32 leads; body width 7.5 mm
SOT287-1


Similar Part No. - PCA9625D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9620 NXP-PCA9620 Datasheet
535Kb / 71P
   Universal LCD driver for low multiplex rates
Rev. 1-9 December 2010
PCA9620 NXP-PCA9620 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9620 NXP-PCA9620 Datasheet
1Mb / 81P
   60 x 8 LCD high-drive segment driver for automotive and industrial
Rev. 3-3 July 2013
PCA9620H NXP-PCA9620H Datasheet
694Kb / 50P
   Automotive 18 횞 4 LCD segment driver
Rev. 5-15 March 2021
PCA9620H NXP-PCA9620H Datasheet
428Kb / 54P
   Automotive 40 횞 4 LCD driver
Rev. 3-3 December 2014
More results

Similar Description - PCA9625D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9626 NXP-PCA9626 Datasheet
240Kb / 47P
   24-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 02-31 August 2009
PCA9622 PHILIPS-PCA9622 Datasheet
328Kb / 40P
   16-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 5-2 June 2014
PCA9622 NXP-PCA9622 Datasheet
224Kb / 39P
   16-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 03-31 August 2009
PCA9622 NXP-PCA9622_12 Datasheet
330Kb / 39P
   16-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 4-6 September 2012
PCA9624 NXP-PCA9624 Datasheet
212Kb / 37P
   8-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 02-26 August 2009
PCA9635 NXP-PCA9635_09 Datasheet
195Kb / 35P
   16-bit Fm I2C-bus LED driver
Rev. 07-16 July 2009
PCA9635 PHILIPS-PCA9635 Datasheet
195Kb / 35P
   16-bit Fm I2C-bus LED driver
Rev. 07-16 July 2009
PCA9635 NXP-PCA9635 Datasheet
187Kb / 35P
   16-bit Fm I2C-bus LED driver
Rev. 06-11 September 2008
PCA9956B NXP-PCA9956B Datasheet
1Mb / 53P
   24-channel Fm I2C-bus 57 mA/20 V constant current LED driver
Rev. 1.2-10 June2020
PCA9955B NXP-PCA9955B Datasheet
1Mb / 62P
   16-channel Fm I2C-bus 57 mA/20 V constant current LED driver
Rev. 2.2 ??10 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com