Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P5CN144UA Datasheet(PDF) 7 Page - NXP Semiconductors

Part # P5CN144UA
Description  Secure dual interface and contact PKI smart card controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5CN144UA Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button P5CN144UA Datasheet HTML 3Page - NXP Semiconductors P5CN144UA Datasheet HTML 4Page - NXP Semiconductors P5CN144UA Datasheet HTML 5Page - NXP Semiconductors P5CN144UA Datasheet HTML 6Page - NXP Semiconductors P5CN144UA Datasheet HTML 7Page - NXP Semiconductors P5CN144UA Datasheet HTML 8Page - NXP Semiconductors P5CN144UA Datasheet HTML 9Page - NXP Semiconductors P5CN144UA Datasheet HTML 10Page - NXP Semiconductors P5CN144UA Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
P5CX012_02X_40_73_80_144_FAM_SDS_3
© NXP B.V. 2008. All rights reserved.
Objective short data sheet
Rev. 03 — 24 January 2008
7 of 18
NXP Semiconductors
P5Cx012/02x/40/73/80/144 family
Secure dual interface and contact PKI smart card controller
2.3 Security features
I Enhanced security sensors:
N Low and high clock frequency sensor
N Low and high temperature sensor
N Low and high supply voltage sensor
N Single Fault Injection (SFI) attack detection
N Light sensors (included integrated memory light sensor functionality)
I Electronic fuses for safeguarded mode control
I Active shielding
I Unique ID for each die
I Clock input filter for protection against spikes
I Power-up and power-down reset
I Optional programmable card disable feature
I Memory security (encryption and physical measures) for RAM, EEPROM and ROM
I Memory Management Unit (MMU) including memory protection:
N Secure multi application operating systems via two different operation modes:
System mode and User mode
N OS controlled access restriction mechanism to peripherals in User mode
N Memory mapping up to 8-MB code memory
N Memory mapping up to 8-MB (64-kbit) data memory
I Optional disabling of ROM read instructions by code executed in EEPROM
I Optional disabling of any code execution out of RAM
I EEPROM programming:
N No external clock
N Hardware sequencer controlled
N On-chip high voltage generation
N Enhanced error correction mechanism
I 64-B or 128-B EEPROM for customer-defined Security FabKey. Featuring batch, wafer
or die-individual security data, included encrypted diversification features on request
I 14 B user write protected security area in EEPROM (byte access, inhibit functionality
per byte)
I 32 B write once security area in EEPROM (bit access)
I 32 B user read only area in EEPROM (byte access)
I Customer specific EEPROM initialization available


Similar Part No. - P5CN144UA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P5CN081 NXP-P5CN081 Datasheet
159Kb / 20P
   Secure dual interface and contact PKI smart card controller
Rev. 3.2-14 March 2011
P5CN081HN NXP-P5CN081HN Datasheet
159Kb / 20P
   Secure dual interface and contact PKI smart card controller
Rev. 3.2-14 March 2011
P5CN081UA NXP-P5CN081UA Datasheet
159Kb / 20P
   Secure dual interface and contact PKI smart card controller
Rev. 3.2-14 March 2011
More results

Similar Description - P5CN144UA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P5CD016 NXP-P5CD016 Datasheet
159Kb / 20P
   Secure dual interface and contact PKI smart card controller
Rev. 3.2-14 March 2011
P5CC008V1A NXP-P5CC008V1A Datasheet
151Kb / 15P
   Secure contact PKI smart card controller
Rev. 3-22 August 2012
P60C080 NXP-P60C080 Datasheet
105Kb / 12P
   Secure high-performance contact interface smart card controller
Rev. 1??1 October 2010
P60D080 NXP-P60D080 Datasheet
217Kb / 12P
   Secure high-performance dual interface smart card controller
Rev. 1?? September 2010
TDA8020HL PHILIPS-TDA8020HL Datasheet
114Kb / 24P
   Dual smart card interface
2001 Aug 15
logo
Texas Instruments
PCI7420 TI-PCI7420 Datasheet
1Mb / 248P
[Old version datasheet]   DUAL SOCKET CARDBUS AND SMART CARD CONTROLLER
logo
Linear Technology
LTC4558 LINER-LTC4558_15 Datasheet
157Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4558 LINER-LTC4558 Datasheet
159Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4557 LINER-LTC4557 Datasheet
231Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4557 LINER-LTC4557_15 Datasheet
230Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com