Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P82B96PN Datasheet(PDF) 10 Page - NXP Semiconductors

Part # P82B96PN
Description  Dual bidirectional bus buffer
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P82B96PN Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button P82B96PN Datasheet HTML 6Page - NXP Semiconductors P82B96PN Datasheet HTML 7Page - NXP Semiconductors P82B96PN Datasheet HTML 8Page - NXP Semiconductors P82B96PN Datasheet HTML 9Page - NXP Semiconductors P82B96PN Datasheet HTML 10Page - NXP Semiconductors P82B96PN Datasheet HTML 11Page - NXP Semiconductors P82B96PN Datasheet HTML 12Page - NXP Semiconductors P82B96PN Datasheet HTML 13Page - NXP Semiconductors P82B96PN Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
P82B96_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 31 January 2008
10 of 28
NXP Semiconductors
P82B96
Dual bidirectional bus buffer
10. Application information
Refer to
AN460 and AN255 for more application detail.
Fig 10. Interfacing an ‘I2C’ type of bus with different logic levels
Fig 11. Galvanic isolation of I2C-bus nodes via opto-couplers
Fig 12. Long distance I2C-bus communications
1/2 P82B96
I2C-bus
SDA
002aab986
+5 V
+VCC (2 V to 15 V)
R1
Rx
(SDA)
Tx
(SDA)
'SDA' (new levels)
1/2 P82B96
I2C-bus
SDA
002aab987
+5 V
R1
+VCC
R2
R3
Rx
(SDA)
Tx
(SDA)
R5
R4
+VCC1
I2C-bus
SDA
P82B96
SDA
SCL
002aab988
12 V
12 V
3.3 V to 5 V
3.3 V to 5 V
long cables
main enclosure
P82B96
SDA
SCL
3.3 V to 5 V
3.3 V to 5 V
remote control enclosure
12 V


Similar Part No. - P82B96PN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P82B96PN PHILIPS-P82B96PN Datasheet
217Kb / 16P
   Dual bi-directional bus buffer
2004 Mar 26
P82B96PN NXP-P82B96PN Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
P82B96PN NXP-P82B96PN Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
P82B96PN NXP-P82B96PN Datasheet
514Kb / 32P
   Dual bidirectional bus buffer Rev. 08 ??10 November 2009
Rev. 08-10 November 2009
More results

Similar Description - P82B96PN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9600 NXP-PCA9600 Datasheet
499Kb / 30P
   Dual bidirectional bus buffer
Rev. 04-11 November 2009
P82B96 NXP-P82B96 Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
logo
Texas Instruments
P82B96 TI-P82B96_09 Datasheet
658Kb / 28P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
PCA9600 NXP-PCA9600_11 Datasheet
382Kb / 31P
   Dual bidirectional bus buffer
Rev. 5-5 May 2011
P82B96TD-T NXP-P82B96TD-T Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
PCA9601 NXP-PCA9601 Datasheet
389Kb / 32P
   Dual bidirectional bus buffer
Rev. 2-6 May 2011
logo
Texas Instruments
P82B96 TI-P82B96 Datasheet
458Kb / 26P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
P82B96 TI1-P82B96_15 Datasheet
1Mb / 34P
[Old version datasheet]   I2C Compatible Dual Bidirectional Bus Buffer
logo
Toshiba Semiconductor
TC40H242P TOSHIBA-TC40H242P Datasheet
206Kb / 4P
   QUAD BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
P82B96TD-112 NXP-P82B96TD-112 Datasheet
514Kb / 32P
   Dual bidirectional bus buffer Rev. 08 ??10 November 2009
Rev. 08-10 November 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com