Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

103SYGD Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # 103SYGD
Description  2.0mm Tower Type LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

103SYGD Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  103SYGD Datasheet HTML 1Page - Everlight Electronics Co., Ltd 103SYGD Datasheet HTML 2Page - Everlight Electronics Co., Ltd 103SYGD Datasheet HTML 3Page - Everlight Electronics Co., Ltd 103SYGD Datasheet HTML 4Page - Everlight Electronics Co., Ltd 103SYGD Datasheet HTML 5Page - Everlight Electronics Co., Ltd 103SYGD Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Technical Data Sheet
2.0mm Tower Type LED Lamps
Typical Electro-Optical Characteristic Curves:
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev.:
1
Page: 4 of 6
Device Number :
CDLE-010-032
Prepared date: 2005/6/19
Prepared by:
Lan Feng
103SYGD/S530-E2


Similar Part No. - 103SYGD

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
103SYGD-S530-E2 EVERLIGHT-103SYGD-S530-E2 Datasheet
112Kb / 6P
   2.0mm Tower Type LED Lamps
103SYGD-S530-E2 EVERLIGHT-103SYGD-S530-E2 Datasheet
628Kb / 6P
   2.0mm Tower Type LED Lamps
103SYGD/S530-E2 EVERLIGHT-103SYGD/S530-E2 Datasheet
112Kb / 6P
   2.0mm Tower Type LED Lamps
More results

Similar Description - 103SYGD

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
103SURD EVERLIGHT-103SURD Datasheet
120Kb / 6P
   2.0mm Tower Type LED Lamps
103SDRD-S530-A3 EVERLIGHT-103SDRD-S530-A3 Datasheet
117Kb / 6P
   2.0mm Tower Type LED Lamps
103SYGD-S530-E2 EVERLIGHT-103SYGD-S530-E2 Datasheet
628Kb / 6P
   2.0mm Tower Type LED Lamps
103SUBD-S400-A4 EVERLIGHT-103SUBD-S400-A4 Datasheet
142Kb / 7P
   2.0mm Tower Type LED Lamps
103SURD-S530-A3 EVERLIGHT-103SURD-S530-A3 Datasheet
120Kb / 6P
   2.0mm Tower Type LED Lamps
103SYGD-S530-E2 EVERLIGHT-103SYGD-S530-E2 Datasheet
112Kb / 6P
   2.0mm Tower Type LED Lamps
103UYD-S530-A3 EVERLIGHT-103UYD-S530-A3 Datasheet
112Kb / 6P
   2.0mm Tower Type LED Lamps
103SUBD-S400-A4 EVERLIGHT-103SUBD-S400-A4 Datasheet
142Kb / 7P
   2.0mm Tower Type LED Lamps
103SDRD EVERLIGHT-103SDRD Datasheet
117Kb / 6P
   2.0mm Tower Type LED Lamps
103UYD EVERLIGHT-103UYD Datasheet
112Kb / 6P
   2.0mm Tower Type LED Lamps
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com