Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P5CD080A6 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # P5CD080A6
Description  Secure dual interface and contact PKI smart card controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5CD080A6 Datasheet(HTML) 2 Page - NXP Semiconductors

  P5CD080A6 Datasheet HTML 1Page - NXP Semiconductors P5CD080A6 Datasheet HTML 2Page - NXP Semiconductors P5CD080A6 Datasheet HTML 3Page - NXP Semiconductors P5CD080A6 Datasheet HTML 4Page - NXP Semiconductors P5CD080A6 Datasheet HTML 5Page - NXP Semiconductors P5CD080A6 Datasheet HTML 6Page - NXP Semiconductors P5CD080A6 Datasheet HTML 7Page - NXP Semiconductors P5CD080A6 Datasheet HTML 8Page - NXP Semiconductors P5CD080A6 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
P5CX012_02X_40_73_80_144_FAM_SDS_3
© NXP B.V. 2008. All rights reserved.
Objective short data sheet
Rev. 03 — 24 January 2008
2 of 18
NXP Semiconductors
P5Cx012/02x/40/73/80/144 family
Secure dual interface and contact PKI smart card controller
1.3 Naming conventions
1.4 Cryptographic hardware coprocessors
1.4.1 FameXE coprocessor
The approved and modular FameXE architecture supports the trend of increasing RSA
keys with faster execution speeds as well as Elliptic Curve Cryptography (ECC) based on
GF(p) or GF(2n) at best performance. FameXE supports RSA with an operand length of
up to 8-kbit (up to 4-kbit with intermediate storage in RAM only).
The FameXE PKI coprocessor supports 192-bit ECC key length that offers the same level
of security as 2048-bit RSA. An ECC GF(2n) based signature, using a 163-bit key can be
executed in less than 30 ms providing a security level comparable to 1024-bit RSA. The
operand size for ECC, supported by FameXE, is only limited by the 2.5 KB size of the
FXRAM. FameXE is easy to use and the flexible interface provides programmers with the
freedom to implement their own cryptology solutions. A secured and CC EAL5+ certified
crypto library providing a large range of required functions will be available for all devices
in order to support customers in implementing public key-based solutions.
1.4.2 Triple-DES coprocessor
The DES for widely used symmetric encryption is supported by a dedicated, high
performance, highly attack resistant hardware coprocessor. Single DES and triple-DES,
based on two or three DES keys, can be executed within less than 40
µs. Relevant
standards (ISO/IEC, ANSI, FIPS) and Message Authentication Code (MAC) are fully
supported. A secured crypto library element for DES is available.
1.4.3 AES coprocessor
SmartMX is the first smart card microcontroller platform to provide a dedicated high
performance 128-bit parallel processing coprocessor to support secure AES. The
implementation is based on FIPS197 as standardized by the National Institute for
Standards and Technology (NIST), and supports key lengths of 128-bit, 192-bit, and
256-bit with performance levels comparable to DES. AES is the next generation for
symmetric data encryption and recommended successor of DES providing significantly
improved security level. A secured crypto library element for AES is available.
Table 1.
Naming conventions
P5xyzzz SmartMX platform
x
Type of category:
C = PKI controller + Triple-DES coprocessor + AES coprocessor on selected products
y
Interface options:
C = contact interface - ISO/IEC 7816
D = dual interface - ISO/IEC 7816 + ISO/IEC 14443 contactless interface
N = ISO/IEC 7816 + S2C Interface for NFC
zzz
Amount of non-volatile memory in KB, increasing count for further product options


Similar Part No. - P5CD080A6

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P5CD081 NXP-P5CD081 Datasheet
159Kb / 20P
   Secure dual interface and contact PKI smart card controller
Rev. 3.2-14 March 2011
P5CD081A4 NXP-P5CD081A4 Datasheet
159Kb / 20P
   Secure dual interface and contact PKI smart card controller
Rev. 3.2-14 March 2011
P5CD081A6 NXP-P5CD081A6 Datasheet
159Kb / 20P
   Secure dual interface and contact PKI smart card controller
Rev. 3.2-14 March 2011
P5CD081UA NXP-P5CD081UA Datasheet
159Kb / 20P
   Secure dual interface and contact PKI smart card controller
Rev. 3.2-14 March 2011
P5CD081UE NXP-P5CD081UE Datasheet
159Kb / 20P
   Secure dual interface and contact PKI smart card controller
Rev. 3.2-14 March 2011
More results

Similar Description - P5CD080A6

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P5CD016 NXP-P5CD016 Datasheet
159Kb / 20P
   Secure dual interface and contact PKI smart card controller
Rev. 3.2-14 March 2011
P5CC008V1A NXP-P5CC008V1A Datasheet
151Kb / 15P
   Secure contact PKI smart card controller
Rev. 3-22 August 2012
P60C080 NXP-P60C080 Datasheet
105Kb / 12P
   Secure high-performance contact interface smart card controller
Rev. 1??1 October 2010
P60D080 NXP-P60D080 Datasheet
217Kb / 12P
   Secure high-performance dual interface smart card controller
Rev. 1?? September 2010
TDA8020HL PHILIPS-TDA8020HL Datasheet
114Kb / 24P
   Dual smart card interface
2001 Aug 15
logo
Texas Instruments
PCI7420 TI-PCI7420 Datasheet
1Mb / 248P
[Old version datasheet]   DUAL SOCKET CARDBUS AND SMART CARD CONTROLLER
logo
Linear Technology
LTC4558 LINER-LTC4558_15 Datasheet
157Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4558 LINER-LTC4558 Datasheet
159Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4557 LINER-LTC4557 Datasheet
231Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4557 LINER-LTC4557_15 Datasheet
230Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com