Electronic Components Datasheet Search |
|
P5CD144A6 Datasheet(PDF) 6 Page - NXP Semiconductors |
|
P5CD144A6 Datasheet(HTML) 6 Page - NXP Semiconductors |
6 / 18 page P5CX012_02X_40_73_80_144_FAM_SDS_3 © NXP B.V. 2008. All rights reserved. Objective short data sheet Rev. 03 — 24 January 2008 6 of 18 NXP Semiconductors P5Cx012/02x/40/73/80/144 family Secure dual interface and contact PKI smart card controller I Versatile EEPROM programming of 1 B to 64 B at a time or, optionally 1 B to 128 B at a time I Typical EEPROM page erasing time: 1.7 ms I Typical EEPROM page programming time: 1.0 ms N Power-saving Idle mode N Wake-up from Idle mode by RESET or any activated interrupt N Power-saving Sleep (power-down) mode or Clockstop mode N Wake-up from Sleep or Clockstop mode by RESET or external interrupt I Contact configuration and serial interface according to ISO/IEC 7816: GND, VDD, CLK, RST_N, IO1 I ISO/IEC 7816 UART supporting standard protocols T = 0 and T = 1 as well as high speed personalization up to 1 Mbit/s I External or internally generated configurable CPU clock I 1 MHz to 10 MHz operating external clock frequency range N Internal CPU clock up to 30 MHz with synchronous operation N Internal clocking independent of externally applied frequency I High speed 16-bit CRC engine according to ITU-T polynomial definition I Low power Random Number Generator (RNG) in hardware, AIS-31 compliant I 1.62 V to 5.5 V extended operating voltage range for class C, B and A I Optional extended Class B operation mode (targeted for battery supplied applications) I −25 °Cto+85 °C ambient temperature I Broad spectrum of delivery types: N Wafers N Modules 2.2 Product specific family features I P5CC021, P5CC040, P5CC073, P5CC080 and P5CC144 N ISO/IEC 7816 contact interface N Two additional IO ports IO2 and IO3 for full-duplex serial data communication I P5CD012, P5CD020, P5CD040, P5CD080 and P5CD144 N CIU fully compatible with ISO/IEC 14443 A: - Fully supports the T = CL protocol according ISO/IEC 14443-4 - Data transfer rates supported: 106 kbit/s, 212 kbit/s, 424 kbit/s and 848 kbit/s N MIFARE contactless interface according ISO/IEC 14443-2: - 13.56 MHz operating frequency - Reliable communication due to 100 % ASK - High speed efficient frame support - True anticollision N MIFARE reader infrastructure compatibility N Optional MIFARE 1 KB and MIFARE 4 KB emulation N Two additional IO ports IO2 and IO3 for full-duplex serial data communication I P5CN080 and P5CN144 N S2C interface N One additional IO port IO2 for full-duplex serial data communication |
Similar Part No. - P5CD144A6 |
|
Similar Description - P5CD144A6 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |