Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

573UYD Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # 573UYD
Description  2.4*7.1mm Rectangular Type LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

573UYD Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

  573UYD Datasheet HTML 1Page - Everlight Electronics Co., Ltd 573UYD Datasheet HTML 2Page - Everlight Electronics Co., Ltd 573UYD Datasheet HTML 3Page - Everlight Electronics Co., Ltd 573UYD Datasheet HTML 4Page - Everlight Electronics Co., Ltd 573UYD Datasheet HTML 5Page - Everlight Electronics Co., Ltd 573UYD Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Technical Data Sheet
2.4*7.1mm Rectangular Type LED Lamps
Packing Quantity Specification
1.500PCS/1Bag,5Bags/1Box
2.10Boxes/1Carton
Label Form Specification
CPN: Customer's Production Number
P/N : Production Number
QTY: Packing Quantity
CAT: Ranks
HUE: Dominant Wavelength
REF: Reference
LOT No: Lot Number
MADE IN TAIWAN: Production Place
Notes
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on
material change for above specification.
2. When using this product, please observe the absolute maximum ratings and the instructions
for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for
any damage resulting from use of the product which does not comply with the absolute
maximum ratings and the instructions included in these specification sheets.
3. These specification sheets include materials protected under copyright of EVERLIGHT corporation
Please don’t reproduce or cause anyone to reproduce them without EVERLIGHT’sconsent.
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev.: 1
Device Number :
CDLE-057-062
Prepared date: 2005/11/10
Prepared by:
573UYD/S530-A3
Page: 6 of 6
Zhenxia Qu
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http:\\www.everlight.com
573UYD/S530-A3


Similar Part No. - 573UYD

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
573-502-04 MARL-573-502-04 Datasheet
306Kb / 3P
   Std Metal Panel Mount Indicator
573-502-04-40 MARL-573-502-04-40 Datasheet
306Kb / 3P
   Std Metal Panel Mount Indicator
573-505-04 MARL-573-505-04 Datasheet
306Kb / 3P
   Std Metal Panel Mount Indicator
573-505-04-40 MARL-573-505-04-40 Datasheet
306Kb / 3P
   Std Metal Panel Mount Indicator
573-511-04 MARL-573-511-04 Datasheet
306Kb / 3P
   Std Metal Panel Mount Indicator
More results

Similar Description - 573UYD

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
573SURD-S530-A3 EVERLIGHT-573SURD-S530-A3_15 Datasheet
185Kb / 7P
   2.4*7.1mm Rectangular Type LED Lamps
573SURDS530-A3 EVERLIGHT-573SURDS530-A3 Datasheet
93Kb / 6P
   2.4*7.1mm Rectangular Type LED Lamps
573SYGD EVERLIGHT-573SYGD Datasheet
184Kb / 6P
   2.4*7.1mm Rectangular Type LED Lamps
573SYGD-S530-E2 EVERLIGHT-573SYGD-S530-E2 Datasheet
189Kb / 6P
   2.4*7.1mm Rectangular Type LED Lamps
573SURD EVERLIGHT-573SURD Datasheet
107Kb / 6P
   2.4*7.1mm Rectangular Type LED Lamps
573SURD-S530-A3 EVERLIGHT-573SURD-S530-A3 Datasheet
185Kb / 7P
   2.4*7.1MM RECTANGULAR TYPE LED LAMPS
573SYGD-S530-E2 EVERLIGHT-573SYGD-S530-E2_15 Datasheet
189Kb / 6P
   2.4*7.1mm Rectangular Type LED Lamps
1533SURD EVERLIGHT-1533SURD Datasheet
98Kb / 6P
   2.4*4.9mm Rectangular Type LED Lamps
1533UYD EVERLIGHT-1533UYD Datasheet
90Kb / 6P
   2.4*4.9mm Rectangular Type LED Lamps
1533SDRD EVERLIGHT-1533SDRD Datasheet
92Kb / 6P
   2.4*4.9mm Rectangular Type LED Lamps
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com