Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC4245APW Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74LVC4245APW
Description  Octal dual supply translating transceiver; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC4245APW Datasheet(HTML) 1 Page - NXP Semiconductors

  74LVC4245APW Datasheet HTML 1Page - NXP Semiconductors 74LVC4245APW Datasheet HTML 2Page - NXP Semiconductors 74LVC4245APW Datasheet HTML 3Page - NXP Semiconductors 74LVC4245APW Datasheet HTML 4Page - NXP Semiconductors 74LVC4245APW Datasheet HTML 5Page - NXP Semiconductors 74LVC4245APW Datasheet HTML 6Page - NXP Semiconductors 74LVC4245APW Datasheet HTML 7Page - NXP Semiconductors 74LVC4245APW Datasheet HTML 8Page - NXP Semiconductors 74LVC4245APW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1.
General description
The 74LVC4245A is an octal dual supply translating transceiver featuring non-inverting
3-state bus compatible outputs in both send and receive directions. It is designed to
interface between a 3 V and 5 V bus in a mixed 3 V and 5 V supply environment.
The device features an output enable input (pin OE) for easy cascading and a
send/receive input (pin DIR) for direction control. Pin OE controls the outputs so that the
buses are effectively isolated.
In suspend mode, when VCCA is zero, there will be no current flow from one supply to the
other supply. The A-outputs must be set 3-state and the voltage on the A-bus must be
smaller than Vdiode (typical 0.7 V).
VCCA ≥ VCCB, except in suspend mode.
2.
Features
I 5 V tolerant inputs/outputs, for interfacing with 5 V logic
I Wide supply voltage range:
N 3 V port (VCCB): 1.5 V to 3.6 V
N 5 V port (VCCA): 1.5 V to 5.5 V
I CMOS low-power consumption
I Direct interface with TTL levels
I Inputs accept voltages up to 5.5 V
I High-impedance when VCC = 0 V
I Complies with JEDEC standard no. JESD8B/JESD36
I ESD protection:
N HBM JESD22-A114E exceeds 2000 V
N MM JESD22-A115-A exceeds 200 V
I Multiple package options
I Specified from −40 °C to +85 °C and −40 °C to +125 °C
74LVC4245A
Octal dual supply translating transceiver; 3-state
Rev. 06 — 18 January 2008
Product data sheet


Similar Part No. - 74LVC4245APW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC4245APW PHILIPS-74LVC4245APW Datasheet
90Kb / 16P
   Octal dual supply translating transceiver; 3-state
1999 Jun 15
logo
Nexperia B.V. All right...
74LVC4245APW NEXPERIA-74LVC4245APW Datasheet
280Kb / 15P
   Octal dual supply translating transceiver; 3-state
Rev. 13 - 27 August 2021
74LVC4245APW-Q100 NEXPERIA-74LVC4245APW-Q100 Datasheet
830Kb / 17P
   Octal dual supply translating transceiver; 3-state
More results

Similar Description - 74LVC4245APW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC4245A-Q100 NEXPERIA-74LVC4245A-Q100 Datasheet
830Kb / 17P
   Octal dual supply translating transceiver; 3-state
logo
NXP Semiconductors
74LVC4245A PHILIPS-74LVC4245A Datasheet
90Kb / 16P
   Octal dual supply translating transceiver; 3-state
1999 Jun 15
logo
Nexperia B.V. All right...
74LVC4245A NEXPERIA-74LVC4245A Datasheet
280Kb / 15P
   Octal dual supply translating transceiver; 3-state
Rev. 13 - 27 August 2021
logo
NXP Semiconductors
74AVCH1T45 NXP-74AVCH1T45_09 Datasheet
124Kb / 22P
   Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
74LVC2T45 PHILIPS-74LVC2T45_1 Datasheet
1Mb / 36P
   Dual supply translating transceiver; 3-state
Rev. 4-20 August 2010
74LVC1T45 NXP-74LVC1T45 Datasheet
884Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
74LVC2T45 NXP-74LVC2T45 Datasheet
907Kb / 32P
   Dual supply translating transceiver; 3-state
Rev. 03-19 January 2010
logo
Nexperia B.V. All right...
74LVC2T45 NEXPERIA-74LVC2T45 Datasheet
418Kb / 33P
   Dual supply translating transceiver; 3-state
Rev. 12 - 1 March 2023
74LVC1T45 NEXPERIA-74LVC1T45 Datasheet
386Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 9 - 10 February 2022
logo
NXP Semiconductors
74AVC1T45 NXP-74AVC1T45 Datasheet
119Kb / 21P
   Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com