Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVTH32245EC Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74LVTH32245EC
Description  3.3 V 32-bit bus transceiver; 3-state
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVTH32245EC Datasheet(HTML) 1 Page - NXP Semiconductors

  74LVTH32245EC Datasheet HTML 1Page - NXP Semiconductors 74LVTH32245EC Datasheet HTML 2Page - NXP Semiconductors 74LVTH32245EC Datasheet HTML 3Page - NXP Semiconductors 74LVTH32245EC Datasheet HTML 4Page - NXP Semiconductors 74LVTH32245EC Datasheet HTML 5Page - NXP Semiconductors 74LVTH32245EC Datasheet HTML 6Page - NXP Semiconductors 74LVTH32245EC Datasheet HTML 7Page - NXP Semiconductors 74LVTH32245EC Datasheet HTML 8Page - NXP Semiconductors 74LVTH32245EC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1.
General description
The 74LVTH32245 is a high-performance BiCMOS product designed for VCC operation at
3.3 V. The 74LVTH32245 is a 32-bit transceiver featuring non-inverting 3-state bus
compatible outputs in both send and receive directions. The device features four output
enable (nOE) inputs for easy cascading and four send/receive (nDIR) inputs for direction
control. Pin nOE controls the outputs so that the buses are effectively isolated. Bus hold
on data inputs eliminates the need for external pull-up resistors to hold unused inputs.
2.
Features
I 32-bit bidirectional bus interface
I 3-state buffers
I Output capability: +64 mA and −32 mA
I TTL input and output switching levels
I Input and output interface capability to systems at 5 V supply
I Bus hold data inputs eliminate need for external pull-up resistors to hold unused inputs
I Live insertion and extraction permitted
I Power-up 3-state
I No bus current loading when output is tied to 5 V bus
I Latch-up protection:
N JESD78 Class II level A exceeds 500 mA
I ESD protection:
N HBM JESD22-A114E exceeds 2000 V
N MM JESD22-A115-A exceeds 200 V
3.
Ordering information
74LVTH32245
3.3 V 32-bit bus transceiver; 3-state
Rev. 01 — 23 January 2008
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range Name
Description
Version
74LVTH32245EC
−40 °Cto+85 °C
LFBGA96
plastic low profile fine-pitch ball grid array package;
96 balls; body 13.5
× 5.5 × 1.05 mm
SOT536-1


Similar Part No. - 74LVTH32245EC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVTH32245 FAIRCHILD-74LVTH32245 Datasheet
66Kb / 6P
   Low Voltage 32-Bit Transceiver with 3-STATE Outputs
74LVTH32245G FAIRCHILD-74LVTH32245G Datasheet
66Kb / 6P
   Low Voltage 32-Bit Transceiver with 3-STATE Outputs
logo
NXP Semiconductors
74LVTH32245 PHILIPS-74LVTH32245_15 Datasheet
100Kb / 13P
   3.3 V 32-bit bus transceiver; 3-state
Rev. 01-23 January 2008
More results

Similar Description - 74LVTH32245EC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVTH32245 PHILIPS-74LVTH32245_15 Datasheet
100Kb / 13P
   3.3 V 32-bit bus transceiver; 3-state
Rev. 01-23 January 2008
74LVT16646A PHILIPS-74LVT16646A_15 Datasheet
122Kb / 21P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03-12 January 2005
logo
Nexperia B.V. All right...
74LVT16646A NEXPERIA-74LVT16646A Datasheet
231Kb / 22P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03 - 12 January 2005
logo
NXP Semiconductors
74LVT16652A PHILIPS-74LVT16652A_15 Datasheet
122Kb / 21P
   3.3 V 16-bit bus transceiver/register; 3-state
Rev. 03-12 January 2005
logo
Nexperia B.V. All right...
74LVT16652A NEXPERIA-74LVT16652A Datasheet
233Kb / 22P
   3.3 V 16-bit bus transceiver/register; 3-state
logo
NXP Semiconductors
74LVT16500A PHILIPS-74LVT16500A_15 Datasheet
116Kb / 19P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03-29 May 2006
74LVT16500A PHILIPS-74LVT16500A_06 Datasheet
116Kb / 19P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03-29 May 2006
logo
Nexperia B.V. All right...
74LVT16500A NEXPERIA-74LVT16500A Datasheet
230Kb / 20P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03 - 29 May 2006
logo
NXP Semiconductors
74LVTH322245 PHILIPS-74LVTH322245_15 Datasheet
98Kb / 12P
   3.3 V 32-bit bus transceiver with 30 W termination resistors; 3-state
Rev. 01-24 January 2007
74LVTH322245 NXP-74LVTH322245 Datasheet
90Kb / 12P
   3.3 V 32-bit bus transceiver with 30 W termination resistors; 3-state
Rev. 01-24 January 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com