Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-58LM20A-I4T1G Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-58LM20A-I4T1G
Description  CMOS TEMPERATURE SENSOR IC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-58LM20A-I4T1G Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-58LM20A-I4T1G Datasheet HTML 1Page - Seiko Instruments Inc S-58LM20A-I4T1G Datasheet HTML 2Page - Seiko Instruments Inc S-58LM20A-I4T1G Datasheet HTML 3Page - Seiko Instruments Inc S-58LM20A-I4T1G Datasheet HTML 4Page - Seiko Instruments Inc S-58LM20A-I4T1G Datasheet HTML 5Page - Seiko Instruments Inc S-58LM20A-I4T1G Datasheet HTML 6Page - Seiko Instruments Inc S-58LM20A-I4T1G Datasheet HTML 7Page - Seiko Instruments Inc S-58LM20A-I4T1G Datasheet HTML 8Page - Seiko Instruments Inc S-58LM20A-I4T1G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Rev.1.2_00
CMOS TEMPERATURE SENSOR IC
S-58LM20A Series
Seiko Instruments Inc.
1
The S-58LM20A Series is a high-accuracy temperature sensor IC on a
single chip, provides output voltage which is linear against the
temperature change.
Each chip consists of a temperature sensor, a constant current circuit,
and an operational amplifier.
This IC is able to be used under the wide temperature range of –55
°C to
130
°C. This IC has much better linearity than other conventional
temperature sensors such as thermistor, it is possible to achieve the
extensive application for temperature control.
Features
• Accuracy against temperature
±2.5°C (−55 to +130°C)
• Linear output voltage
−11.77 mV/°C Typ.
Ta
= −30°C:
2.205 V Typ.
Ta
= +30°C:
1.515 V Typ.
Ta
= +130°C: 0.303 V Typ.
• Nonlinearity
±0.4% Typ. (−20 to +80°C)
• Operation in wide range of power supply voltage
VDD
= 2.4 to 5.5 V (−30 to +130°C)
VDD
= 2.7 to 5.5 V (−55 to +130°C)
• Low current consumption
4.5
µA Typ. (+25°C) 6.0 µA Max. (−55 to +130°C)
• Built-in operational amplifier
• Output voltage referred to VSS
• Small package
SNT-4A, SC-82AB, WLP-4B
• Lead-free product
Applications
• Compensation of high-frequency circuits such as cellular phones and radio equipment
• Compensation of oscillation frequency in crystal oscillator
• LCD contrast compensation
• Compensation of amplifier gain
• Compensation of auto focus circuits
• Temperature detection in battery management
• Overheating prevention for charged batteries or halogen lights
Package
Drawing Code
Package Name
Package
Tape
Reel
Land
SC-82AB
NP004-A
NP004-A
NP004-A
SNT-4A
PF004-A
PF004-A
PF004-A
PF004-A
WLP-4B
HB004-B
HB004-B
HB004-B


Similar Part No. - S-58LM20A-I4T1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5813A SII-S-5813A Datasheet
183Kb / 18P
   CMOS TEMPERATURE SENSOR IC
S-5813A-I4T1G SII-S-5813A-I4T1G Datasheet
183Kb / 18P
   CMOS TEMPERATURE SENSOR IC
S-5814A SII-S-5814A Datasheet
183Kb / 18P
   CMOS TEMPERATURE SENSOR IC
S-5814A-I4T1G SII-S-5814A-I4T1G Datasheet
183Kb / 18P
   CMOS TEMPERATURE SENSOR IC
S-5815A SII-S-5815A Datasheet
240Kb / 16P
   CMOS TEMPERATURE SENSOR IC
More results

Similar Description - S-58LM20A-I4T1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8110C SII-S8110C Datasheet
486Kb / 23P
   CMOS TEMPERATURE SENSOR IC
S-8110C SII-S-8110C Datasheet
324Kb / 21P
   CMOS TEMPERATURE SENSOR IC
S-5815A SII-S-5815A Datasheet
240Kb / 16P
   CMOS TEMPERATURE SENSOR IC
S-5813A SII-S-5813A Datasheet
183Kb / 18P
   CMOS TEMPERATURE SENSOR IC
S58LM20A SII-S58LM20A Datasheet
538Kb / 28P
   CMOS TEMPERATURE SENSOR IC
S5813A SII-S5813A Datasheet
440Kb / 19P
   CMOS TEMPERATURE SENSOR IC
logo
Nippon Precision Circui...
SM6610AH NPC-SM6610AH Datasheet
84Kb / 6P
   CMOS Monolithic Temperature Sensor IC
SM6610 NPC-SM6610 Datasheet
106Kb / 7P
   CMOS Monolithic Analog Output Temperature Sensor IC
logo
TOKO, Inc
TK11034 TOKO-TK11034 Datasheet
42Kb / 6P
   TEMPERATURE SENSOR IC
logo
Panasonic Semiconductor
AN6701S PANASONIC-AN6701S Datasheet
34Kb / 4P
   Temperature Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com