Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3474GADBAMPAXMS Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # 3474GADBAMPAXMS
Description  This precision optical performance oval LED is specifically designed for passenger information signs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

3474GADBAMPAXMS Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

  3474GADBAMPAXMS Datasheet HTML 1Page - Everlight Electronics Co., Ltd 3474GADBAMPAXMS Datasheet HTML 2Page - Everlight Electronics Co., Ltd 3474GADBAMPAXMS Datasheet HTML 3Page - Everlight Electronics Co., Ltd 3474GADBAMPAXMS Datasheet HTML 4Page - Everlight Electronics Co., Ltd 3474GADBAMPAXMS Datasheet HTML 5Page - Everlight Electronics Co., Ltd 3474GADBAMPAXMS Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Technical Data Sheet
3474/GADB-AMPA/X/MS
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev 1
Page: 6 of 6
Device Number : DLE-347-007
Prepared date: 02-09-2006
Prepared by: Grace Shen
Notes
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on
material change for above specification.
2. When using this product, please observe the absolute maximum ratings and the instructions for
using outlined in these specification sheets. EVERLIGHT assumes no responsibility for any
damage resulting from use of the product which does not comply with the absolute maximum
ratings and the instructions included in these specification sheets.
3. These specification sheets include materials protected under copyright of EVERLIGHT
corporation. Please don’t reproduce or cause anyone to reproduce them without EVERLIGHT’s
consent.
4. Soldering Condition
Careful attention should be paid during soldering. When soldering, leave more then 3mm
from solder joint to case, and soldering beyond the base of the tie bar is recommended.
Avoiding applying any stress to the lead frame while the LEDs are at high temperature
particularly when soldering.
Recommended soldering conditions:
Hand Soldering
DIP Soldering
Temp. at tip of iron
400
Max.
(30W
Max.)
Preheat temp.
100
Max.
(60 sec Max.)
Soldering time
3 sec Max.
Bath temp.
265 Max.
Distance
3mm Min.(From solder
joint to case)
Bath time.
5 sec Max.
Distance
3mm Min.
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http:\\www.everlight.com


Similar Part No. - 3474GADBAMPAXMS

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
3474G1DBALNAXMS EVERLIGHT-3474G1DBALNAXMS Datasheet
111Kb / 7P
   This precision optical performance oval LED is specifically designed for passenger information signs
More results

Similar Description - 3474GADBAMPAXMS

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
6374Y5DAAKMBXMS EVERLIGHT-6374Y5DAAKMBXMS Datasheet
95Kb / 6P
   This precision optical performance oval LED is specifically designed for passenger information signs
3474Y3DBAGKBXMS EVERLIGHT-3474Y3DBAGKBXMS Datasheet
95Kb / 6P
   This precision optical performance oval LED is specifically designed for passenger information signs
5484Y3DCAHLCXMS EVERLIGHT-5484Y3DCAHLCXMS Datasheet
100Kb / 6P
   This precision optical performance oval LED is specifically designed for passenger information signs
6364G1DAANQAXMS EVERLIGHT-6364G1DAANQAXMS Datasheet
111Kb / 7P
   This precision optical performance oval LED is specifically designed for passenger information signs
3474R3DBAHKBXMS EVERLIGHT-3474R3DBAHKBXMS Datasheet
93Kb / 6P
   This precision optical performance oval LED is specifically designed for passenger information signs
5484GADCAMPAXMS EVERLIGHT-5484GADCAMPAXMS Datasheet
93Kb / 6P
   This precision optical performance oval LED is specifically designed for passenger information signs
3474R3DBAGKBXMS EVERLIGHT-3474R3DBAGKBXMS Datasheet
93Kb / 6P
   This precision optical performance oval LED is specifically designed for passenger information signs
5484Y5DCAJLBXMS EVERLIGHT-5484Y5DCAJLBXMS Datasheet
99Kb / 6P
   This precision optical performance oval LED is specifically designed for passenger information signs
3474B1DBAFHAXMS EVERLIGHT-3474B1DBAFHAXMS Datasheet
111Kb / 7P
   This precision optical performance oval LED is specifically designed for passenger information signs
3474G1DBALNAXMS EVERLIGHT-3474G1DBALNAXMS Datasheet
111Kb / 7P
   This precision optical performance oval LED is specifically designed for passenger information signs
5484BADCAFHAXMS EVERLIGHT-5484BADCAFHAXMS Datasheet
93Kb / 6P
   This precision optical performance oval LED is specifically designed for passenger information signs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com