Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-1111B28MC-NYNTFG Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-1111B28MC-NYNTFG
Description  HIGH RIPPLE-REJECTION LOW DROPOUT
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1111B28MC-NYNTFG Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-1111B28MC-NYNTFG Datasheet HTML 1Page - Seiko Instruments Inc S-1111B28MC-NYNTFG Datasheet HTML 2Page - Seiko Instruments Inc S-1111B28MC-NYNTFG Datasheet HTML 3Page - Seiko Instruments Inc S-1111B28MC-NYNTFG Datasheet HTML 4Page - Seiko Instruments Inc S-1111B28MC-NYNTFG Datasheet HTML 5Page - Seiko Instruments Inc S-1111B28MC-NYNTFG Datasheet HTML 6Page - Seiko Instruments Inc S-1111B28MC-NYNTFG Datasheet HTML 7Page - Seiko Instruments Inc S-1111B28MC-NYNTFG Datasheet HTML 8Page - Seiko Instruments Inc S-1111B28MC-NYNTFG Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1111/1121 Series
Rev.4.1_00
Seiko Instruments Inc.
4
2. Product name list (S-1111 Series)
Table 1
Output Voltage
SOT-23-5
1.5V±1.0%
S-1111B15MC-NYATFG
1.6V±1.0%
S-1111B16MC-NYBTFG
1.7V±1.0%
S-1111B17MC-NYCTFG
1.8V±1.0%
S-1111B18MC-NYDTFG
1.9V±1.0%
S-1111B19MC-NYETFG
2.0V±1.0%
S-1111B20MC-NYFTFG
2.1V±1.0%
S-1111B21MC-NYGTFG
2.2V±1.0%
S-1111B22MC-NYHTFG
2.3V±1.0%
S-1111B23MC-NYITFG
2.4V±1.0%
S-1111B24MC-NYJTFG
2.5V±1.0%
S-1111B25MC-NYKTFG
2.6V±1.0%
S-1111B26MC-NYLTFG
2.7V±1.0%
S-1111B27MC-NYMTFG
2.8V±1.0%
S-1111B28MC-NYNTFG
2.9V±1.0%
S-1111B29MC-NYOTFG
3.0V±1.0%
S-1111B30MC-NYPTFG
3.1V±1.0%
S-1111B31MC-NYQTFG
3.2V±1.0%
S-1111B32MC-NYRTFG
3.3V±1.0%
S-1111B33MC-NYSTFG
3.4V±1.0%
S-1111B34MC-NYTTFG
3.5V±1.0%
S-1111B35MC-NYUTFG
3.6V±1.0%
S-1111B36MC-NYVTFG
3.7V±1.0%
S-1111B37MC-NYWTFG
3.8V±1.0%
S-1111B38MC-NYXTFG
3.9V±1.0%
S-1111B39MC-NYYTFG
4.0V±1.0%
S-1111B40MC-NYZTFG
4.1V±1.0%
S-1111B41MC-NZATFG
4.2V±1.0%
S-1111B42MC-NZBTFG
4.3V±1.0%
S-1111B43MC-NZCTFG
4.4V±1.0%
S-1111B44MC-NZDTFG
4.5V±1.0%
S-1111B45MC-NZETFG
4.6V±1.0%
S-1111B46MC-NZFTFG
4.7V±1.0%
S-1111B47MC-NZGTFG
4.75V±1.0%
4.8V±1.0%
S-1111B48MC-NZHTFG
4.9V±1.0%
S-1111B49MC-NZITFG
5.0V±1.0%
S-1111B50MC-NZJTFG
5.1V±1.0%
S-1111B51MC-NZKTFG
5.2V±1.0%
S-1111B52MC-NZLTFG
5.3V±1.0%
S-1111B53MC-NZMTFG
5.4V±1.0%
S-1111B54MC-NZNTFG
5.5V±1.0%
S-1111B55MC-NZOTFG
Remark Please contact our sales office for type A products.


Similar Part No. - S-1111B28MC-NYNTFG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S-1111A ETC2-S-1111A Datasheet
191Kb / 7P
   ROTARY CODED SWITCHES
S-1111A ETC2-S-1111A Datasheet
320Kb / 7P
   ROTARY CODED SWITCHES
S-1111AW ETC2-S-1111AW Datasheet
320Kb / 7P
   ROTARY CODED SWITCHES
More results

Similar Description - S-1111B28MC-NYNTFG

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S1172 SII-S1172 Datasheet
554Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT
S1155 SII-S1155 Datasheet
486Kb / 28P
   HIGH RIPPLE-REJECTION LOW DROPOUT
S1135 SII-S1135 Datasheet
924Kb / 48P
   HIGH RIPPLE-REJECTION LOW DROPOUT
S1701 SII-S1701 Datasheet
935Kb / 71P
   HIGH RIPPLE-REJECTION LOW DROPOUT
S1165 SII-S1165 Datasheet
397Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT
S13A1 SII-S13A1 Datasheet
1Mb / 75P
   HIGH RIPPLE-REJECTION LOW DROPOUT
S1112 SII-S1112 Datasheet
664Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT
S1170 SII-S1170 Datasheet
685Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT
S1132 SII-S1132 Datasheet
573Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT
SL2980 SII-SL2980 Datasheet
367Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com