Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-812C21AMC-C2BT2G Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-812C21AMC-C2BT2G
Description  HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-812C21AMC-C2BT2G Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-812C21AMC-C2BT2G Datasheet HTML 1Page - Seiko Instruments Inc S-812C21AMC-C2BT2G Datasheet HTML 2Page - Seiko Instruments Inc S-812C21AMC-C2BT2G Datasheet HTML 3Page - Seiko Instruments Inc S-812C21AMC-C2BT2G Datasheet HTML 4Page - Seiko Instruments Inc S-812C21AMC-C2BT2G Datasheet HTML 5Page - Seiko Instruments Inc S-812C21AMC-C2BT2G Datasheet HTML 6Page - Seiko Instruments Inc S-812C21AMC-C2BT2G Datasheet HTML 7Page - Seiko Instruments Inc S-812C21AMC-C2BT2G Datasheet HTML 8Page - Seiko Instruments Inc S-812C21AMC-C2BT2G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
Rev.4.0_00
HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
S-812C Series
Seiko Instruments Inc.
1
The S-812C Series is a high-withstand voltage
regulator IC which is developed by using the CMOS
technology. This IC is suitable for applications which
require withstand because its maximum voltage for
operation is as high as 16 V, also for portable device
having the low current consumption because this IC
not only has the low current consumption but also a
power-off circuit. This IC operates stably due to the
internal phase compensation circuit so that users are
able to use ceramic capacitor as the output capacitor.
Features
• Low current consumption: Current at operation: Typ. 1.0 µA, Max. 1.8 µA (product with 3.0 V)
• Output voltage:
2.0 to 6.0 V, selectable in 0.1 V step.
• Output voltage accuracy: ±2.0%
• Output current:
50 mA capable (3.0 V output product, VIN=5 V)
*1
75 mA capable (5.0 V output product, VIN=7 V)
*1
• Dropout voltage:
Typ. 120 mV (VOUT = 5.0 V, IOUT = 10 mA)
• Built-in Power-off circuit:
Selectable if power-off function is available or not.
Active high or low in the regulator is selectable.
• Short-circuit protection:
Selectable with/without short-circuit protection.
Short-circuited current 40 mA Typ.: in the product with protection.
• Operation voltage:
16 V max.
• Lead-free product
*1. Attention should be paid to the power dissipation of the package when the load is large.
Applications
• Power source for home electric/electronic appliances
• Power source for battery-powered devices
• Power source for communication devices
Packages
Drawing code
Package name
Package
Tape
Reel
Zigzag
Land
SNT-6A(H)
PI006-A
PI006-A
PI006-A
PI006-A
SOT-23-5
MP005-A
MP005-A
MP005-A
SOT-89-3
UP003-A
UP003-A
UP003-A
SOT-89-5
UP005-A
UP005-A
UP005-A
TO-92 (Bulk)
YS003-B
TO-92 (Tape and reel)
YF003-A
YF003-A
YF003-A
TO-92 (Tape and ammo)
YF003-A
YZ003-C
YZ003-C


Similar Part No. - S-812C21AMC-C2BT2G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-812C21AMC-C2BT2X ABLIC-S-812C21AMC-C2BT2X Datasheet
803Kb / 56P
   16 V INPUT, 75 mA VOLTAGE REGULATOR
Rev.7.0_01
More results

Similar Description - S-812C21AMC-C2BT2G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-812C30BMC-C4KT2G SII-S-812C30BMC-C4KT2G Datasheet
786Kb / 50P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
LR1012 UTC-LR1012 Datasheet
228Kb / 6P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
LR1012 UTC-LR1012_16 Datasheet
254Kb / 6P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
LR1012 UTC-LR1012_V01 Datasheet
301Kb / 4P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LR1012 ETL-LR1012 Datasheet
227Kb / 7P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
Seiko Instruments Inc
S-812C50AMC-C3ET2G SII-S-812C50AMC-C3ET2G Datasheet
786Kb / 50P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
S812C SII-S812C Datasheet
332Kb / 26P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM9827AB-S ELM-TECH-ELM9827AB-S Datasheet
124Kb / 12P
   CMOS Voltage regulator
logo
Seiko Instruments Inc
S-19212B30H-V5T2U SII-S-19212B30H-V5T2U Datasheet
3Mb / 58P
   CMOS VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM98-SERIES ELM-TECH-ELM98-SERIES Datasheet
1Mb / 12P
   CMOS Voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com