Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5C-ARTC Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # R5C-ARTC
Description  3mm POWER LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

R5C-ARTC Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  R5C-ARTC Datasheet HTML 1Page - Everlight Electronics Co., Ltd R5C-ARTC Datasheet HTML 2Page - Everlight Electronics Co., Ltd R5C-ARTC Datasheet HTML 3Page - Everlight Electronics Co., Ltd R5C-ARTC Datasheet HTML 4Page - Everlight Electronics Co., Ltd R5C-ARTC Datasheet HTML 5Page - Everlight Electronics Co., Ltd R5C-ARTC Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Technical Data Sheet
3mm POWER LED
30-01/R5C-ARTC
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev. 1
Page: 4 of 6
Device number:DLE-300-101
Established date: 05-17-2007
Established by: Jim Lin
Typical Electro-Optical Characteristics Curves
Relative Intensity vs. Wavelength
Forward Current vs. Forward Voltage
Relative Intensity vs. Forward Current
Forward Current vs. Ambient Temp.
Relative Intensity vs. Angle Displacement
10
30
50
70
0
204060
FORWARD CURRENT (mA)
0.00
0.20
0.40
0.60
0.80
1.00
1.40
1.80
2.20
2.60
3.00
1.60
2.00
2.40
2.80
3.20
FORWARD VOLTAGE (V)
0
20
40
60
80
580
600
620
640
660
680
WAVELENGTH (nm)
0.00
0.50
1.00
0
20406080 100 120 140
0
10
20
30
40
50
60
70
80
AMBIENT TEMPERATURE (C)
0
30
60
90
-80
-60
-40
-20
0
0.0
0.2
0.4
0.6
0.8
1.0
Viewing Angle(degree)


Similar Part No. - R5C-ARTC

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
R5CA5111P ROITHNER-R5CA5111P Datasheet
248Kb / 4P
   Visible LED 5 mm
logo
E-SWITCH
R5CBLKBLKEF0 E-SWITCH-R5CBLKBLKEF0 Datasheet
161Kb / 1P
   E-SWITCH R5CBLKBLKEF0
More results

Similar Description - R5C-ARTC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
36-01-T4C-4PRB EVERLIGHT-36-01-T4C-4PRB Datasheet
178Kb / 8P
   3mm POWER LED
B4C-AKNB EVERLIGHT-B4C-AKNB Datasheet
140Kb / 7P
   3mm POWER LED
36-01-Y3C-ARTC EVERLIGHT-36-01-Y3C-ARTC Datasheet
563Kb / 6P
   3mm POWER LED
30-01-T4C-4PRB EVERLIGHT-30-01-T4C-4PRB Datasheet
150Kb / 8P
   3mm POWER LED
36-01-R3C-ARTC EVERLIGHT-36-01-R3C-ARTC Datasheet
211Kb / 6P
   3mm POWER LED
36-01-B4C-AKNB EVERLIGHT-36-01-B4C-AKNB Datasheet
172Kb / 7P
   3mm POWER LED
36-01-G4C-ARTB EVERLIGHT-36-01-G4C-ARTB Datasheet
169Kb / 7P
   3mm POWER LED
36-01-R3C-ARTC EVERLIGHT-36-01-R3C-ARTC Datasheet
211Kb / 6P
   3mm POWER LED
T4C-4PRB EVERLIGHT-T4C-4PRB Datasheet
150Kb / 8P
   3mm POWER LED
31-01-Y3C-ARTC EVERLIGHT-31-01-Y3C-ARTC Datasheet
170Kb / 6P
   3mm POWER LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com