Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-80138ALMC-JAXT2G Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-80138ALMC-JAXT2G
Description  ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-80138ALMC-JAXT2G Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-80138ALMC-JAXT2G Datasheet HTML 7Page - Seiko Instruments Inc S-80138ALMC-JAXT2G Datasheet HTML 8Page - Seiko Instruments Inc S-80138ALMC-JAXT2G Datasheet HTML 9Page - Seiko Instruments Inc S-80138ALMC-JAXT2G Datasheet HTML 10Page - Seiko Instruments Inc S-80138ALMC-JAXT2G Datasheet HTML 11Page - Seiko Instruments Inc S-80138ALMC-JAXT2G Datasheet HTML 12Page - Seiko Instruments Inc S-80138ALMC-JAXT2G Datasheet HTML 13Page - Seiko Instruments Inc S-80138ALMC-JAXT2G Datasheet HTML 14Page - Seiko Instruments Inc S-80138ALMC-JAXT2G Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
Rev.3.3_00
S-801 Series
Seiko Instruments Inc.
11
Absolute Maximum Ratings
Table 5
(Ta
=25°C unless otherwise specified)
Item
Symbol
Absolute maximum ratings
Unit
Power supply voltage
VDD−VSS
12
V
Output voltage Nch open-drain output products
VOUT
VSS−0.3 to VSS+12
CMOS output products
VSS−0.3 to VDD+0.3
Output current
IOUT
50
mA
SOT-23-5
PD
250 (When not mounted on board)
mW
600
*1
SNT-4A
140 (When not mounted on board)
Power
dissipation
300
*1
Operating ambient temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−40 to +125
*1. When mounted on board
[Mounted board]
(1) Board size:
114.3 mm
× 76.2 mm × t1.6 mm
(2) Board name: JEDEC STANDARD51-7
Caution The absolute maximum ratings are rated values exceeding which the product could suffer
physical damage. These values must therefore not be exceeded under any conditions.
0
50
100
150
600
400
0
Ambient Temperature (Ta) [
°C]
200
100
300
500
700
SNT-4A
SOT-23-5
Figure 5 Power Dissipation of Package (When Mounted on Board)


Similar Part No. - S-80138ALMC-JAXT2G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-80138ALMC-JAXT2X ABLIC-S-80138ALMC-JAXT2X Datasheet
1Mb / 34P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
Rev.4.2_01
More results

Similar Description - S-80138ALMC-JAXT2G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-80142ANMC-JC3T2G SII-S-80142ANMC-JC3T2G Datasheet
431Kb / 33P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
logo
ABLIC Inc.
S-801 ABLIC-S-801 Datasheet
1Mb / 34P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
Rev.4.2_01
logo
Seiko Instruments Inc
S-809XXC SII-S-809XXC Datasheet
539Kb / 36P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
logo
ABLIC Inc.
S-809XXC ABLIC-S-809XXC Datasheet
615Kb / 37P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
Rev.4.1_02
logo
SHANGHAI BELLING CO., L...
BL8509B BELLING-BL8509B Datasheet
288Kb / 10P
   Ultra-small package High-precision Voltage Detector with delay
logo
Seiko Instruments Inc
S1011 SII-S1011 Datasheet
2Mb / 43P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
logo
ABLIC Inc.
S-1011 ABLIC-S-1011 Datasheet
2Mb / 43P
   HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
Rev.1.2_02
S-1004 ABLIC-S-1004 Datasheet
2Mb / 42P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR WITH SENSE PIN
Rev.2.1_02
logo
Seiko Instruments Inc
S19110JXXH SII-S19110JXXH Datasheet
5Mb / 46P
   FOR AUTOMOTIVEOPERATION HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
logo
ABLIC Inc.
S-1003 ABLIC-S-1003 Datasheet
660Kb / 42P
   MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) HIGH-ACCURACY VOLTAGE DETECTOR
Rev.1.0_03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com