Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8120C Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-8120C
Description  CMOS TEMPERATURE SENSOR IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8120C Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-8120C Datasheet HTML 1Page - Seiko Instruments Inc S-8120C Datasheet HTML 2Page - Seiko Instruments Inc S-8120C Datasheet HTML 3Page - Seiko Instruments Inc S-8120C Datasheet HTML 4Page - Seiko Instruments Inc S-8120C Datasheet HTML 5Page - Seiko Instruments Inc S-8120C Datasheet HTML 6Page - Seiko Instruments Inc S-8120C Datasheet HTML 7Page - Seiko Instruments Inc S-8120C Datasheet HTML 8Page - Seiko Instruments Inc S-8120C Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Rev.4.3_00
CMOS TEMPERATURE SENSOR IC
S-8110C/8120C Series
Seiko Instruments Inc.
1
The S-8110C/8120C Series is a family of high-precision
temperature sensor ICs on a single chip with a linear
output voltage for temperature changes.
Each chip is composed of a temperature sensor, a
constant current circuit, and an operational amplifier.
It can be used at temperatures ranging from –40
°C to
100
°C. These devices have much better linearity than
other temperature sensors such as thermistors, and can
be used for a wide range of temperature control
applications.
Features
• Temperature accuracy
S-8110C Series:
±5.0 °C (–30 to 100 °C)
S-8120C Series:
±2.5 °C (–30 to 100 °C)
• Linear output voltage
–8.20 mV/
°C Typ.
Ta
=–30 °C:
1.951 V Typ.
Ta
=+30 °C:
1.474 V Typ.
Ta
=+100 °C: 0.882 V Typ.
• Nonlinearity
±0.5 % typ. (–20 to 80 °C)
• Wide power supply voltage operation V
DD=2.4 to 10.0 V
• Low current consumption
4.5
μA typ. (25 °C)
• Built-in operational amplifier
• V
SS standard output
• Ultra-small plastic package
SC-82AB, SNT-4A
• Lead-free products
Applications
• Compensation of high-frequency circuits such as cellular phones and radio equipment
• Compensation of oscillation frequency in crystal oscillator
• LCD contrast compensation
• Compensation of amplifier gain
• Compensation of auto focus circuits
• Temperature detection in battery management
• Overheating prevention for charged batteries or halogen lights
Packages
Package name
Drawing code
Package
Tape
Reel
Land
SC-82AB
NP004-A
NP004-A
NP004-A
SNT-4A
PF004-A
PF004-A
PF004-A
PF004-A


Similar Part No. - S-8120C

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8120ANP SII-S-8120ANP Datasheet
123Kb / 9P
   LOW-VOLTAGE C-MOS HIGH-PRECISION TEMPERATURE SENSOR IC
More results

Similar Description - S-8120C

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8110C SII-S8110C Datasheet
486Kb / 23P
   CMOS TEMPERATURE SENSOR IC
S-58LM20A SII-S-58LM20A Datasheet
509Kb / 27P
   CMOS TEMPERATURE SENSOR IC
S-5815A SII-S-5815A Datasheet
240Kb / 16P
   CMOS TEMPERATURE SENSOR IC
S-5813A SII-S-5813A Datasheet
183Kb / 18P
   CMOS TEMPERATURE SENSOR IC
S58LM20A SII-S58LM20A Datasheet
538Kb / 28P
   CMOS TEMPERATURE SENSOR IC
S5813A SII-S5813A Datasheet
440Kb / 19P
   CMOS TEMPERATURE SENSOR IC
logo
Nippon Precision Circui...
SM6610AH NPC-SM6610AH Datasheet
84Kb / 6P
   CMOS Monolithic Temperature Sensor IC
SM6610 NPC-SM6610 Datasheet
106Kb / 7P
   CMOS Monolithic Analog Output Temperature Sensor IC
logo
TOKO, Inc
TK11034 TOKO-TK11034 Datasheet
42Kb / 6P
   TEMPERATURE SENSOR IC
logo
Panasonic Semiconductor
AN6701S PANASONIC-AN6701S Datasheet
34Kb / 4P
   Temperature Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com