Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD1611ALFIVP-4 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TD1611ALFIVP-4
Description  Tuner module for digital terrestrial (OFDM) applications
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TD1611ALFIVP-4 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TD1611ALFIVP-4 Datasheet HTML 2Page - NXP Semiconductors TD1611ALFIVP-4 Datasheet HTML 3Page - NXP Semiconductors TD1611ALFIVP-4 Datasheet HTML 4Page - NXP Semiconductors TD1611ALFIVP-4 Datasheet HTML 5Page - NXP Semiconductors TD1611ALFIVP-4 Datasheet HTML 6Page - NXP Semiconductors TD1611ALFIVP-4 Datasheet HTML 7Page - NXP Semiconductors TD1611ALFIVP-4 Datasheet HTML 8Page - NXP Semiconductors TD1611ALFIVP-4 Datasheet HTML 9Page - NXP Semiconductors TD1611ALFIVP-4 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
NXP Semiconductors
TD1600ALF-4
Tuner module for digital terrestrial (OFDM) applications
TD1600ALF-4
© NXP B.V. 2006. All rights reserved.
Preliminary data sheet
Rev.c — 23-04-2007
6 of 27
6.
Limiting values
Table 4.
Limiting values under non-operational conditions
Table description (optional)
Symbol
Parameter
Conditions
Min
Max
Unit
TAMB
Ambient temperature
-25
+85
°C
RH
Relative humidity
-
95
%
gB
Bump acceleration
25g
-
245
m/s
2
gS
Shock acceleration
50g
-
490
m/s
2
Avib
Vibration amplitude
10Hz to-55 Hz
-
0.35
mm
7.
Static Characteristics
Table 5.
Static characteristics
TAMB = -10°C to +60°C, RH=95
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VL
DC-loopthrough to input
connector
Optional
-
-
20
V
IL
Max. permissible current
-
-
35
mA
VTU
Tuner supply voltage
4.75
5.00
5.25
V
ITU
Relevant supply current
180
200
210
mA
VAGC
Tuner AGC input voltage
-
4.0
4.5
V
∆V
AGC
AGC input voltage range
0.3
-
4.0
V
IAGC
AGC control current
at 0V AGC
voltage
-2
-
-
mA
VIF-AGC
IF- AGC input voltage
-
3.0
4.0
V
VIF-AGC
IF- AGC input voltage
range
0
-
3.5
V
IIF-AGC
IF- AGC input current
-
-
10
µA
VAS
Address select input
voltage
-
-
5.25
V
VSCL
Serial clock input voltage
-0.3
-
5.25
V
VSDA
Serial data input voltage
-0.3
-
5.25
V
ISDA
Serial data input current
-1
-
5
mA


Similar Part No. - TD1611ALFIVP-4

ManufacturerPart #DatasheetDescription
logo
TECHCODE SEMICONDUCTOR,...
TD1609 TECHCODE-TD1609 Datasheet
486Kb / 11P
   1.6A 150KHz PWM Buck DC/DC Converter
logo
eupec GmbH
TD162N EUPEC-TD162N Datasheet
416Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
logo
Infineon Technologies A...
TD162N16KOF INFINEON-TD162N16KOF Datasheet
416Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
04.07.02 revision:1
More results

Similar Description - TD1611ALFIVP-4

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN88441 PANASONIC-MN88441 Datasheet
59Kb / 5P
   OFDM Demodulation LSI for Digital Terrestrial Broadcasting in Japan
logo
Silicon Laboratories
SI2124 SILABS-SI2124 Datasheet
86Kb / 2P
   Digital Terrestrial Set-Top Box Tuner
logo
Skyworks Solutions Inc.
SI2124 SKYWORKS-SI2124 Datasheet
190Kb / 2P
   Digital Terrestrial Set-Top Box Tuner
August 9, 2021
logo
NXP Semiconductors
TDA18212HN NXP-TDA18212HN Datasheet
220Kb / 10P
   Silicon Tuner for terrestrial and cable digital TV reception
Rev. 2-12 August 2010
TDA18214 NXP-TDA18214 Datasheet
226Kb / 8P
   Silicon tuner for digital terrestrial and cable TV reception
Rev. 1-13 July 2012
logo
Advanced Crystal Techno...
ACTX2748D ACT-ACTX2748D Datasheet
92Kb / 4P
   Bandpass Filter for Digital Terrestrial TV Applications
SEPT 04
ACTX3142D ACT-ACTX3142D Datasheet
97Kb / 3P
   Bandpass Filter for Digital Terrestrial TV Applications
SEPT 04
logo
STMicroelectronics
TDA7546 STMICROELECTRONICS-TDA7546 Datasheet
950Kb / 68P
   Multichip module for TMC tuner applications
logo
NXP Semiconductors
TDA18273HN NXP-TDA18273HN_11 Datasheet
102Kb / 10P
   Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
Rev. 3-10 May 2011
TDA18273HN NXP-TDA18273HN Datasheet
84Kb / 8P
   Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
Rev. 2-15 December 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com