Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD1311ALFIVP-4 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TD1311ALFIVP-4
Description  Tuner module for digital terrestrial (OFDM) applications
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TD1311ALFIVP-4 Datasheet(HTML) 2 Page - NXP Semiconductors

  TD1311ALFIVP-4 Datasheet HTML 1Page - NXP Semiconductors TD1311ALFIVP-4 Datasheet HTML 2Page - NXP Semiconductors TD1311ALFIVP-4 Datasheet HTML 3Page - NXP Semiconductors TD1311ALFIVP-4 Datasheet HTML 4Page - NXP Semiconductors TD1311ALFIVP-4 Datasheet HTML 5Page - NXP Semiconductors TD1311ALFIVP-4 Datasheet HTML 6Page - NXP Semiconductors TD1311ALFIVP-4 Datasheet HTML 7Page - NXP Semiconductors TD1311ALFIVP-4 Datasheet HTML 8Page - NXP Semiconductors TD1311ALFIVP-4 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
NXP Semiconductors
TD1600ALF-4
Tuner module for digital terrestrial (OFDM) applications
TD1600ALF-4
© NXP B.V. 2006. All rights reserved.
Preliminary data sheet
Rev.c — 23-04-2007
2 of 27
Table 1.
Frequency allocation table
Parameter
TD1611ALF-4/ TD1311ALF-4
TD1344ALF-4
174 MHz – 230 MHz
RF frequency range
474 MHz – 858 MHz
(*)
474 MHz – 858 MHz
(*)
Channel bandwidth
7/8MHz
8 MHz
RF-loopthrough range
ch E2 - ch E69
ch E2 - ch E69
IF-center frequency
36.16 MHz
36.16 MHz
RF input connector
IEC female
IEC female
RF output connector
IEC male
IEC male
(*) data refer to RF-channel center frequency.
2.
Features
Highly integrated RF-module, 3-band tuner plus active loopthrough
+5V supply voltage only; no external tuning voltage required
Tuners for horizontal and vertical mounting available
Option with DC – power output through input connector (e.g. indoor antenna supply)
Tuners comply with relevant CENELEC standards with regard to requirements
concerning signal handling capability and immunity
Superior low noise and high sensitivity performance
RF-in to RF-out loopthrough amplifiers
Low noise and excellent linearity
Full VHF to UHF frequency range coverage
Standard connectors for in- and output e.g. IEC, F-connector, RCA
High performance and cost effective single conversion tuner
I2C programmable
400kHz Bus compliant
Fast PLL tuning speed (programmable step size e.g. 62.5kHz and 166.67kHz)
Tuner internal gain control loop with selectable TakeOverPoint settings via I2C Bus
External gain control possible with internal loop disabled
4.0V (max. gain) to 0V (min. gain) gain control voltage
Flat overall frequency response
High PLL loop bandwidth which ensures very low oscillator phase noise
4 MHz crystal reference frequency output
SAW-filter and IF-amplifier included
Switchable 7/8 MHz SAW filter
Fixed 8 MHZ SAW filter
IF-amplification controllable over a wide range


Similar Part No. - TD1311ALFIVP-4

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
TD131N EUPEC-TD131N Datasheet
198Kb / 5P
   EUPEC
More results

Similar Description - TD1311ALFIVP-4

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN88441 PANASONIC-MN88441 Datasheet
59Kb / 5P
   OFDM Demodulation LSI for Digital Terrestrial Broadcasting in Japan
logo
Silicon Laboratories
SI2124 SILABS-SI2124 Datasheet
86Kb / 2P
   Digital Terrestrial Set-Top Box Tuner
logo
Skyworks Solutions Inc.
SI2124 SKYWORKS-SI2124 Datasheet
190Kb / 2P
   Digital Terrestrial Set-Top Box Tuner
August 9, 2021
logo
NXP Semiconductors
TDA18212HN NXP-TDA18212HN Datasheet
220Kb / 10P
   Silicon Tuner for terrestrial and cable digital TV reception
Rev. 2-12 August 2010
TDA18214 NXP-TDA18214 Datasheet
226Kb / 8P
   Silicon tuner for digital terrestrial and cable TV reception
Rev. 1-13 July 2012
logo
Advanced Crystal Techno...
ACTX2748D ACT-ACTX2748D Datasheet
92Kb / 4P
   Bandpass Filter for Digital Terrestrial TV Applications
SEPT 04
ACTX3142D ACT-ACTX3142D Datasheet
97Kb / 3P
   Bandpass Filter for Digital Terrestrial TV Applications
SEPT 04
logo
STMicroelectronics
TDA7546 STMICROELECTRONICS-TDA7546 Datasheet
950Kb / 68P
   Multichip module for TMC tuner applications
logo
NXP Semiconductors
TDA18273HN NXP-TDA18273HN_11 Datasheet
102Kb / 10P
   Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
Rev. 3-10 May 2011
TDA18273HN NXP-TDA18273HN Datasheet
84Kb / 8P
   Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
Rev. 2-15 December 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com