Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-7750C22XX-HCT1 Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-7750C22XX-HCT1
Description  PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-7750C22XX-HCT1 Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-7750C22XX-HCT1 Datasheet HTML 1Page - Seiko Instruments Inc S-7750C22XX-HCT1 Datasheet HTML 2Page - Seiko Instruments Inc S-7750C22XX-HCT1 Datasheet HTML 3Page - Seiko Instruments Inc S-7750C22XX-HCT1 Datasheet HTML 4Page - Seiko Instruments Inc S-7750C22XX-HCT1 Datasheet HTML 5Page - Seiko Instruments Inc S-7750C22XX-HCT1 Datasheet HTML 6Page - Seiko Instruments Inc S-7750C22XX-HCT1 Datasheet HTML 7Page - Seiko Instruments Inc S-7750C22XX-HCT1 Datasheet HTML 8Page - Seiko Instruments Inc S-7750C22XX-HCT1 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
S-7750C
Rev.1.1_00
Seiko Instruments Inc.
4
General Description of Pin Function
1. SDA (Serial data I/O) pin
The SDA pin transmits serial data bi-directionally, is comprised of a signal input pin and a pin with Nch transistor open
drain output. In use, generally, connect the SDA line to any other device which has the open-drain or open-collector
output with Wired-OR connection by pulling up to VCCH by a resistor.
2. SCL (Input for serial clock) pin
The SCL pin is an input pin for serial clock, processes a signal at a rising / falling edge of SCL clock. Pay attention
fully to the rising / falling time and comply with specifications.
3. WP (Input for Write protect) pin
This pin performs Write Protect to E
2PROM (This pin does not have a function for Write protect to the register).
Set the WP pin in VCCH when using the Write Protect function. If not, set the WP pin to GND.
4. TIMEN (Input for timer enable) pin
This pin controls enable (“H”) /disable (“L”) / start (“L”→”H”) in the timer action (inversion of digital output due to
elapsed period). Regarding the timer action, refer to “
Command” and “
Condition to start timer, Port Output
and Register”. When raising VCCH and TIMEN simultaneously, set VCCH
≥ 2.5 V.
5. CLK (Input for external clock) pin
As primary clock in the circuit action, users are able to use clock either from the internal oscillation circuit or input it
externally by option. Users can input clock from this pin in case of using external clock. If not, connect this pin to
VCCH or GND.
6. DO7 to DO0 (Digital output) pin
These pins are for the digital output port. Their values are equal to the ones of a control port register during output. Its
output inverts after; the timer starts and delay time has elapsed. Regarding the timer action, refer to “ Command”
and “ Condition to start timer, Port Output and Register”.
7. VSS pin
Connect to GND.
8. VCCH pin
Except for the output ports, the power supply is applied to the entire circuit via this pin. Regarding the voltage’s value
to be applied to this pin, refer to “ Recommended Operating Conditions”.
9. VCCL pin
This pin is to apply the power supply for the output ports. Regarding the voltage’s value to be applied to this pin, refer
to “ Recommended Operating Conditions”.


Similar Part No. - S-7750C22XX-HCT1

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-77100 SII-S-77100 Datasheet
4Mb / 40P
   POWER SEQUENCER
logo
ABLIC Inc.
S-77100 ABLIC-S-77100 Datasheet
2Mb / 40P
   POWER SEQUENCER
Rev.1.0_02
S-77100A01-I8T1U4 ABLIC-S-77100A01-I8T1U4 Datasheet
2Mb / 40P
   POWER SEQUENCER
Rev.1.0_02
logo
Seiko Instruments Inc
S-77100AXX-I8T1U4 SII-S-77100AXX-I8T1U4 Datasheet
4Mb / 40P
   POWER SEQUENCER
S-77100AXX-T8T1U4 SII-S-77100AXX-T8T1U4 Datasheet
4Mb / 40P
   POWER SEQUENCER
More results

Similar Description - S-7750C22XX-HCT1

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-7760A SII-S-7760A Datasheet
844Kb / 53P
   PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
S7760A SII-S7760A Datasheet
3Mb / 54P
   PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
logo
Moxa Inc.
4530 MOXA-4530 Datasheet
3Mb / 6P
   Advanced modular controller with built-in serial port
logo
STMicroelectronics
STMPE811 STMICROELECTRONICS-STMPE811_08 Datasheet
508Kb / 54P
   8-bit port expander with advanced touchscreen controller
STMPE811 STMICROELECTRONICS-STMPE811 Datasheet
50Kb / 3P
   8-bit port expander with advanced touch screen controller
logo
List of Unclassifed Man...
SAA1061 ETC1-SAA1061 Datasheet
179Kb / 3P
   OUTPUT PORT EXPANDER
logo
STMicroelectronics
STMPE610 STMICROELECTRONICS-STMPE610 Datasheet
752Kb / 56P
   S-Touch?? advanced touchscreen controller with 6-bit port expander
STMPE1801BJR STMICROELECTRONICS-STMPE1801BJR Datasheet
666Kb / 60P
   Xpander Logic??18-bit enhanced port expander with keypad controller
March 2011 Rev 3
logo
Xicor Inc.
X84041 XICOR-X84041 Datasheet
67Kb / 13P
   Micro Port Saver E2PROM
logo
Microchip Technology
UCS1002-1 MICROCHIP-UCS1002-1 Datasheet
1Mb / 116P
   Programmable USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com